Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC100EL32 Datasheet(PDF) 6 Page - ON Semiconductor

Part # MC100EL32
Description  5V ECL 첨2 Divider
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EL32 Datasheet(HTML) 6 Page - ON Semiconductor

  MC100EL32 Datasheet HTML 1Page - ON Semiconductor MC100EL32 Datasheet HTML 2Page - ON Semiconductor MC100EL32 Datasheet HTML 3Page - ON Semiconductor MC100EL32 Datasheet HTML 4Page - ON Semiconductor MC100EL32 Datasheet HTML 5Page - ON Semiconductor MC100EL32 Datasheet HTML 6Page - ON Semiconductor MC100EL32 Datasheet HTML 7Page - ON Semiconductor MC100EL32 Datasheet HTML 8Page - ON Semiconductor MC100EL32 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
MC10EL32, MC100EL32
http://onsemi.com
6
ORDERING INFORMATION
Device
Package
Shipping
MC10EL32D
SOIC−8
98 Units / Rail
MC10EL32DG
SOIC−8
(Pb−Free)
98 Units / Rail
MC10EL32DR2
SOIC−8
2500 / Tape & Reel
MC10EL32DR2G
SOIC−8
(Pb−Free)
2500 / Tape & Reel
MC10EL32DT
TSSOP−8
100 Units / Rail
MC10EL32DTG
TSSOP−8
(Pb−Free)
100 Units / Rail
MC10EL32DTR2
TSSOP−8
2500 / Tape & Reel
MC10EL32DTR2G
TSSOP−8
(Pb−Free)
2500 / Tape & Reel
MC10EL32MNR4
DFN8
1000 / Tape & Reel
MC10EL32MNR4G
DFN8
(Pb−Free)
1000 / Tape & Reel
MC100EL32D
SOIC−8
98 Units / Rail
MC100EL32DG
SOIC−8
(Pb−Free)
98 Units / Rail
MC100EL32DR2
SOIC−8
2500 / Tape & Reel
MC100EL32DR2G
SOIC−8
(Pb−Free)
2500 / Tape & Reel
MC100EL32DT
TSSOP−8
100 Units / Rail
MC100EL32DTG
TSSOP−8
(Pb−Free)
100 Units / Rail
MC100EL32DTR2
TSSOP−8
2500 / Tape & Reel
MC100EL32DTR2G
TSSOP−8
(Pb−Free)
2500 / Tape & Reel
MC100EL32MNR4
DFN8
1000 / Tape & Reel
MC100EL32MNR4G
DFN8
(Pb−Free)
1000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
Resource Reference of Application Notes
AN1405/D
− ECL Clock Distribution Techniques
AN1406/D
− Designing with PECL (ECL at +5.0 V)
AN1503/D
− ECLinPSt I/O SPiCE Modeling Kit
AN1504/D
− Metastability and the ECLinPS Family
AN1568/D
− Interfacing Between LVDS and ECL
AN1672/D
− The ECL Translator Guide
AND8001/D − Odd Number Counters Design
AND8002/D − Marking and Date Codes
AND8020/D − Termination of ECL Logic Devices
AND8066/D − Interfacing with ECLinPS
AND8090/D − AC Characteristics of ECL Devices


Similar Part No. - MC100EL32

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EL32 ONSEMI-MC100EL32 Datasheet
76Kb / 3P
   첨2 Divider
1996 REV 3
MC100EL32 ONSEMI-MC100EL32 Datasheet
155Kb / 9P
   5V ECL 첨2 Divider
December, 2006 ??Rev. 6
MC100EL32D ONSEMI-MC100EL32D Datasheet
155Kb / 9P
   5V ECL 첨2 Divider
December, 2006 ??Rev. 6
MC100EL32D ONSEMI-MC100EL32D Datasheet
202Kb / 20P
   Evaluation Board Manual for High Frequency SOIC 8
August, 2004 ??Rev. 1
MC100EL32DG ONSEMI-MC100EL32DG Datasheet
155Kb / 9P
   5V ECL 첨2 Divider
December, 2006 ??Rev. 6
More results

Similar Description - MC100EL32

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EL32 ONSEMI-MC10EL32_06 Datasheet
155Kb / 9P
   5V ECL 첨2 Divider
December, 2006 ??Rev. 6
MC10EP32 ONSEMI-MC10EP32_06 Datasheet
165Kb / 11P
   3.3V / 5V ECL 첨2 Divider
December, 2006 ??Rev. 10
MC100LVEL32 ONSEMI-MC100LVEL32_06 Datasheet
140Kb / 8P
   3.3V ECL 첨2 Divider
December, 2006 ??Rev. 9
MC10EL33 ONSEMI-MC10EL33_06 Datasheet
155Kb / 10P
   5V ECL 첨4 Divider
December, 2006 ??Rev. 9
MC10EL33 ONSEMI-MC10EL33_08 Datasheet
152Kb / 10P
   5V ECL 첨4 Divider
August, 2008 ??Rev. 10
MC10EP33 ONSEMI-MC10EP33_06 Datasheet
165Kb / 11P
   3.3V / 5V ECL 첨4 Divider
December, 2006 ??Rev. 9
MC10EL32 ONSEMI-MC10EL32 Datasheet
76Kb / 3P
   첨2 Divider
1996 REV 3
MC100LVEL32 ONSEMI-MC100LVEL32 Datasheet
58Kb / 4P
   첨2 Divider
April, 2000 ??Rev. 1
MC100EP32 ONSEMI-MC100EP32 Datasheet
85Kb / 10P
   3.3V 5V ECL / 2 Divider
June, 2004 ??Rev. 7
MC100EL34 ONSEMI-MC100EL34 Datasheet
69Kb / 8P
   5V ECL 첨2, 첨4, 첨8 Clock Generation Chip
October, 2000 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com