Electronic Components Datasheet Search |
|
MC10E137FNR2G Datasheet(PDF) 6 Page - ON Semiconductor |
|
MC10E137FNR2G Datasheet(HTML) 6 Page - ON Semiconductor |
6 / 9 page MC10E137, MC100E137 http://onsemi.com 6 Table 8. AC CHARACTERISTICS VCCx = 5.0 V; VEE = 0.0 V or VCCx = 0.0 V; VEE = −5.0 V (Note 13) Symbol Characteristic 0°C 25°C 85°C Unit Min Typ Max Min Typ Max Min Typ Max fCOUNT Maximum Count Frequency 1800 2200 1800 2200 1800 2200 MHz tPLH tPHL Propagation Delay to Output CLK to Q0 CLK to Q1 CLK to Q2 CLK to Q3 CLK to Q4 CLK to Q5 CLK to Q6 CLK to Q7 A_Start to Q0 MR to Q0 1300 1600 1950 2275 2625 2950 3250 3575 950 700 1700 2025 2425 2750 3125 3450 3775 4075 1325 1000 2150 2500 2925 3350 3750 4150 4450 4800 1700 1300 1300 1600 1950 2275 2625 2950 3250 3575 950 700 1700 2050 2450 2775 3150 3475 3800 4125 1325 1000 2150 2500 2925 3350 3750 4150 4450 4800 1700 1300 1350 1650 2025 2350 2700 3050 3375 3700 950 700 1750 2100 2500 2850 3225 3550 3925 4250 1325 1000 2200 2550 3000 3425 3825 4250 4600 4950 1700 1300 ps ts Setup Time (EN1, EN2) 0 −150 0 −150 0 −150 ps th Hold Time (EN1, EN2) 300 150 300 150 300 150 ps tRR Reset Recovery Time MR, A_Start 400 200 400 200 400 200 ps tPW Minimum Pulse Width CLK, MR, A_Start 400 400 400 ps VPP Input Voltage Swing CLK/CLK (Differential Configuration) (Note 14) 0.25 1.0 0.25 1.0 0.25 1.0 V tJITTER Random Clock Jitter (RMS) < 1 < 1 < 1 ps tr tf Rise/Fall Times (20%−80%) Q0,Q1 Q2 to Q7 150 275 400 600 150 275 400 600 150 275 400 600 ps NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit values are applied individually under normal operating conditions and not valid simultaneously. 13.10 Series: VEE can vary −0.46 V / +0.06 V. 100 Series: VEE can vary −0.46 V / +0.8 V. 14.Minimum input swing for which AC parameters are guaranteed. Full DC ECL output swings will be generated with only 50 mV input swings. |
Similar Part No. - MC10E137FNR2G |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |