Electronic Components Datasheet Search |
|
MC7800AE Datasheet(PDF) 10 Page - ON Semiconductor |
|
MC7800AE Datasheet(HTML) 10 Page - ON Semiconductor |
10 / 34 page MC7800, MC7800A, MC7800AE, NCV7800 http://onsemi.com 10 ELECTRICAL CHARACTERISTICS (Vin = 15 V, IO = 1.0 A, TJ = Tlow to 125°C (Note 15), unless otherwise noted) Characteristic Symbol MC7809AB/MC7809AC Unit Min Typ Max Output Voltage (TJ = 25°C) VO 8.82 9.0 9.18 Vdc Output Voltage (5.0 mA ≤ IO ≤ 1.0 A, PD ≤ 15 W) 11.5 Vdc ≤ Vin ≤ 24 Vdc VO 8.65 9.0 9.35 Vdc Line Regulation (Note 16) 11.5 Vdc ≤ Vin ≤ 26 Vdc, IO = 500 mA 12 Vdc ≤ Vin ≤ 17 Vdc, IO = 1.0 A 11.5 Vdc ≤ Vin ≤ 24 Vdc, TJ = 25°C Regline − − − 6.2 1.8 5.2 16 7.0 16 mV Load Regulation (Note 16) 5.0 mA ≤ IO ≤ 1.5 A, TJ = 25°C 5.0 mA ≤ IO ≤ 1.0 A 250 mA ≤ IO ≤ 750 mA Regload − − − − − − 25 25 15 mV Quiescent Current IB − 3.3 6.0 mA Quiescent Current Change 11.5 Vdc ≤ Vin ≤ 26 Vdc, IO = 500 mA 11.5 Vdc ≤ Vin ≤ 24 Vdc, IO = 1.0 A, TJ = 25°C 5.0 mA ≤ IO ≤ 1.0 A DIB − − − − − − 0.8 0.8 0.5 mA Ripple Rejection 11.5 Vdc ≤ Vin ≤ 21.5 Vdc, f = 120 Hz, IO = 500 mA RR 56 61 − dB Dropout Voltage (IO = 1.0 A, TJ = 25°C) VI _ VO 2.0 Vdc Output Noise Voltage (TA = 25°C) 10 Hz ≤ f ≤ 100 kHz Vn − 10 − mV/VO Output Resistance f = 1.0 kHz rO − 1.0 − mW Short Circuit Current Limit (TA = 25°C) Vin = 35 Vdc ISC − 0.2 A Peak Output Current (TJ = 25°C) Imax − 2.2 − A Average Temperature Coefficient of Output Voltage TCVO − −0.5 − mV/°C 15.Tlow =0°C for MC78XXC, MC78XXAC, = *40°C for NCV78XX, MC78XXB, MC78XXAB. 16.Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken into account separately. Pulse testing with low duty cycle is used. |
Similar Part No. - MC7800AE |
|
Similar Description - MC7800AE |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |