Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHT4699-QDG Datasheet(PDF) 2 Page - United Monolithic Semiconductors

Part # CHT4699-QDG
Description  36-44GHz Variable Attenuator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHT4699-QDG Datasheet(HTML) 2 Page - United Monolithic Semiconductors

  CHT4699-QDG Datasheet HTML 1Page - United Monolithic Semiconductors CHT4699-QDG Datasheet HTML 2Page - United Monolithic Semiconductors CHT4699-QDG Datasheet HTML 3Page - United Monolithic Semiconductors CHT4699-QDG Datasheet HTML 4Page - United Monolithic Semiconductors CHT4699-QDG Datasheet HTML 5Page - United Monolithic Semiconductors CHT4699-QDG Datasheet HTML 6Page - United Monolithic Semiconductors CHT4699-QDG Datasheet HTML 7Page - United Monolithic Semiconductors CHT4699-QDG Datasheet HTML 8Page - United Monolithic Semiconductors CHT4699-QDG Datasheet HTML 9Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
CHT4699-QDG
36-44GHz Variable Attenuator
Ref. : DSCHT4699-QDG2118 - 27 Apr 12
2/12
Specifications subject to change without notice
Bât. Charmille - Parc SILIC - 10, Avenue du Québec - 91140 VILLEBON-SUR-YVETTE - France
Tel.: +33 (0) 1 69 86 32 00 - Fax: +33 (0) 1 69 86 34 34
Electrical Characteristics
Tamb.= +25°C,
Symbol
Parameter
Min
Typ
Max
Unit
Freq
Frequency range
36
44
GHz
Min Att.
|S21| (V1=-5V;V2=-5V)
-4
dB
Dyn
Attenuation dynamic
30
dB
RLin
Input Return loss (any attenuation)
-10
dB
RLout
Output Return loss (any attenuation)
-10
dB
Pin1dB
Input 1dB compression point (any
attenuation)
20
dBm
IIP3
Input 3
rd order Intercept Point (any
attenuation)
27
dBm
These values are representative of onboard measurements as defined on the drawing in
paragraph "Evaluation mother board".
Absolute Maximum Ratings
(1)
Tamb.= +25°C
Symbol
Parameter
Values
Unit
V1
V1 control voltage
-6 to +0.6
V
V2
V2 control voltage
-6 to +0.6
V
Pin
RF input power overdrive
(2)
+33
dBm
Ta
Operating temperature range
-40 to +85
°C
Tstg
Storage temperature range
-55 to +150
°C
(1) Operation of this device above anyone of these parameters may cause permanent damage.
(2) Duration < 1s.
Typical Bias Conditions
Tamb.= +25°C
Symbol
Pad N
o
Parameter
Values
Unit
V1
9
V1 control voltage
-5 to 0
V
V2
10
V2 control voltage
-5 to 0
V
For optimum linearity V1& V2 should be tuned in sequence.


Similar Part No. - CHT4699-QDG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHT4699-QDG UMS-CHT4699-QDG Datasheet
487Kb / 12P
   36-44GHz Variable Attenuator
CHT4699-QDG UMS-CHT4699-QDG_15 Datasheet
487Kb / 12P
   36-44GHz Variable Attenuator
More results

Similar Description - CHT4699-QDG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHT4699-QDG UMS-CHT4699-QDG_15 Datasheet
487Kb / 12P
   36-44GHz Variable Attenuator
CHT4699-99F UMS-CHT4699-99F Datasheet
474Kb / 12P
   36-44GHz Variable Attenuator
CHA2194 UMS-CHA2194_15 Datasheet
224Kb / 10P
   36-44GHz Low Noise Amplifier
CHA2194 UMS-CHA2194 Datasheet
195Kb / 10P
   36-44GHz Low Noise Amplifier
CHR2297 UMS-CHR2297_10 Datasheet
116Kb / 6P
   36-44GHz Multifunction Down-Converter
CHR2297 UMS-CHR2297 Datasheet
315Kb / 6P
   36-44GHz Multifunction (MFC) Down-Converter
logo
Hittite Microwave Corpo...
HMC-VVD106 HITTITE-HMC-VVD106 Datasheet
195Kb / 6P
   GaAs PIN MMIC VOLTAGE-VARIABLE ATTENUATOR, 36 - 50 GHz
logo
RFHIC
VA101 RFHIC-VA101 Datasheet
164Kb / 2P
   Variable Attenuator
VA101 RFHIC-VA101_14 Datasheet
133Kb / 4P
   Variable Attenuator
VA103 RFHIC-VA103 Datasheet
185Kb / 3P
   Variable attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com