Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AHC541QDWRQ1 Datasheet(PDF) 3 Page - Texas Instruments

Part # SN74AHC541QDWRQ1
Description  OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHC541QDWRQ1 Datasheet(HTML) 3 Page - Texas Instruments

  SN74AHC541QDWRQ1 Datasheet HTML 1Page - Texas Instruments SN74AHC541QDWRQ1 Datasheet HTML 2Page - Texas Instruments SN74AHC541QDWRQ1 Datasheet HTML 3Page - Texas Instruments SN74AHC541QDWRQ1 Datasheet HTML 4Page - Texas Instruments SN74AHC541QDWRQ1 Datasheet HTML 5Page - Texas Instruments SN74AHC541QDWRQ1 Datasheet HTML 6Page - Texas Instruments SN74AHC541QDWRQ1 Datasheet HTML 7Page - Texas Instruments SN74AHC541QDWRQ1 Datasheet HTML 8Page - Texas Instruments SN74AHC541QDWRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
SN74AHC541Q1
OCTAL BUFFER/DRIVER
WITH 3STATE OUTPUTS
SCLS603A − DECEMBER 2004 − REVISED APRIL 2008
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
TA = 25°C
TA = −40°C
TO 125
°C
TA = −40°C
TO 85
°C
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
2 V
1.9
2
1.9
1.9
IOH = −50 mA
3 V
2.9
3
2.9
2.9
VOH
IOH = −50 mA
4.5 V
4.4
4.5
4.4
4.4
V
VOH
IOH = −4 mA
3 V
2.58
2.48
2.48
V
IOH = −8 mA
4.5 V
3.94
3.8
3.8
2 V
0.1
0.1
0.1
IOL = 50 mA
3 V
0.1
0.1
0.1
VOL
IOL = 50 mA
4.5 V
0.1
0.1
0.1
V
VOL
IOL = 4 mA
3 V
0.36
0.5
0.44
V
IOL = 8 mA
4.5 V
0.36
0.5
0.44
II
VI = 5.5 V or GND
0 V to 5.5 V
±0.1
±1
±1
mA
IOZ†
VO = VCC or GND,
VI (OE) = VIL or VIH
5.5 V
±0.25
±2.5
±2.5
mA
ICC
VI = VCC or GND,
IO = 0
5.5 V
4
40
40
mA
Ci
VI = VCC or GND
5 V
2
10
10
pF
Co
VO = VCC or GND
5 V
4
pF
† For input and ouput, IOZ includes the input leakage current.
switching characteristics over recommended operating free-air temperature range,
VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
LOAD
CAPACITANCE
TA = 25°C
TA = −40°C
TO 125
°C
TA = −40°C
TO 85
°C
UNIT
PARAMETER
(INPUT)
(OUTPUT)
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
A
Y
CL = 15 pF
5
7
1
8.5
1
8.5
ns
tPHL
A
Y
CL = 15 pF
5
7
1
8.5
1
8.5
ns
tPZH
OE
Y
CL = 15 pF
6
10.5
1
11
1
11
ns
tPZL
OE
Y
CL = 15 pF
6
10.5
1
11
1
11
ns
tPHZ
OE
Y
CL = 15 pF
7
11
1
12
1
12
ns
tPLZ
OE
Y
CL = 15 pF
7
11
1
12
1
12
ns
tPLH
A
Y
CL = 50 pF
7.5
10.5
1
12
1
12
ns
tPHL
A
Y
CL = 50 pF
7.5
10.5
1
12
1
12
ns
tPZH
OE
Y
CL = 50 pF
8
14
1
16
1
16
ns
tPZL
OE
Y
CL = 50 pF
8
14
1
16
1
16
ns
tPHZ
OE
Y
CL = 50 pF
9
15.4
1
17.5
1
17.5
ns
tPLZ
OE
Y
CL = 50 pF
9
15.4
1
17.5
1
17.5
ns
tsk(o)
CL = 50 pF
1.5
1.5
ns


Similar Part No. - SN74AHC541QDWRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHC541 TI-SN74AHC541 Datasheet
100Kb / 18P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74AHC541 TI-SN74AHC541 Datasheet
621Kb / 21P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74AHC541 TI-SN74AHC541 Datasheet
745Kb / 20P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74AHC541DB TI-SN74AHC541DB Datasheet
100Kb / 18P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74AHC541DBLE TI-SN74AHC541DBLE Datasheet
621Kb / 21P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74AHC541QDWRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AC11244 TI-74AC11244 Datasheet
91Kb / 6P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
REVISED SEPTEMBER 1998
SN74AS230A TI-SN74AS230A Datasheet
80Kb / 5P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
74AC11244 TI1-74AC11244_15 Datasheet
796Kb / 14P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN64BCT244 TI1-SN64BCT244_16 Datasheet
1,002Kb / 12P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN64BCT541A TI1-SN64BCT541A_16 Datasheet
495Kb / 10P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC540A-Q1 TI1-SN74LVC540A-Q1_16 Datasheet
1Mb / 15P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC240A TI-SN74LVC240A_08 Datasheet
416Kb / 14P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AHC244-EP TI1-SN74AHC244-EP Datasheet
448Kb / 10P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AHCT244-Q1 TI1-SN74AHCT244-Q1 Datasheet
596Kb / 13P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AHCT541-EP TI1-SN74AHCT541-EP Datasheet
715Kb / 13P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVC244-EP TI1-SN74ALVC244-EP Datasheet
488Kb / 11P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com