Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHX2095 Datasheet(PDF) 5 Page - United Monolithic Semiconductors

Part # CHX2095
Description  7.5-30GHz Frequency Multiplier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHX2095 Datasheet(HTML) 5 Page - United Monolithic Semiconductors

  CHX2095 Datasheet HTML 1Page - United Monolithic Semiconductors CHX2095 Datasheet HTML 2Page - United Monolithic Semiconductors CHX2095 Datasheet HTML 3Page - United Monolithic Semiconductors CHX2095 Datasheet HTML 4Page - United Monolithic Semiconductors CHX2095 Datasheet HTML 5Page - United Monolithic Semiconductors CHX2095 Datasheet HTML 6Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
7.5-30GHz Frequency Multiplier
CHX2095
Ref. : DSCHX20950036 - 05 Feb 10
5/6
Specifications subject to change without notice
Route Départementale 128, B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Chip Assembly and Mechanical Data
Note: Supply feed should be capacitively bypassed. 25
µm diameter gold wire is to be prefered.
Bonding pad positions.
(Chip thickness: 100µm. All dimensions are in micrometers)


Similar Part No. - CHX2095

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHX2095 UMS-CHX2095 Datasheet
146Kb / 6P
   7.5-30GHz Frequency Multiplier
CHX2095A99F UMS-CHX2095A99F Datasheet
351Kb / 8P
   7.5-30GHz Frequency Multiplier
CHX2095 UMS-CHX2095_15 Datasheet
146Kb / 6P
   7.5-30GHz Frequency Multiplier
More results

Similar Description - CHX2095

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
MUX-PO9824 UMS-MUX-PO9824 Datasheet
212Kb / 6P
   7.5-30GHz Frequency Multiplier
CHX2095A99F UMS-CHX2095A99F Datasheet
351Kb / 8P
   7.5-30GHz Frequency Multiplier
CHX2095 UMS-CHX2095_15 Datasheet
146Kb / 6P
   7.5-30GHz Frequency Multiplier
CHX2093A UMS-CHX2093A_07 Datasheet
323Kb / 6P
   10-30GHz Frequency Multiplier
CHX2093A UMS-CHX2093A Datasheet
76Kb / 5P
   10-30GHz Frequency Multiplier
CHX3068-QDG UMS-CHX3068-QDG_15 Datasheet
431Kb / 8P
   15-30GHz Frequency Multiplier
CHX3068-QDG UMS-CHX3068-QDG Datasheet
349Kb / 8P
   15-30GHz Frequency Multiplier
CHX2193 UMS-CHX2193_15 Datasheet
130Kb / 6P
   7.5-15GHz Frequency Multiplier
CHX2193 UMS-CHX2193 Datasheet
330Kb / 6P
   7.5-15GHz Frequency Multiplier
logo
Mini-Circuits
RMK-3-722++ MINI-RMK-3-722+ Datasheet
151Kb / 1P
   Frequency Multiplier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com