Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-8CWH02FNHM3 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VS-8CWH02FNHM3
Description  Hyperfast Rectifier, 2 x 4 A FRED Pt®
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-8CWH02FNHM3 Datasheet(HTML) 3 Page - Vishay Siliconix

  VS-8CWH02FNHM3 Datasheet HTML 1Page - Vishay Siliconix VS-8CWH02FNHM3 Datasheet HTML 2Page - Vishay Siliconix VS-8CWH02FNHM3 Datasheet HTML 3Page - Vishay Siliconix VS-8CWH02FNHM3 Datasheet HTML 4Page - Vishay Siliconix VS-8CWH02FNHM3 Datasheet HTML 5Page - Vishay Siliconix VS-8CWH02FNHM3 Datasheet HTML 6Page - Vishay Siliconix VS-8CWH02FNHM3 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
VS-8CWH02FNHM3
www.vishay.com
Vishay Semiconductors
Revision: 02-Aug-12
3
Document Number: 94741
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 1 - Typical Forward Voltage Drop Characteristics
Fig. 2 - Typical Values of Reverse Current vs.
Reverse Voltage
Fig. 3 - Typical Junction Capacitance vs. Reverse Voltage
Fig. 4 - Maximum Thermal Impedance ZthJC Characteristics
Forward Voltage Drop-V
F
(V)
0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8
0.1
1
10
100
Tj = 25°C
Tj = 125°C
Tj = 175°C
Reverse Voltage-V
R (V)
50
100
150
200
0.0001
0.001
0.01
0.1
1
10
100
Tj = 25°C
Tj = 175°C
Tj = 150°C
Tj = 125°C
Tj = 100°C
Tj = 75°C
Tj = 50°C
Reverse Voltage-V
R
(V)
0
50
100
150
200
10
100
t1,Rectangular Pulse Duration (Seconds)
1E-05
1E-04
1E-03
1E-02
1E-01
1E+00
0.1
1
10
Single Pulse
(Thermal Resistance)
D = 0.01
D = 0.02
D = 0.05
D = 0.1
D = 0.5
D = 02


Similar Part No. - VS-8CWH02FNHM3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-8CWH02FNHM3 VISHAY-VS-8CWH02FNHM3 Datasheet
165Kb / 8P
   Hyperfast Rectifier, 2 x 4 A FRED Pt®
Revision: 19-Feb-2021
VS-8CWH02FNHM3 VISHAY-VS-8CWH02FNHM3 Datasheet
165Kb / 8P
   Hyperfast Rectifier, 2 x 4 A FRED Pt®
Revision: 19-Feb-2021
VS-8CWH02FNHM3 VISHAY-VS-8CWH02FNHM3 Datasheet
166Kb / 8P
   Hyperfast Rectifier, 2 x 4 A FRED Pt짰
01-Jan-2022
VS-8CWH02FNHM3 VISHAY-VS-8CWH02FNHM3_V01 Datasheet
166Kb / 8P
   Hyperfast Rectifier, 2 x 4 A FRED Pt짰
01-Jan-2022
More results

Similar Description - VS-8CWH02FNHM3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
8CWH02FN-M3 VISHAY-8CWH02FN-M3 Datasheet
149Kb / 8P
   Hyperfast Rectifier, 2 x 4 A FRED Pt®
Revision: 31-Mar-11
VS-8CWH02FN-M3 VISHAY-VS-8CWH02FN-M3 Datasheet
149Kb / 8P
   Hyperfast Rectifier, 2 x 4 A FRED Pt®
Revision: 31-Mar-11
10CWH02FN-M3 VISHAY-10CWH02FN-M3 Datasheet
148Kb / 8P
   Hyperfast Rectifier, 2 x 5 A FRED Pt®
Revision: 31-Mar-11
VS-16CDH02-M3 VISHAY-VS-16CDH02-M3_V01 Datasheet
156Kb / 7P
   Hyperfast Rectifier, 2 x 8 A FRED Pt®
01-Jan-2022
VS-CZH6106FP-M3 VISHAY-VS-CZH6106FP-M3_V01 Datasheet
137Kb / 6P
   Hyperfast Rectifier, 2 x 30 A FRED Pt®
01-Jan-2022
20CTH03PBF VISHAY-20CTH03PBF_12 Datasheet
194Kb / 9P
   Hyperfast Rectifier, 2 x 10 A FRED Pt®
Revision: 02-Jan-12
VS-30CTH02SPBF VISHAY-VS-30CTH02SPBF Datasheet
175Kb / 9P
   Hyperfast Rectifier, 2 x 15 A FRED Pt®
Revision: 11-Mar-10
VS-20CTH03PBF VISHAY-VS-20CTH03PBF Datasheet
210Kb / 9P
   Hyperfast Rectifier, 2 x 10 A FRED Pt®
Revision: 13-May-16
VS-20CDH02-M3 VISHAY-VS-20CDH02-M3_V01 Datasheet
154Kb / 7P
   Hyperfast Rectifier, 2 x 10 A FRED Pt®
01-Jan-2022
VS-20CTH03-M3 VISHAY-VS-20CTH03-M3_V01 Datasheet
161Kb / 6P
   Hyperfast Rectifier, 2 x 10 A FRED Pt®
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com