Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMUN5213T1G Datasheet(PDF) 2 Page - ON Semiconductor

Part # SMUN5213T1G
Description  Digital Transistors (BRT) R1 = 47 k, R2 = 47 k
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SMUN5213T1G Datasheet(HTML) 2 Page - ON Semiconductor

  SMUN5213T1G Datasheet HTML 1Page - ON Semiconductor SMUN5213T1G Datasheet HTML 2Page - ON Semiconductor SMUN5213T1G Datasheet HTML 3Page - ON Semiconductor SMUN5213T1G Datasheet HTML 4Page - ON Semiconductor SMUN5213T1G Datasheet HTML 5Page - ON Semiconductor SMUN5213T1G Datasheet HTML 6Page - ON Semiconductor SMUN5213T1G Datasheet HTML 7Page - ON Semiconductor SMUN5213T1G Datasheet HTML 8Page - ON Semiconductor SMUN5213T1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MUN2213, MMUN2213L, MUN5213, DTC144EE, DTC144EM3, NSBC144EF3
http://onsemi.com
2
Table 1. ORDERING INFORMATION
Device
Part Marking
Package
Shipping
MUN2213T1G, SMUN2213T1G
8C
SC−59
3,000 / Tape & Reel
MMUN2213LT1G, SMMUN2213LT1G
A8C
SOT−23
3,000 / Tape & Reel
SMMUN2213LT3G
A8C
SOT−23
10,000 / Tape & Reel
MUN5213T1G, SMUN5213T1G
8C
SC−70/SOT−323
3,000 / Tape & Reel
DTC144EET1G
8C
SC−75
3,000 / Tape & Reel
DTC144EM3T5G
8C
SOT−723
8,000 / Tape & Reel
NSBC144EF3T5G
D
SOT−1123
8,000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
Figure 1. Derating Curve
AMBIENT TEMPERATURE (°C)
125
100
75
50
25
0
−25
−50
0
50
100
150
200
250
300
150
(1) (2) (3) (4) (5)
(1) SC−75 and SC−70/SOT323; Minimum Pad
(2) SC−59; Minimum Pad
(3) SOT−23; Minimum Pad
(4) SOT−1123; 100 mm2, 1 oz. copper trace
(5) SOT−723; Minimum Pad


Similar Part No. - SMUN5213T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SMUN5213T1G ONSEMI-SMUN5213T1G Datasheet
111Kb / 12P
   NPN Transistors with Monolithic Bias Resistor Network
March, 2015 ??Rev. 3
SMUN5213T1G ONSEMI-SMUN5213T1G Datasheet
145Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com