Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP563SQ28T1G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP563SQ28T1G
Description  80 mA CMOS Low Iq Low-Dropout Voltage Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP563SQ28T1G Datasheet(HTML) 5 Page - ON Semiconductor

  NCP563SQ28T1G Datasheet HTML 1Page - ON Semiconductor NCP563SQ28T1G Datasheet HTML 2Page - ON Semiconductor NCP563SQ28T1G Datasheet HTML 3Page - ON Semiconductor NCP563SQ28T1G Datasheet HTML 4Page - ON Semiconductor NCP563SQ28T1G Datasheet HTML 5Page - ON Semiconductor NCP563SQ28T1G Datasheet HTML 6Page - ON Semiconductor NCP563SQ28T1G Datasheet HTML 7Page - ON Semiconductor NCP563SQ28T1G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
NCP562, NCP563
http://onsemi.com
5
−400
0
Figure 9. Line Transient Response
Figure 10. Load Transient Response
3.5
1000
1
0.1
0.01
f, FREQUENCY (kHz)
0.5
VIN = 5.0 V
VOUT = 3.0 V
IOUT = 50 mA
COUT = 0.1 mF
1.5
1
2
2.5
10
100
−1
6
500
250
200
100
50
0
t, TIME (ms)
−0.5
1
0
4
3
150
300 350
VOUT = 3.0 V
COUT = 0.1 mF
IOUT = 10 mA
400 450
0.5
5
60
500
250
200
100
50
0
t, TIME (ms)
−1
0.5
−0.5
0
−30
150
300 350 400 450
0
30
1
3
IOUT = 1 mA to 30 mA
VIN = 4.0 V
VOUT = 3.0 V
COUT = 0.1 mF
60
600
200
100
500
0
t, TIME (ms)
−30
0
0
400
300
700
400
800
−200
30
200
IOUT = 1 mA to 30 mA
VIN = 4.0 V
COUT = 1.0 mF
VOUT = 3.0 V
900 1000
Figure 11. Load Transient Response
Figure 12. Output Voltage Noise
DEFINITIONS
Load Regulation
The change in output voltage for a change in output current
at a constant temperature.
Dropout Voltage
The input/output differential at which the regulator output
no longer maintains regulation against further reductions in
input voltage. Measured when the output drops 3.0% below
its nominal. The junction temperature, load current, and
minimum input supply requirements affect the dropout level.
Maximum Power Dissipation
The maximum total dissipation for which the regulator
will operate within its specifications.
Quiescent Current
The quiescent current is the current which flows through
the ground when the LDO operates without a load on its
output: internal IC operation, bias, etc. When the LDO
becomes loaded, this term is called the Ground current. It is
actually the difference between the input current (measured
through the LDO input pin) and the output current.
Line Regulation
The change in output voltage for a change in input voltage.
The measurement is made under conditions of low dissipation
or by using pulse technique such that the average chip
temperature is not significantly affected.
Line Transient Response
Typical over and undershoot response when input voltage
is excited with a given slope.
Thermal Protection
Internal thermal shutdown circuitry is provided to protect
the integrated circuit in the event that the maximum junction
temperature is exceeded. When activated at typically 160
°C,
the regulator turns off. This feature is provided to prevent
failures from accidental overheating.
Maximum Package Power Dissipation
The maximum power package dissipation is the power
dissipation level at which the junction temperature reaches its
maximum operating value, i.e. 125
°C. Depending on the
ambient power dissipation and thus the maximum available
output current.


Similar Part No. - NCP563SQ28T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP563SQ28T1G ONSEMI-NCP563SQ28T1G Datasheet
62Kb / 10P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
January, 2004 ??Rev. 6
NCP563SQ28T1G ONSEMI-NCP563SQ28T1G Datasheet
79Kb / 8P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2015 ??Rev. 15
NCP563SQ28T1G ONSEMI-NCP563SQ28T1G Datasheet
79Kb / 8P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2015 ??Rev. 15
More results

Similar Description - NCP563SQ28T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP562 ONSEMI-NCP562_15 Datasheet
79Kb / 8P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2015 ??Rev. 15
NCP502 ONSEMI-NCP502_13 Datasheet
192Kb / 9P
   80 mA CMOS Low Iq, Low-Dropout Voltage Regulator
May, 2013 ??Rev. 20
NCP563 ONSEMI-NCP563 Datasheet
62Kb / 10P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
January, 2004 ??Rev. 6
NCP565 ONSEMI-NCP565_16 Datasheet
79Kb / 8P
   80 mA CMOS Low Iq Low-Dropout Voltage Regulator
July, 2015 ??Rev. 15
NCP502 ONSEMI-NCP502_16 Datasheet
99Kb / 9P
   80 mA CMOS Low Iq, Low-Dropout Voltage Regulator
December, 2016 ??Rev. 21
NCP502SQ50T2G ONSEMI-NCP502SQ50T2G Datasheet
174Kb / 9P
   80 mA CMOS Low Iq Low-Dropout Voltage
May, 2013 ??Rev. 20
NCP512SQ13T1G ONSEMI-NCP512SQ13T1G Datasheet
142Kb / 9P
   80 mA CMOS Low Iq Voltage Regulator
June, 2009 ??Rev. 15
NCP502 ONSEMI-NCP502_07 Datasheet
92Kb / 11P
   80 mA CMOS Low Iq, Low?묭ropout Voltage Regulator
February, 2007 ??Rev. 12
NCP561SN33T1G ONSEMI-NCP561SN33T1G Datasheet
117Kb / 10P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
August, 2007 - Rev. 5
NCV551SN14T1G ONSEMI-NCV551SN14T1G Datasheet
160Kb / 11P
   150 mA CMOS Low Iq Low-Dropout Voltage Regulator
May, 2013 ??Rev. 17
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com