Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP1336ADR2G Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCP1336ADR2G
Description  Quasi-Resonant Current Mode Controller for High Power Universal Off-Line Supplies
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1336ADR2G Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCP1336ADR2G Datasheet HTML 4Page - ON Semiconductor NCP1336ADR2G Datasheet HTML 5Page - ON Semiconductor NCP1336ADR2G Datasheet HTML 6Page - ON Semiconductor NCP1336ADR2G Datasheet HTML 7Page - ON Semiconductor NCP1336ADR2G Datasheet HTML 8Page - ON Semiconductor NCP1336ADR2G Datasheet HTML 9Page - ON Semiconductor NCP1336ADR2G Datasheet HTML 10Page - ON Semiconductor NCP1336ADR2G Datasheet HTML 11Page - ON Semiconductor NCP1336ADR2G Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
NCP1336A/B
http://onsemi.com
8
ELECTRICAL CHARACTERISTICS
(For typical values TJ = 25°C, for min/max values TJ = −40°C to +125°C, Max TJ = 150°C, VCC = 12 V unless otherwise noted)
Symbol
Unit
Max
Typ
Min
Rating
BROWNOUT PROTECTION
VBO
Brownout level
0.744
0.8
0.856
V
IBO
Hysteresis Current, VBO(pin) < VBO
TJ = −5°C to +125°C
TJ = −40°C to +125°C
9
8.65
10
10
11
11
mA
TBOdel
Delay before BO confirmation (noise immunity)
11
17
23
ms
IBObias
Brownout input bias current
0.02
mA
3. Minimum value for TJ = 125°C.
4. The peak current setpoint goes down as the load decreases. It is frozen below Ipeak_VCO (Ipeak = cst)
5. If negative voltage in excess to −300 mV is applied to OPP pin, the current setpoint decrease is no longer guaranteed to be linear.
6. NTC on OTP pin with R = 8.8 kW at 110°C.


Similar Part No. - NCP1336ADR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1336ADR2G ONSEMI-NCP1336ADR2G Datasheet
936Kb / 26P
   Quasi-Resonant Current Mode Controller
April, 2014 ??Rev. 2
NCP1336ADR2G ONSEMI-NCP1336ADR2G Datasheet
1,022Kb / 27P
   Quasi-Resonant Current Mode Controller for High Power Universal Off-Line Supplies
March, 2017 - Rev. 4
More results

Similar Description - NCP1336ADR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1380 ONSEMI-NCP1380_12 Datasheet
388Kb / 26P
   Quasi-Resonant Current-Mode Controller for High-Power Universal Off-Line Supplies
June, 2012 ??Rev. 4
NCP1380 ONSEMI-NCP1380 Datasheet
417Kb / 26P
   Quasi-Resonant Current-Mode Controller for High-Power Universal Off-Line Supplies
December, 2009 ??Rev. 1
NCP1336A ONSEMI-NCP1336A_V01 Datasheet
1,022Kb / 27P
   Quasi-Resonant Current Mode Controller for High Power Universal Off-Line Supplies
March, 2017 - Rev. 4
NCP1379 ONSEMI-NCP1379 Datasheet
346Kb / 22P
   Quasi-Resonant Current-Mode Controller for High-Power Universal Off-line Supplies
December, 2009 ??Rev. P0
NCP1379 ONSEMI-NCP1379_11 Datasheet
314Kb / 22P
   Quasi-Resonant Current-Mode Controller for High-Power Universal Off-line Supplies
July, 2011 ??Rev. 2
NCP1380 ONSEMI-NCP1380_V01 Datasheet
424Kb / 28P
   Quasi-Resonant Current-Mode Controller for High-Power Universal Off-Line Supplies
February, 2018 - Rev. 6
NCP1216P065 ONSEMI-NCP1216P065 Datasheet
287Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
December, 2010 ??Rev. 13
DAP011 ONSEMI-DAP011 Datasheet
827Kb / 24P
   PWM Current−Mode Controller for High−Power Universal Off−Line Supplies
November, 2005 - Rev. 2
DAP018A ONSEMI-DAP018A Datasheet
792Kb / 28P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
July, 2009 - Rev. 0
NCP1216 ONSEMI-NCP1216 Datasheet
182Kb / 18P
   PWM Current-Mode Controller for High-Power Universal Off-Line Supplies
September, 2004 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com