Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP4632DDT33T5G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP4632DDT33T5G
Description  3A, Low Voltage, Low Dropout Linear Voltage Regulator with Reverse Current Protection
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4632DDT33T5G Datasheet(HTML) 3 Page - ON Semiconductor

  NCP4632DDT33T5G Datasheet HTML 1Page - ON Semiconductor NCP4632DDT33T5G Datasheet HTML 2Page - ON Semiconductor NCP4632DDT33T5G Datasheet HTML 3Page - ON Semiconductor NCP4632DDT33T5G Datasheet HTML 4Page - ON Semiconductor NCP4632DDT33T5G Datasheet HTML 5Page - ON Semiconductor NCP4632DDT33T5G Datasheet HTML 6Page - ON Semiconductor NCP4632DDT33T5G Datasheet HTML 7Page - ON Semiconductor NCP4632DDT33T5G Datasheet HTML 8Page - ON Semiconductor NCP4632DDT33T5G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
NCP4632
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS −40°C ≤ TJ ≤ 85°C; VIN = VOUT(NOM) + 1 V; IOUT = 1 mA; CIN = COUT = 10 mF; unless otherwise
noted. Typical values are at TJ = +25°C.
Parameter
Test Conditions
Symbol
Min
Typ
Max
Unit
Operating Input Voltage (Note 4)
VIN
1.6
5.25
V
Output Voltage
TJ = +25°C,
IOUT = 5 mA
VOUT > 1.5 V
VOUT
x0.99
x1.01
V
VOUT ≤ 1.5 V
−15
15
mV
−40°C ≤ TJ ≤ 85°C,
IOUT = 5 mA
VOUT > 2 V
x0.97
x1.02
V
VOUT ≤ 2 V
−45
30
mV
Output Voltage (Adjustable Option)
TJ = +25°C,
IOUT = 5 mA
VOUT = ADJ
VADJ
0.792
0.8
0.808
V
Output Current
TJ = −40 to 85°C
IOUT
3
A
Line Regulation
VIN = VOUT + 0.5 V to 5 V, IOUT = 1 mA
VIN ≥ 1.6 V for NCP4632xDT08T5G, IOUT = 1 mA
LineReg
0.15
%/V
Load Regulation
1 mA ≤ IOUT < 300 mA
LoadReg
−15
2
20
mV
1 mA ≤ IOUT < 3000 mA
−70
3
50
Dropout Voltage
TJ = +25°C,
IOUT = 1000 mA
VOUT = 3.3 V
VDO
100
mV
Dropout Voltage
IOUT = 3000 mA
0.8 V ≤ VOUT < 0.9 V
VDO
0.910
1.110
V
0.9 V ≤ VOUT < 1.0 V
0.865
1.000
1.0 V ≤ VOUT < 1.1 V
0.810
0.950
1.1 V ≤ VOUT < 1.2 V
0.755
0.895
1.2 V ≤ VOUT < 1.5 V
0.720
0.840
1.5 V ≤ VOUT < 2.5 V
0.630
0.760
2.5 V ≤ VOUT < 3.3 V
0.510
0.600
3.3 V ≤ VOUT < 4.2 V
0.480
0.560
Short Current Limit
VOUT = 0 V
ISC
220
mA
Quiescent Current
IOUT = 0 mA,
VIN = 5.25 V
VOUT ≤ 1.5 V
IQ
390
450
mA
VOUT > 1.5 V
350
430
Supply Current
IOUT = 3000 mA
IGND
450
mA
Standby Current
VCE = 5.25 V, TJ = 25°C
ISTB
1
mA
CE Pin Threshold Voltage
CE Input Voltage “H”
VCEH
1.0
V
CE Input Voltage “L”
VCEL
0.4
CE Pull Down Current
ICEPD
0.3
0.6
mA
Power Supply Rejection Ratio
VIN = VOUT + 1 V or 2.2 V whichever is higher,
DVIN = 0.2 Vpk−pk, IOUT = 300 mA, f = 1 kHz
PSRR
55
dB
Output Noise Voltage
VOUT = 1.5 V, IOUT = 300 mA, f = 10 Hz to 100 kHz
VN
60
mVrms
Auto Discharge Low Output Nch Tr.
On Resistance
VIN = 4 V, VCE = 0 V
RLOW
30
W
Reverse Current Limit
VOUT > 0.5 V, 0 V ≤ VIN < 5.25 V
IREV
10
mA
4. The maximum Input Voltage of the ELECTRICAL CHARACTERISTICS is 5.25 V. In case of exceeding this specification, the IC must be
operated on condition that the Input Voltage is up to 5.5 V and the total operating time is within 500 hrs.


Similar Part No. - NCP4632DDT33T5G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4632DDT33T5G ONSEMI-NCP4632DDT33T5G Datasheet
608Kb / 14P
   Low Voltage, Low Dropout Linear Voltage Regulator
February, 2017 ??Rev. 3
More results

Similar Description - NCP4632DDT33T5G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4626 ONSEMI-NCP4626 Datasheet
586Kb / 28P
   300 mA, Low Dropout Voltage Regulator with Reverse Current Protection
August, 2013 ??Rev. 4
NCP4626DSN033T1G ONSEMI-NCP4626DSN033T1G Datasheet
586Kb / 28P
   300 mA, Low Dropout Voltage Regulator with Reverse Current Protection
August, 2013 ??Rev. 4
logo
Sipex Corporation
SPX29300 SIPEX-SPX29300_06 Datasheet
293Kb / 11P
   3A High Current, Low Dropout Voltage Regulator
logo
Texas Instruments
TPS73718 TI-TPS73718 Datasheet
972Kb / 22P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
logo
Micrel Semiconductor
MIC39300 MICREL-MIC39300 Datasheet
107Kb / 12P
   3A Low-Voltage Low-Dropout Regulator
logo
Microchip Technology
MIC39300 MICROCHIP-MIC39300 Datasheet
2Mb / 24P
   3A, Low Voltage Low Dropout Regulator
09/14/21
logo
Texas Instruments
TPS73701 TI1-TPS73701_13 Datasheet
1Mb / 31P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS737XX TI-TPS737XX_09 Datasheet
991Kb / 22P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
TPS737XX TI1-TPS737XX Datasheet
470Kb / 18P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
logo
HTC Korea TAEJIN Techno...
LM39300 HTC-LM39300 Datasheet
281Kb / 8P
   3A Low-Voltage Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com