Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL96017 Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL96017
Description  DIGITAL POTENTIOMETERS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL96017 Datasheet(HTML) 4 Page - Intersil Corporation

  ISL96017_12 Datasheet HTML 1Page - Intersil Corporation ISL96017_12 Datasheet HTML 2Page - Intersil Corporation ISL96017_12 Datasheet HTML 3Page - Intersil Corporation ISL96017_12 Datasheet HTML 4Page - Intersil Corporation ISL96017_12 Datasheet HTML 5Page - Intersil Corporation ISL96017_12 Datasheet HTML 6Page - Intersil Corporation ISL96017_12 Datasheet HTML 7Page - Intersil Corporation ISL96017_12 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4 | www.intersil.com/DCPs-DCCs
DIGITAL POTENTIOMETERS
iNterSil SeleCtioN guiDe
feAtureD iNterSil DCPs
true DigitAl rheoStAt
Known accuracy allows for precise
settings.
-
+
Low cost: ISL23511/ISL23512 volatile DCPs also available
See also: ISL95811, ISL22511/12, ISL223x3/4x4
1%
1%
1%
SCL
SDA
RREF
POWER-UP,
INTERFACE,
RH
RL
RW
GND
A1
VCC
REF_A
REF_B
EEPROM
AND
CONTROL
LOGIC
Single, Non-
Volatile
iSl96017
SMALLEST DCP WITh 16kbITs ExTRA MEMORy
1st LOW VOLTAGE PRECISION DCP
SMALLEST NON VOLATILE PUSh-bUTTON DCP
FIRST 125°C NON-VOLATILE DCP
ISL96017 — Tiny 3x3 TDFN Package
ISL22317 — Typically >99% Accurate at Each Tap
ISL22511/12 — 2.15x1.65mm µTQFN Package
ISL22346 — Tiny Quad DCP in 4x4 TQFN Package
Key feAtureS AND
beNefitS
• Save space/cost by
eliminating EEPROM
chip
• Integrate additional
intelligence
Key feAtureS AND beNefitS
• Eliminates additional calibration
• Temperature drift reduction – mirrors
the temperature coefficient of the
external reference resistor
Key feAtureS AND beNefitS
• Simple push-button interface - No software
required
• Auto/manual store – ease of use
• Zero-compensated wiper resistance -
minimizes error of use
Key feAtureS AND
beNefitS
• 128-tap, non-volatile,
set & forget
• Save power with its
shutdown feature
APPliCAtioNS
• Store multiple start-up
values
APPliCAtioNS
• Set specific current and resistor
values
APPliCAtioNS
• Adjust volume/contrast/backlight
• Additional user feature, i.e gain control
APPliCAtioNS
• Bias control
• Calibrate
for extreme
environments
ISL96017
128-Tap
DCP
16kbit
E2PROM
2.90mm
2.15mm
1.00mm
0.55mm
2.80mm
1.65mm
8 Ld TSOT
10 Ld
µTQFN
56% Smaller
45% Shorter
military temperature
(-55 to +125°C) in
20 ld tSSoP Package
4x4mm tiny
tQfN Package
1% tolerance
Auto Store
Set & forget!
Single, Volatile
iSl22511/12
Single, Non-
Volatile
iSl22317
Quad, Non-
Volatile
iSl22346
PACKAge AND temPerAture oPtioN
99% ACCurACy
tiNy µtQfN PACKAge
bACKlight CoNtrol
DC-DC
UP
DOWN
Gain Control
Voltage or Current
Control


Similar Part No. - ISL96017_12

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL96017UIRT8Z INTERSIL-ISL96017UIRT8Z Datasheet
334Kb / 11P
   128-Tap DCP, 16kbit EEPROM, and I2C Serial Interface
logo
Renesas Technology Corp
ISL96017UIRT8Z RENESAS-ISL96017UIRT8Z Datasheet
722Kb / 13P
   128-Tap DCP, 16kbit EEPROM, and I2C Serial Interface
logo
Intersil Corporation
ISL96017WIRT8Z INTERSIL-ISL96017WIRT8Z Datasheet
334Kb / 11P
   128-Tap DCP, 16kbit EEPROM, and I2C Serial Interface
logo
Renesas Technology Corp
ISL96017WIRT8Z RENESAS-ISL96017WIRT8Z Datasheet
722Kb / 13P
   128-Tap DCP, 16kbit EEPROM, and I2C Serial Interface
logo
Intersil Corporation
ISL96017 INTERSIL-ISL96017_06 Datasheet
334Kb / 11P
   128-Tap DCP, 16kbit EEPROM, and I2C Serial Interface
More results

Similar Description - ISL96017_12

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8403 AD-AD8403_15 Datasheet
610Kb / 32P
   Digital Potentiometers
Rev. E
logo
Copal Electronics
AN9 COPAL-AN9 Datasheet
114Kb / 7P
   Digital Potentiometers
DN3 COPAL-DN3 Datasheet
72Kb / 2P
   Digital Potentiometers
logo
Analog Devices
AD8400 AD-AD8400_15 Datasheet
610Kb / 32P
   Digital Potentiometers
Rev. E
AD8402 AD-AD8402_15 Datasheet
610Kb / 32P
   Digital Potentiometers
Rev. E
logo
Copal Electronics
DN5 COPAL-DN5 Datasheet
79Kb / 2P
   Digital Potentiometers
DN4 COPAL-DN4 Datasheet
81Kb / 3P
   Digital Potentiometers
logo
Microchip Technology
AN219 MICROCHIP-AN219 Datasheet
131Kb / 6P
   Comparing Digital Potentiometers to Mechanical Potentiometers
2000 - 2002
logo
Copal Electronics
DP7269 COPAL-DP7269 Datasheet
174Kb / 16P
   Dual Digital Potentiometers
DP7411 COPAL-DP7411 Datasheet
189Kb / 16P
   Dual Digital Potentiometers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com