Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL3150E-59E Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL3150E-59E
Description  Add a Loss of Signal (LOS) Indicator to Your RS-485 or RS-422 Transceiver
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL3150E-59E Datasheet(HTML) 1 Page - Intersil Corporation

  ISL3150E-59E Datasheet HTML 1Page - Intersil Corporation ISL3150E-59E Datasheet HTML 2Page - Intersil Corporation ISL3150E-59E Datasheet HTML 3Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Application Note 1593
Author: Jeff Lies
Add a Loss of Signal (LOS) Indicator to Your RS-485 or
RS-422 Transceiver
Introduction
A desirable feature on any network may be a Loss of Signal
(LOS) indicator. Such an indicator alerts a monitoring controller
that a potentially serious network error has occurred, thereby
allowing for notification and/or intervention. In an RS-485/
RS-422 network, a LOS may occur if a connector disconnects
from a board, if a cable fails, or if the network driver fails or
loses power. When this occurs, bus activity ceases - as shown
in Figure 1 - and an LOS detector would assert its output. This
application note discusses the RS-485/RS-422 receiver (Rx)
operation, explains how the Rx interprets the differential bus
voltages, and introduces a method for generating the desired
LOS indicator.
RS-485 Receiver (Rx) Basics
The RS-485/RS-422 Rx is a differential circuit (comparator)
that compares voltages at the noninverting and inverting
inputs (A and B), and outputs a corresponding logic level. Per
the Standards, if A-B (i.e., the differential input voltage) is
greater than +200mV, then the Rx outputs a logic high; if
A-B < -200mV, then the Rx outputs a logic low. Any differential
voltage between -200mV and +200mV is undefined, and the
Rx might output a logic high, a logic low, or may even oscillate.
Rx Failsafe
In RS-485/RS-422 terminology, “failsafe” is used to indicate
Rx functionality that drives the Rx output to a known state
when common bus faults occur. The logic high state typically
represents the idle (no transmission in progress) state, so
driving the Rx output to a logic high under fault conditions is
the usual failsafe implementation. Without the failsafe
function, an Rx output’s inadvertant logic low, or oscillation,
might be interpreted as a message start bit. This could cause a
processor to waste valuable time attempting to service
phantom messages.
The most common form of failsafe is failsafe open, with
“open” referring to the condition where the Rx inputs are
floating. This can occur when a network bus is cut, or if the bus
connector separates from the networked device containing the
Rx. Most RS-485 Rx available today incorporate this function,
and it is typically accomplished via an internal pull-up resistor
on the noninverting (A) input. The pull-up is sized to ensure that
if the Rx inputs float, then the Rx input circuitry creates enough
of a positive offset so that the Rx comparator interprets the
input condition as a logic high.
The “Full-Failsafe” RS-485 Receiver
An improved differential Rx includes all the features
mentioned previously, plus the addition of circuitry to ensure
that the Rx is failsafe if the differential input voltage (VID) is 0V
(failsafe “shorted”). This condition may occur due to a cable
error (e.g., crimped), a connector error (shorted pins), or in
normally operating networks where multiple drivers operate
on a terminated bus (multi-point network). Multi-point
operation requires that all drivers be tri-statable, and there are
periods of time when all drivers are simultaneously tri-stated.
When this occurs, the differential termination resistor(s)
causes the bus voltage to collapse to the VID=0V condition. As
mentioned before, VID=0V is an undefined RS-485 level, so an
Rx with only failsafe open functionality may generate
erroneous start bits.
The full-failsafe Rx solves this problem by ensuring that the
VID=0V condition is recognized as a logic high input, so the Rx
output remains in the idle state. Full-failsafe functionality is
accomplished by designing the Rx so that the minimum input
high level is slightly negative (-10mV to -25mV), rather than the
+200mV used for standard RS-485 and RS-422 Rx. Note that
this new threshold definition remains RS-422 and RS-485
compliant.
FIGURE 1. TYPICAL LOS OPERATION
TIME (1µs
/DIV)
-5
-3
-1
1
3
5
0
VBUS
LOS
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Copyright Intersil Americas Inc. 2011. All Rights Reserved.
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.
February 1, 2011
AN1593.0


Similar Part No. - ISL3150E-59E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL3150E INTERSIL-ISL3150E Datasheet
896Kb / 20P
   짹16.5kV ESD (IEC61000-4-2) Protected, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
ISL3150E INTERSIL-ISL3150E Datasheet
948Kb / 22P
   짹16.5kV ESD, Large Output Swing, 5V, Full Fail-Safe, 1/8 Unit Load, RS-485/RS-422 Transceivers
ISL3150E INTERSIL-ISL3150E Datasheet
210Kb / 4P
   World?셲 Most Power-Effi cient
ISL3150E INTERSIL-ISL3150E Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
ISL3150E INTERSIL-ISL3150E Datasheet
4Mb / 20P
   Intersil?셲 Solutions for Industrial Process Control
More results

Similar Description - ISL3150E-59E

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP338E EXAR-SP338E Datasheet
1Mb / 25P
   RS-232/RS-485/RS-422 TRANSCEIVER
SP335E EXAR-SP335E Datasheet
356Kb / 22P
   RS-232/RS-485/RS-422 TRANSCEIVER
XR3160E EXAR-XR3160E Datasheet
365Kb / 23P
   RS-232/RS-485/RS-422 TRANSCEIVER
logo
Analog Devices
ADM3485E AD-ADM3485E_15 Datasheet
303Kb / 16P
   EIA RS-485/RS-422 Transceiver
Rev. D
logo
STMicroelectronics
ST485 STMICROELECTRONICS-ST485 Datasheet
545Kb / 19P
   Low power RS-485/RS-422 transceiver
logo
Texas Instruments
DS96176 TI1-DS96176_15 Datasheet
820Kb / 13P
[Old version datasheet]   RS-485/RS-422 Differential Bus Transceiver
logo
STMicroelectronics
ST485B STMICROELECTRONICS-ST485B Datasheet
730Kb / 19P
   Low power RS-485/RS-422 transceiver
logo
National Semiconductor ...
DS96176 NSC-DS96176 Datasheet
344Kb / 12P
   RS-485/RS-422 Differential Bus Transceiver
logo
STMicroelectronics
ST75C176 STMICROELECTRONICS-ST75C176_06 Datasheet
260Kb / 18P
   LOW POWER RS-485/RS-422 TRANSCEIVER
ST75C176B STMICROELECTRONICS-ST75C176B Datasheet
326Kb / 17P
   Low power RS-485/RS-422 transceiver
November 2007 Rev 4
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com