Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLAS753B Datasheet(PDF) 10 Page - Texas Instruments

Part # SLAS753B
Description  MIXED SIGNAL MICROCONTROLLER
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLAS753B Datasheet(HTML) 10 Page - Texas Instruments

Back Button SLAS753B Datasheet HTML 6Page - Texas Instruments SLAS753B Datasheet HTML 7Page - Texas Instruments SLAS753B Datasheet HTML 8Page - Texas Instruments SLAS753B Datasheet HTML 9Page - Texas Instruments SLAS753B Datasheet HTML 10Page - Texas Instruments SLAS753B Datasheet HTML 11Page - Texas Instruments SLAS753B Datasheet HTML 12Page - Texas Instruments SLAS753B Datasheet HTML 13Page - Texas Instruments SLAS753B Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 44 page
background image
MSP430G22x0
SLAS753D – JANUARY 2012 – REVISED AUGUST 2012
www.ti.com
Memory Organization
Table 9. Memory Organization
MSP430G22x0
Memory
Size
2KB Flash
Main: interrupt vector
Flash
0xFFFF-0xFFC0
Main: code memory
Flash
0xFFFF-0xF800
Size
256 Byte
Information memory
Flash
0x10FF - 0x1000
128 Byte
RAM
Size
0x027F - 0x0200
16-bit
0x01FF - 0x0100
Peripherals
8-bit
0x00FF - 0x0010
8-bit SFR
0x000F - 0x0000
Flash Memory
The flash memory can be programmed by the Spy-Bi-Wire or JTAG port, or in-system by the CPU. The CPU can
perform single-byte and single-word writes to the flash memory. Features of the flash memory include:
Flash memory has n segments of main memory and four segments of information memory (A to D) of
64 bytes each. Each segment in main memory is 512 bytes in size.
Segments 0 to n may be erased in one step, or each segment may be individually erased.
Segments A to D can be erased individually, or as a group with segments 0 to n. Segments A to D are also
called information memory.
Segment A contains calibration data. After reset segment A is protected against programming and erasing. It
can be unlocked but care should be taken not to erase this segment if the device-specific calibration data is
required.
10
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated


Similar Part No. - SLAS753B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SLAS191A TI1-SLAS191A Datasheet
493Kb / 86P
[Old version datasheet]   Starter Kit Evaluation Kit Manual
SLAS191A TI-SLAS191A Datasheet
493Kb / 86P
[Old version datasheet]   Starter Kit Evaluation Kit Manual
logo
ON Semiconductor
SLAS5223 ONSEMI-SLAS5223 Datasheet
151Kb / 10P
   Ultra-Low Dual SPDT Analog Switch
October, 2013 ??Rev. 0
SLAS5223MNR2G ONSEMI-SLAS5223MNR2G Datasheet
151Kb / 10P
   Ultra-Low Dual SPDT Analog Switch
October, 2013 ??Rev. 0
logo
List of Unclassifed Man...
SLASC1 ETC2-SLASC1 Datasheet
39Kb / 1P
   2.0mm Ceramic Surface Mount Crystal
More results

Similar Description - SLAS753B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com