Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA2513M Datasheet(PDF) 16 Page - Sony Corporation

Part # CXA2513M
Description  3-Band Preset Graphic Equalizer IC (with standby and memory on last preset mode)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2513M Datasheet(HTML) 16 Page - Sony Corporation

Back Button CXA2513M Datasheet HTML 12Page - Sony Corporation CXA2513M Datasheet HTML 13Page - Sony Corporation CXA2513M Datasheet HTML 14Page - Sony Corporation CXA2513M Datasheet HTML 15Page - Sony Corporation CXA2513M Datasheet HTML 16Page - Sony Corporation CXA2513M Datasheet HTML 17Page - Sony Corporation CXA2513M Datasheet HTML 18Page - Sony Corporation CXA2513M Datasheet HTML 19Page - Sony Corporation CXA2513M Datasheet HTML 20Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
– 16 –
CXA2513M
3. Mute Pulse Generation
The CXA2513M has one voltage comparator built-in. The built-in voltage comparator is used to produce mute
pulse during the depress of the preset mode switches. During depress the switch, there is a voltage pulse of
about 1V depending appearing at the cathode of the LEDs.
The mute detector comparator is used to detect this voltage changes at the cathode of LEDs and produce
mute pulse at Pin 12. The polarity of the mute pulse can be set. When the M_DET+ pin (Pin 18) is higher than
the M_DET– pin (Pin 17), the MUTE pin (Pin 12) will be high. When the M_DET+ pin (Pin 18) is lower than the
M_DET– pin (Pin 17), the MUTE pin (Pin 12) becomes low.
A capacitor is used to store the initial voltage before the depression of the mode switch. Once the switch is
depressed, the capacitor starts discharge. The values of the resistors and capacitor set the duration of the
mute pulse.
Notes on Operation
1) Value of Timing Capacitor
The timing and the duration of the MUTE pin and the LEDs light-up depends on the value of the timing
capacitor as the timing capacitor is discharging to (VCC – 5∗VBE).
The charging time constant is 250K
∗(timing capacitor) and the discharging time constant is 150K∗(timing capacitor).
The two threshold values:
a) Latch Output Enable (LATCH_OE_ctl)
b) Latch enable/Mute disable (LATCH_ctl)
The threshold values of the Latch Output Enable (LATCH_OE_ctl) is set to (VCC – 3∗VBE) and the threshold
values of the Latch enable/Mute disable (LATCH_ctl) is set to (VCC – 4∗VBE).
So, the duration for all the LEDs light-up is
2∗VBE = (5VBE) exp (–t1/RC)
where R = 150K
and the sound appears after t2 seconds if the mute pulse output pin is used. This t2 is given by
VBE = (5VBE) exp (–t2/RC)
where R = 150K
Therefore, depending on the requirements of the time on the mute sound and the duration of all LEDs light-up,
choose the value of the timing capacitors.


Similar Part No. - CXA2513M

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2510AQ SONY-CXA2510AQ Datasheet
447Kb / 21P
   Dolby B Type Noise Reduction System with Playback Equalizer Amplifier
CXA2511AQ SONY-CXA2511AQ Datasheet
565Kb / 21P
   Dolby B-C Type Noise Reduction System with Playback Equalizer Amplifier
CXA2515AM SONY-CXA2515AM Datasheet
270Kb / 13P
   RF Amplifier for CD Player and CD-ROM
CXA2515AN SONY-CXA2515AN Datasheet
270Kb / 13P
   RF Amplifier for CD Player and CD-ROM
More results

Similar Description - CXA2513M

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2381 PTC-PT2381 Datasheet
338Kb / 3P
   4-Mode Preset Equalizer IC?
logo
Silan Microelectronics ...
SC5388 SILAN-SC5388 Datasheet
155Kb / 9P
   5-MODE PRESET EQUALIZER IC
logo
Princeton Technology Co...
PT2388 PTC-PT2388 Datasheet
112Kb / 4P
   5-Mode Preset Equalizer IC???
PT2388 PTC-PT2388_10 Datasheet
308Kb / 9P
   5-Mode Preset Equalizer IC
PT2380 PTC-PT2380 Datasheet
272Kb / 11P
   4 Mode Preset Equalizer IC
logo
Toshiba Semiconductor
TA2078P TOSHIBA-TA2078P Datasheet
197Kb / 6P
   PRESET EQUALIZER IC
logo
Princeton Technology Co...
PT2381 PTC-PT2381_10 Datasheet
292Kb / 13P
   4-Mode Preset Equalizer IC
logo
Rohm
BA3840KV ROHM-BA3840KV Datasheet
146Kb / 8P
   Preset graphic equalizer for headphone stereos
logo
List of Unclassifed Man...
CD7388CP ETC2-CD7388CP Datasheet
393Kb / 7P
   Five preset mode equalizer circuit
logo
Silan Microelectronics ...
SC5389 SILAN-SC5389 Datasheet
158Kb / 10P
   5-MODE PRESET EQUALIZER IC WITH BASS BOOSTER & 3D EFFECTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com