Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA2525AN Datasheet(PDF) 1 Page - Sony Corporation

Part # CXA2525AN
Description  RF Amplifier for CD Player and CD-ROM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2525AN Datasheet(HTML) 1 Page - Sony Corporation

  CXA2525AN Datasheet HTML 1Page - Sony Corporation CXA2525AN Datasheet HTML 2Page - Sony Corporation CXA2525AN Datasheet HTML 3Page - Sony Corporation CXA2525AN Datasheet HTML 4Page - Sony Corporation CXA2525AN Datasheet HTML 5Page - Sony Corporation CXA2525AN Datasheet HTML 6Page - Sony Corporation CXA2525AN Datasheet HTML 7Page - Sony Corporation CXA2525AN Datasheet HTML 8Page - Sony Corporation CXA2525AN Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
– 1 –
CXA2525AM/AN
E96318C8Z
RF Amplifier for CD Player and CD-ROM
Description
The CXA2525AM/AN is an IC for RF signal
processing of CD player and CD-ROM.
Features
• Wide-band RF amplifier. (RF signal fc
≥ 12MHz)
• RF equalizer (T type)
• EFM time constant can be adjusted
(with switching function)
• APC (Automatic Power Control) function
• Power saving function
Functions
• RF summing amplifier
• RF equalizer
• Focus error amplifier
• Tracking error amplifier
• APC circuit
Absolute Maximum Ratings
• Supply voltage
VCC
7V
• Storage temperature
Tstg
–65 to +150 °C
• Allowable power dissipation
PD
500
mW
Operating Conditions
• Supply voltage
VCC – GND +3.0 to +5.5 V
• Operating temperature Topr
–20 to +75 °C
Applications
• CD players
• CD-ROM drives
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
CXA2525AM
20 pin SOP (Plastic)
CXA2525AN
20 pin SSOP (Plastic)
For the availability of this product, please contact the sales office.


Similar Part No. - CXA2525AN

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CXA2520 CREE-CXA2520 Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA2520 LED
CXA2520-0000-000N00P20E8 CREE-CXA2520-0000-000N00P20E8 Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA2520 LED
CXA2520-0000-000N00P227F CREE-CXA2520-0000-000N00P227F Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA2520 LED
CXA2520-0000-000N00P227F CREE-CXA2520-0000-000N00P227F Datasheet
1Mb / 12P
   6-Inch Downlight Reference Design
CXA2520-0000-000N00P227H CREE-CXA2520-0000-000N00P227H Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA2520 LED
More results

Similar Description - CXA2525AN

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2521AQ SONY-CXA2521AQ Datasheet
341Kb / 17P
   RF AMPLIFIER FOR CD PLAYER AND CD-ROM
CXA2515AM SONY-CXA2515AM Datasheet
270Kb / 13P
   RF Amplifier for CD Player and CD-ROM
CXA2555Q SONY-CXA2555Q Datasheet
331Kb / 22P
   RF Amplifier for CD Player/CD-ROM
CXA2556Q SONY-CXA2556Q Datasheet
318Kb / 22P
   RF Amplifier for CD Player/CD-ROM
CXA2557R SONY-CXA2557R Datasheet
543Kb / 35P
   RF Amplifier for CD Player/CD-ROM
logo
New Japan Radio
NJM2117 NJRC-NJM2117 Datasheet
400Kb / 16P
   RF AMPLIFIER FOR CD PLAYER
logo
STMicroelectronics
STA1052 STMICROELECTRONICS-STA1052 Datasheet
189Kb / 14P
   DSP/MCU system for CD-DA, CD-CA, CD-ROM player
logo
Rohm
BA5921FP ROHM-BA5921FP Datasheet
146Kb / 9P
   4-channel BTL driver for CD player and CD-ROM drives
logo
Panasonic Semiconductor
AN8735NSB PANASONIC-AN8735NSB Datasheet
51Kb / 5P
   2-channel linear driver IC for CD/CD-ROM player
MN662785TBUC PANASONIC-MN662785TBUC Datasheet
1Mb / 89P
   LSI FOR COMPACT DISC/CD ROM PLAYER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com