Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HCT273ADTR2G Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC74HCT273ADTR2G
Description  Octal D Flip-Flop with Common Clock and Reset with LSTTL-Compatible Inputs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HCT273ADTR2G Datasheet(HTML) 3 Page - ON Semiconductor

  MC74HCT273ADTR2G Datasheet HTML 1Page - ON Semiconductor MC74HCT273ADTR2G Datasheet HTML 2Page - ON Semiconductor MC74HCT273ADTR2G Datasheet HTML 3Page - ON Semiconductor MC74HCT273ADTR2G Datasheet HTML 4Page - ON Semiconductor MC74HCT273ADTR2G Datasheet HTML 5Page - ON Semiconductor MC74HCT273ADTR2G Datasheet HTML 6Page - ON Semiconductor MC74HCT273ADTR2G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MC74HCT273A
http://onsemi.com
3
AC ELECTRICAL CHARACTERISTICS (VCC = 5.0 V ± 10%, CL = 50 pF, Input tr = tf = 6.0 ns)
Symbol
Parameter
Fig.
Guaranteed Limit
Unit
– 55 to
25_C
v 85_C
v 125_C
fmax
Maximum Clock Frequency (50% Duty Cycle)
2, 5
30
24
20
MHz
tPLH,
tPHL
Maximum Propagation Delay, Clock to Q
2, 5
25
28
35
ns
tPHL
Maximum Propagation Delay, Reset to Q
25
28
35
ns
tTLH,
tTHL
Maximum Output Transition Time, Any Output
2, 5
18
20
22
ns
CPD
Power Dissipation Capacitance (Per Gate)*
Typical @ 25°C, VCC = 5.0 V
pF
30
* Used to determine the no−load dynamic power consumption: PD = CPD VCC2f + ICC VCC.
TIMING REQUIREMENTS (VCC = 5.0 V ± 10%, CL = 50 pF, Input tr = tf = 6.0 ns)
Symbol
Parameter
Fig.
Guaranteed Limit
Unit
– 55 to 25_C
v 85_C
v 125_C
Min
Max
Min
Max
Min
Max
tsu
Minimum Setup Time, Data to Clock
10
12
15
ns
th
Minimum Hold Time, Clock to Data
3.0
3.0
3.0
ns
trec
Minimum Recovery Time, Set or Reset Inactive to Clock
5.0
5.0
5.0
ns
tw
Minimum Pulse Width, Clock
2
12
15
18
ns
tw
Minimum Pulse Width, Set or Reset
12
15
18
ns
tr, tf
Maximum Input Rise and Fall Times
2
500
500
500
ns
Figure 2.
CLOCK
Q
tr
tf
3.0 V
GND
2.7 V
1.3 V
0.3 V
90%
1.3 V
10%
tPLH
tPHL
tTLH
tTHL
Figure 3.
tw
1/fmax
RESET
Q
CLOCK
tw
1.3 V
1.3 V
1.3 V
3.0 V
GND
3.0 V
GND
tPHL
trec
SWITCHING WAVEFORMS


Similar Part No. - MC74HCT273ADTR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HCT273ADTR2G ONSEMI-MC74HCT273ADTR2G Datasheet
118Kb / 6P
   Octal D Flip-Flop with Common Clock and Reset with LSTTL-Compatible Inputs
September, 2014 ??Rev. 12
More results

Similar Description - MC74HCT273ADTR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HCT273A ONSEMI-MC74HCT273A_14 Datasheet
118Kb / 6P
   Octal D Flip-Flop with Common Clock and Reset with LSTTL-Compatible Inputs
September, 2014 ??Rev. 12
logo
Motorola, Inc
MC74HCT273A MOTOROLA-MC74HCT273A Datasheet
131Kb / 5P
   Octal D Flip-Flop with Common Clock and Reset with LSTTL-Compatible Inputs
logo
ON Semiconductor
MC74HCT273A ONSEMI-MC74HCT273A Datasheet
152Kb / 8P
   Octal D Flip-Flop with Common Clock and Reset with LSTTL-Compatible Inputs
March, 2000 ??Rev. 8
logo
Motorola, Inc
MC74HCT174A MOTOROLA-MC74HCT174A Datasheet
178Kb / 5P
   Hex D Flip-Flop with Common Clock and Reset with LSTTL Compatible Inputs
logo
ON Semiconductor
MC74HCT273A ONSEMI-MC74HCT273A_06 Datasheet
148Kb / 8P
   Octal D Flip?묯lop with Common Clock and Reset with LSTTL?묬ompatible Inputs
March, 2006 ??Rev. 10
logo
Motorola, Inc
MC74HCT74A MOTOROLA-MC74HCT74A Datasheet
187Kb / 5P
   Dual D Flip-Flop with Set and Reset with LSTTL Compatible Inputs
logo
KODENSHI_AUK CORP.
KK74HC273A KODENSHI-KK74HC273A Datasheet
242Kb / 6P
   Octal D Flip-Flop with Common Clock and Reset
logo
Integral Corp.
IN74ACT273 INTEGRAL-IN74ACT273 Datasheet
182Kb / 5P
   OCTAL D FLIP-FLOP WITH COMMON CLOCK AND RESET
logo
ON Semiconductor
MC74HCT74A ONSEMI-MC74HCT74A Datasheet
154Kb / 8P
   Dual D Flip-Flop with Set and Reset with LSTTL Compatible Inputs
March, 2000 ??Rev. 8
MC74HC273 ONSEMI-MC74HC273 Datasheet
195Kb / 8P
   OCTAL D FLIP FLOP WITH COMMON CLOCK AND RESET
May, 2000 ??Rev. 9
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com