Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCE0806G-900-2P-T Datasheet(PDF) 6 Page - TDK Electronics

Part # TCE0806G-900-2P-T
Description  Common Mode Filters For ultra high-speed differential signal line
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

TCE0806G-900-2P-T Datasheet(HTML) 6 Page - TDK Electronics

  TCE0806G-900-2P-T Datasheet HTML 1Page - TDK Electronics TCE0806G-900-2P-T Datasheet HTML 2Page - TDK Electronics TCE0806G-900-2P-T Datasheet HTML 3Page - TDK Electronics TCE0806G-900-2P-T Datasheet HTML 4Page - TDK Electronics TCE0806G-900-2P-T Datasheet HTML 5Page - TDK Electronics TCE0806G-900-2P-T Datasheet HTML 6Page - TDK Electronics TCE0806G-900-2P-T Datasheet HTML 7Page - TDK Electronics TCE0806G-900-2P-T Datasheet HTML 8Page - TDK Electronics TCE0806G-900-2P-T Datasheet HTML 9Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
• All specifications are subject to change without notice.
(5/8)
002-01 / 20120424 / e9712_tce
Common Mode Filters
For Ultra High-speed Differential Signal Line
(HDMI, DVI, DisplayPort, USB3.0, etc.)
TCE Series TCE1210G
FEATURES
• Common mode filter for improving EMC with an ESD protection
element (ESD suppressor) using thin-film processing and mate-
rials technology acquired from HDD head manufacturing.
• One component can be used for suppressing common mode
noise and ESD.
• Greatly reduces the number of components and installation
area.
• By providing wide bandwidth (cutoff frequency: 3GHz min.) for
differential mode, this product has almost no effect for high-
speed differential signals and can suppress the radiated
emission.
• This product contains no lead and supports lead-free soldering.
APPLICATIONS
Suppressing noise and ESD for high-speed differential signal inter-
faces such as USB 2.0 and HDMI for mobile devices such as
mobile phones, smartphones, digital cameras, and portable music
players, and general consumer products.
PRODUCT IDENTIFICATION
(1) Series name
(2) Dimensions L
W
(3) Product identification number
(4) Impedance[at 100MHz]
900: 90
(5) Number of line
2P: 2-line
(6) Packaging style
T: ø180mm reel taping
TEMPERATURE RANGES
PACKAGING STYLE AND QUANTITIES
SHAPES AND DIMENSIONS/CIRCUIT DIAGRAMS/RECOMMENDED PC BOARD PATTERNS
Conformity to RoHS Directive
TCE
1210
G - 900 - 2P -
T
(1)
(2)
(3)
(4)
(5)
(6)
Operating
–25 to +85°C
Storage(After mount)
–25 to +85°C
Packaging style
Quantity
Taping
4000 pieces/reel
1.00±0.07
0.30±0.10
0.20±0.10
Weight: 3mg
Dimensions in mm
0.55±0.10
4
1
3
2
0.20±0.10
GND
GND
56
12
4
56
3
• No polarity
Dimensions in mm
0.60
1.40
0.25
0.30
• Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific
bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications.


Similar Part No. - TCE0806G-900-2P-T

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
TCE TAITRON-TCE Datasheet
310Kb / 4P
   Chip Aluminum Electrolytic Capacitor
logo
MKS Instruments.
TCE-20 MKS-TCE-20 Datasheet
254Kb / 2P
   CALIBRATION, VOLTAGE MONITORING & TROUBLESHOOTING
logo
Exxelia Group
TCE-TCX-TCN-TXR EXXELIA-TCE-TCX-TCN-TXR Datasheet
700Kb / 16P
   Axial Molded Capacitors
revised 11/22
logo
TAITRON Components Inco...
TCE10M35-B-XX-TR30 TAITRON-TCE10M35-B-XX-TR30 Datasheet
310Kb / 4P
   Chip Aluminum Electrolytic Capacitor
logo
Pletronics, Inc.
TCE4024026A PLETRONICS-TCE4024026A Datasheet
97Kb / 6P
   TCVCXO Oscillator
More results

Similar Description - TCE0806G-900-2P-T

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ACM2012D TDK-ACM2012D_16 Datasheet
142Kb / 7P
   Common Mode Filters For ultra high-speed differential signal line
TCM0403S TDK-TCM0403S Datasheet
173Kb / 4P
   Common mode filters Ultra high-speed differential signal line
TCM0605S TDK-TCM0605S Datasheet
176Kb / 4P
   Common mode filters Ultra high-speed differential signal line
MCZ1210AH TDK-MCZ1210AH Datasheet
89Kb / 5P
   Common Mode Filters For high-speed differential signal line
TCM0403M TDK-TCM0403M Datasheet
172Kb / 4P
   Common mode filters High-speed differential signal line
TCM0605M TDK-TCM0605M Datasheet
181Kb / 4P
   Common mode filters High-speed differential signal line
ACM2012 TDK-ACM2012_11 Datasheet
129Kb / 6P
   Common Mode Filters For high-speed differential signal line/general signal line
ACM2012-900-2P-T TDK-ACM2012-900-2P-T Datasheet
128Kb / 11P
   Common Mode Filters For high-speed differential signal line, general signal line
ACM2012E-102-2P-T00 TDK-ACM2012E-102-2P-T00 Datasheet
188Kb / 9P
   Common Mode Filters For high-speed differential signal line, general signal line
ACM3225-800-2P-T001 TDK-ACM3225-800-2P-T001 Datasheet
90Kb / 4P
   Common Mode Filters For high-speed differential signal line/general signal line
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com