Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74VHCT74ADT Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC74VHCT74ADT
Description  Dual D-Type Flip-Flop with Set and Reset
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74VHCT74ADT Datasheet(HTML) 3 Page - ON Semiconductor

  MC74VHCT74ADT Datasheet HTML 1Page - ON Semiconductor MC74VHCT74ADT Datasheet HTML 2Page - ON Semiconductor MC74VHCT74ADT Datasheet HTML 3Page - ON Semiconductor MC74VHCT74ADT Datasheet HTML 4Page - ON Semiconductor MC74VHCT74ADT Datasheet HTML 5Page - ON Semiconductor MC74VHCT74ADT Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MC74VHCT74A
http://onsemi.com
3
AC ELECTRICAL CHARACTERISTICS (Input tr = tf = 3.0ns)
Symbol
Parameter
Test Conditions
TA = 25°C
TA = − 55 to 125°C
Unit
Min
Typ
Max
Min
Max
tPLH,
tPHL
Maximum Propagation Delay,
CP to Q or Q
VCC = 5.0 ± 0.5V CL = 15 pF
CL = 50 pF
5.8
6.3
7.8
8.8
1.0
1.0
9.0
10.0
ns
tPLH,
tPHL
Maximum Propagation Delay,
SD or RD to Q or Q
VCC = 5.0 ± 0.5V CL = 15 pF
CL = 50 pF
7.6
8.1
10.4
11.4
1.0
1.0
12.0
13.0
ns
fmax
Maximum Clock Frequency
(50% Duty Cycle)
VCC = 5.0 ± 0.5V CL = 15 pF
CL = 50 pF
100
80
160
140
80
65
MHz
Cin
Maximum Input Capacitance
4
10
10
pF
CPD
Power Dissipation Capacitance (Note 1)
Typical @ 25°C, VCC = 5.0 V
pF
24
1. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load.
Average operating current can be obtained by the equation: ICC(OPR) = CPD  VCC  fin + ICC/2 (per flip−flop). CPD is used to determine the
no−load dynamic power consumption; PD = CPD  VCC2  fin + ICC  VCC.
TIMING REQUIREMENTS (Input tr = tf = 3.0 ns)
Symbol
Parameter
VCC
V
Guaranteed Limit
Unit
TA = 25°C
TA = − 55 to 125°C
tw
Minimum Pulse Width, CP
5.0 ± 0.5
5.0
5.0
ns
tw
Minimum Pulse Width, RD or SD
5.0 ± 0.5
5.0
5.0
ns
tsu
Minimum Setup Time, D to CP
5.0 ± 0.5
5.0
5.0
ns
th
Minimum Hold Time, D to CP
5.0 ± 0.5
0.0
0.0
ns
trec
Minimum Recovery Time, SD or RD to CP
5.0 ± 0.5
3.5
3.5
ns
ORDERING INFORMATION
Device
Package
Shipping
MC74VHCT74AD
SOIC−14
55 Units / Rail
MC74VHCT74ADR2
SOIC−14
2500 / Tape & Reel
MC74VHCT74ADR2G
SOIC−14
(Pb−Free)
2500 / Tape & Reel
MC74VHCT74ADT
TSSOP−14*
96 Units / Rail
MC74VHCT74ADTR2
TSSOP−14*
2500 / Tape & Reel
MC74VHCT74ADTR2G
TSSOP−14*
2500 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*This package is inherently Pb−Free.


Similar Part No. - MC74VHCT74ADT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHCT74ADT ONSEMI-MC74VHCT74ADT Datasheet
147Kb / 6P
   Dual D-Type Flip-Flop with Set and Reset
1998 REV 0
MC74VHCT74ADT ONSEMI-MC74VHCT74ADT Datasheet
86Kb / 6P
   Dual D?뭈ype Flip?묯lop with Set and Reset
July, 2006 ??Rev. 5
MC74VHCT74ADTR2 ONSEMI-MC74VHCT74ADTR2 Datasheet
86Kb / 6P
   Dual D?뭈ype Flip?묯lop with Set and Reset
July, 2006 ??Rev. 5
MC74VHCT74ADTR2G ONSEMI-MC74VHCT74ADTR2G Datasheet
86Kb / 6P
   Dual D?뭈ype Flip?묯lop with Set and Reset
July, 2006 ??Rev. 5
More results

Similar Description - MC74VHCT74ADT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHCT74A ONSEMI-MC74VHCT74A Datasheet
147Kb / 6P
   Dual D-Type Flip-Flop with Set and Reset
1998 REV 0
logo
Motorola, Inc
MC74VHC74 MOTOROLA-MC74VHC74 Datasheet
153Kb / 6P
   Dual D-Type Flip-Flop with Set and Reset
logo
NXP Semiconductors
74ALS74A PHILIPS-74ALS74A Datasheet
50Kb / 10P
   Dual D-type flip-flop with set and reset
1996 Jul 01
logo
Texas Instruments
CD54HC74 TI1-CD54HC74_14 Datasheet
628Kb / 17P
[Old version datasheet]   Dual D Flip-Flop with Set and Reset
logo
KODENSHI_AUK CORP.
KK74VHC74 KODENSHI-KK74VHC74 Datasheet
311Kb / 7P
   DUAL D FLIP-FLOP WITH SET AND RESET
logo
IK Semicon Co., Ltd
IN74VHCT74 IKSEMICON-IN74VHCT74 Datasheet
290Kb / 7P
   Dual D Flip-Flop with Set and Reset
logo
ON Semiconductor
MC74HC74A ONSEMI-MC74HC74A Datasheet
187Kb / 8P
   Dual D Flip-Flop with Set and Reset
March, 2000 ??Rev. 8
logo
KODENSHI_AUK CORP.
KK74VHCT74 KODENSHI-KK74VHCT74 Datasheet
303Kb / 7P
   Dual D Flip-Flop with Set and Reset
logo
IK Semicon Co., Ltd
IN74HC74A IKSEMICON-IN74HC74A Datasheet
228Kb / 6P
   Dual D Flip-Flop with Set and Reset
logo
ON Semiconductor
MC74HC74A ONSEMI-MC74HC74A_11 Datasheet
150Kb / 9P
   Dual D Flip-Flop with Set and Reset
May, 2011 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com