Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL54500 Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL54500
Description  Providing high-performance solutions for every link in the signal chain
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54500 Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL54500 Datasheet HTML 4Page - Intersil Corporation ISL54500 Datasheet HTML 5Page - Intersil Corporation ISL54500 Datasheet HTML 6Page - Intersil Corporation ISL54500 Datasheet HTML 7Page - Intersil Corporation ISL54500 Datasheet HTML 8Page - Intersil Corporation ISL54500 Datasheet HTML 9Page - Intersil Corporation ISL54500 Datasheet HTML 10Page - Intersil Corporation ISL54500 Datasheet HTML 11Page - Intersil Corporation ISL54500 Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
8
Intersil Signal Path Products  2012  www.intersil.com
Block Diagram
High Accuracy Even in Extreme Temperature Conditions
RTC Modules with Embedded Crystal and Temp Comp: ISL12022M
3 in 1 RTC Module
(RTC + Embedded
Crystal + Temp Sensor)
Achieves Better than
+5ppm Accuracy
Key Features
• ±5ppm Accuracy (-40°C to +85°C)
- Factory programmed RTC for optimal accuracy
- Onboard temperature sensor
- Embedded crystal
• Reliable Timekeeping & Power Management
- Backup battery management
- Vdd and battery status monitors and switchover
timestamp
- Battery ResealTM function extends battery shelf
life
• User Programmability
- I2C Interface
- 128 bytes battery-backed user SRAM
• See also
- ISL12020M (DFN 3 in 1); ISL12022 and ISL12023
standalone RTCs
ISL12022M
Crystal
Oscillator
Frequency
Control
Temp
Sensor
Single
Alarm
Compen-
sation
Registers
Brown-out
Alarm
Battery
ReSeal™
µP
I2C
IRQ/FOUT
Clock
Calendar
POR
Switch
VDD
VBAT
±
Battery-
backed
User SRAM
Battery or
Super Cap
2.7V to 5.5V
1.8V to 5.5V
TRIP
V
Power Control
Embedded Crystal
Embedded
Temperature Sensor
-160.0
-140.0
-120.0
-100.0
-80.0
-60.0
-40.0
-20.0
0.0
-40
-20
0
20
40
60
80
100
Temperature (°C)
ISL12022M Compensated
Crystal Drift
Uncompensated Crystal Drift
Better than ±5.0ppm
over -40 to +85°C!
Device
IBAT
(nA)
Alarms
Selectable
Frequency
Output
CPU Supervisory
Function
Battery
IRQ
FOUT
SRAM
Other Functions
Package
POR
Watch-
dog
Timer
Seal
Backup
ISL12020M
1000
1
15
N
N
Y
Y
Shared Pin
128 Bytes • Battery Switchover Time Stamp
• Battery Status Monitor
20 Ld DFN
ISL12022M
1000
1
15
N
N
Y
Y
Shared Pin
128 Bytes • Battery Switchover Time Stamp
• Battery Status Monitor
20 Ld SOIC
ISL12022MA
1000
1
15
N
N
Y
Y
Shared Pin
128 Bytes
• Enhanced Environmental MoistureTolerance
• 100% Pin Compatible with ISL12022M
• Firmware Compatible with ISL12020M and
ISL12022M
Enhanced
20 Ld SOIC
ISL12022M-R5421
1000
1
15
N
N
Y
Y
Shared Pin
128 Bytes
• Enhanced ESD Performance
• 100% Pin Compatible with ISL12022M
• Firmware Compatible with ISL12020M and
ISL12022M
Enhanced
20 Ld SOIC
-5
-4
-3
-2
-1
0
1
2
3
4
5
-40
-20
0
20
40
60
80
TEMPERATURE (°C)
Intersil’s family of Real Time Clock products offer a wide variety of
useful industry-standard functions and features including clocks and
calendars, programmable alarms with event recording, non-volatile
memory for system personality data and unique device IDs, and
power supervision including backup battery and system shutdown
management. The 3-in-1 Module products feature an integrated 32kHz
crystal with onboard temperature sensor, to maintain high accuracy
over the rated temperature range without user calibration.
Target Applications
•Handheld / Portable Devices
•Industrial / Communications /
Specialty
•High Volume Consumer
•Residential / Industrial Power Meter
Real Time Clocks
High-Accuracy RTC Modules


Similar Part No. - ISL54500

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54500 INTERSIL-ISL54500 Datasheet
379Kb / 13P
   1.8V to 5.5V, 5OHM, Single SPDT Analog Switch
logo
Renesas Technology Corp
ISL54500 RENESAS-ISL54500 Datasheet
676Kb / 13P
   1.8V to 5.5V, 5W, Single SPDT Analog Switch
logo
Intersil Corporation
ISL54500IHZ-T INTERSIL-ISL54500IHZ-T Datasheet
379Kb / 13P
   1.8V to 5.5V, 5OHM, Single SPDT Analog Switch
logo
Renesas Technology Corp
ISL54500IHZ-T RENESAS-ISL54500IHZ-T Datasheet
676Kb / 13P
   1.8V to 5.5V, 5W, Single SPDT Analog Switch
logo
Intersil Corporation
ISL54500IRUZ-T INTERSIL-ISL54500IRUZ-T Datasheet
379Kb / 13P
   1.8V to 5.5V, 5OHM, Single SPDT Analog Switch
More results

Similar Description - ISL54500

ManufacturerPart #DatasheetDescription
logo
D+H Mechatronic AG
CDP-TW3000-BSY DH-CDP-TW3000-BSY Datasheet
430Kb / 3P
   High-performance chain drives
CDP1500-BSY DH-CDP1500-BSY Datasheet
432Kb / 3P
   High-performance chain drives
logo
Texas Instruments
TMDXMDKDS3254 TI-TMDXMDKDS3254 Datasheet
157Kb / 2P
[Old version datasheet]   Low-power signal chain solutions based on C5505 DSP for portable medical application development
logo
List of Unclassifed Man...
TLP712 ETC2-TLP712 Datasheet
52Kb / 4P
   State of the art protection for every application
logo
Winchester Electronics ...
KA-89-60 WINCHESTER-KA-89-60 Datasheet
62Kb / 1P
   THE CAP, CHAIN
logo
Advanced Thermal Soluti...
ATS-55190K-C0-R0 ATS-ATS-55190K-C0-R0 Datasheet
344Kb / 1P
   High Performance BGA Cooling Solutions
REV1_1116
logo
STMicroelectronics
AN3070 STMICROELECTRONICS-AN3070 Datasheet
197Kb / 12P
   Managing the Driver Enable signal for RS-485 and IO-Link
logo
Advanced Thermal Soluti...
ATS-50450P-C3-R0 ATS-ATS-50450P-C3-R0 Datasheet
321Kb / 1P
   Ultra High Performance BGA Cooling Solutions
REV2_0712
logo
List of Unclassifed Man...
AO22 ETC-AO22 Datasheet
10Kb / 1P
   circuit providing the logical function
logo
PHOENIX CONTACT
1627204 PHOENIX-1627204 Datasheet
76Kb / 3P
   Consistent EMC protection for reliable connection solutions in the industrial environment
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com