Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD05T1 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # SD05T1
Description  Transient Voltage Suppressor Diode SOD.323 Diodes for ESD Protection
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SD05T1 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  SD05T1_12 Datasheet HTML 1Page - Sanyo Semicon Device SD05T1_12 Datasheet HTML 2Page - Sanyo Semicon Device SD05T1_12 Datasheet HTML 3Page - Sanyo Semicon Device SD05T1_12 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SD05T1 Series
http://onsemi.com
2
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Peak Power Dissipation @ 20
ms (Note 1)
@ TL ≤ 25°C
Ppk
350
Watts
IEC 61000−4−2 (ESD)
Air
Contact
±15
±8.0
kV
IEC 61000−4−4 (EFT)
40
A
ESD Voltage (Human Body Model (HBM) Waveform per IEC 61000−4−2)
VPP
30
kV
Total Power Dissipation on FR−5 Board (Note 2) @ TA = 25°C
Derate above 25
°C
°PD°
200
1.6
°mW°
mW/
°C
Thermal Resistance Junction−to−Ambient
RqJA
635
°C/W
Junction and Storage Temperature Range
TJ, Tstg
−55 to +150
°C
Lead Solder Temperature − Maximum (10 Second Duration)
TL
260
°C
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
*Other voltages may be available upon request.
1. Nonrepetitive current pulse, per Figure 6.
2. FR−5 = 1.0 x 0.75 x 0.62 in.
ELECTRICAL CHARACTERISTICS
(TA = 25°C unless otherwise noted)
Symbol
Parameter
IPP
Maximum Reverse Peak Pulse Current
VC
Clamping Voltage @ IPP
VRWM
Working Peak Reverse Voltage
IR
Maximum Reverse Leakage Current @ VRWM
VBR
Breakdown Voltage @ IT
IT
Test Current
IF
Forward Current
VF
Forward Voltage @ IF
Uni−Directional TVS
IPP
IF
V
I
IR
IT
VRWM
VC VBR
VF
ELECTRICAL CHARACTERISTICS
Device
VRWM
(V)
IR @ VRWM
(
mA)
VBR, Breakdown Voltage
(V)
IT
mA
VC @ IPP = 5 A
(Note 3)
(V)
Max IPP
(Note 3)
(A)
VC @ Max IPP
(Note 3)
(V)
Max
Capacitance
(pF)
Min
Max
VR = 0 V
f = 1.0 MHz
SD05T1, G
5.0
10
6.2
7.3
1.0
9.8
24
14.5
350
SD12T1, G
12
1.0
13.3
15.75
1.0
19
15
25
150
3. 8
× 20 ms pulse waveform.


Similar Part No. - SD05T1_12

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SD05T1 ONSEMI-SD05T1_14 Datasheet
54Kb / 4P
   Transient Voltage Suppressor Diode
September, 2014 ??Rev. 4
More results

Similar Description - SD05T1_12

ManufacturerPart #DatasheetDescription
logo
Microdiode Electronics ...
GBLC03CI CHENDA-GBLC03CI Datasheet
1Mb / 4P
   SOD-323 Plastic-Encapsulate ESD Protection Diodes
logo
Diotec Semiconductor
ESD3B5V0WS DIOTEC-ESD3B5V0WS Datasheet
107Kb / 2P
   Bi-Directional Transient Voltage Suppressor Diodes for ESD Protection
ESD36CA-Q DIOTEC-ESD36CA-Q_13 Datasheet
130Kb / 2P
   Transient Voltage Suppressor Diodes for ESD Protection (AEC-Q101)
logo
Vishay Siliconix
MMBZ6V8DC VISHAY-MMBZ6V8DC Datasheet
37Kb / 2P
   Dual Zener Transient Voltage Suppressor Diodes for ESD Protection
21-May-02
logo
Formosa MS
ESD5Z3.3C FORMOSA-ESD5Z3.3C Datasheet
202Kb / 7P
   SMD Transient Voltage Suppressor For ESD Protection
ESD9FN24 FORMOSA-ESD9FN24 Datasheet
60Kb / 7P
   Chip Transient Voltage Suppressor For ESD Protection
ESD9FN12-A0 FORMOSA-ESD9FN12-A0 Datasheet
57Kb / 7P
   Chip Transient Voltage Suppressor For ESD Protection
N032AT23 FORMOSA-N032AT23 Datasheet
196Kb / 7P
   SMD Transient Voltage Suppressor For ESD Protection
logo
AiT Semiconductor Inc.
GSOT05 AITSEMI-GSOT05 Datasheet
527Kb / 7P
   ESD PROTECTION DIODE TRANSIENT VOLTAGE SUPPRESSORS FOR ESD PROTECTION
REV1.0
logo
Formosa MS
ESD5FN24 FORMOSA-ESD5FN24 Datasheet
60Kb / 7P
   Chip Transient Voltage Suppressor ESD Protection
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com