Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TF252 Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # TF252
Description  Electret Condenser Microphone Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

TF252 Datasheet(HTML) 3 Page - Sanyo Semicon Device

  TF252_12 Datasheet HTML 1Page - Sanyo Semicon Device TF252_12 Datasheet HTML 2Page - Sanyo Semicon Device TF252_12 Datasheet HTML 3Page - Sanyo Semicon Device TF252_12 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TF252
No. A0841-3/4
GV -- IDSS
∆GVV -- IDSS
VGS(off) -- IDSS
yfs -- IDSS
Ciss -- VDS
Crss -- VDS
Zero-Gate Voltage Drain Current, IDSS -- µA
Zero-Gate Voltage Drain Current, IDSS -- µA
Drain-to-Source Voltage, VDS -- V
Drain-to-Source Voltage, VDS -- V
Zero-Gate Voltage Drain Current, IDSS -- µA
Zero-Gate Voltage Drain Current, IDSS -- µA
ID -- VGS
ID -- VGS
Gate-to-Source Voltage, VGS -- V
Gate-to-Source Voltage, VGS -- V
IT12448
--1.0
--0.8
--0.6
--0.4
--0.2
--0.9
--0.7
--0.5
--0.3
--0.4
--0.2
0
0.4
0.8
1.2
0.2
0.6
1.0
1.8
1.6
1.4
--0.20
--0.25
--0.30
--0.35
--0.40
--0.55
--0.50
--0.45
--0.60
100
150
200
250
300
400
350
IT12449
100
150
200
250
300
400
350
VDS=2V
ID=1µA
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
100
150
200
250
300
400
350
IT12444
100
150
200
250
300
400
350
IT12445
VDS=2V
VGS=0V
f=1kHz
10
7
5
3
2
1.0
1.0
10
23
5
7
7
52
3
IT12446
VGS=0V
f=1MHz
IT12447
1.0
7
5
3
3
2
1.0
10
23
5
7
7
52
3
VGS=0V
f=1MHz
GV : VCC=2V
VIN=10mV
f=1kHz
RL=2.2kΩ
Cin=5pF
IDSS : VDS=2V
400
300
200
100
0
IT12442
IT12443
--0.6
--0.5
--0.4
--0.3
--0.2
--0.1
0
350
250
50
150
VDS=2V
400
300
200
100
0
--0.6
--0.5
--0.4
--0.3
--0.2
--0.1
0
350
250
50
150
VDS=2V
∆GVV : VCC=2V→1.5V
VIN=10mV
f=1kHz
RL=2.2kΩ
Cin=5pF
IDSS : VDS=2V


Similar Part No. - TF252_12

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
TF252-4-TL-H ONSEMI-TF252-4-TL-H Datasheet
335Kb / 7P
   N-Channel JFET
August, 2013
TF252-5-TL-H ONSEMI-TF252-5-TL-H Datasheet
335Kb / 7P
   N-Channel JFET
August, 2013
logo
TDK Electronics
TF2527VU TDK-TF2527VU Datasheet
760Kb / 27P
   Common Mode Choke Coils Line Filters for AC Power Supply Toroidal Core Type
TF2528S TDK-TF2528S Datasheet
760Kb / 27P
   Common Mode Choke Coils Line Filters for AC Power Supply Toroidal Core Type
TF2528S-152Y5R0-K1 TDK-TF2528S-152Y5R0-K1 Datasheet
760Kb / 27P
   Common Mode Choke Coils Line Filters for AC Power Supply Toroidal Core Type
More results

Similar Description - TF252_12

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
TF208TH SANYO-TF208TH Datasheet
33Kb / 4P
   Electret Condenser Microphone Applications
EC3A01T SANYO-EC3A01T Datasheet
37Kb / 5P
   Electret Condenser Microphone Applications
EC3A01B SANYO-EC3A01B Datasheet
38Kb / 5P
   Electret Condenser Microphone Applications
TF256 SANYO-TF256 Datasheet
343Kb / 5P
   Electret Condenser Microphone Applications
TF256TH SANYO-TF256TH Datasheet
343Kb / 5P
   Electret Condenser Microphone Applications
TF202 SANYO-TF202 Datasheet
32Kb / 4P
   Electret Condenser Microphone Applications
TF252TH SANYO-TF252TH_12 Datasheet
440Kb / 7P
   Electret Condenser Microphone Applications
logo
CUI INC
CMC-6027-42L100 CUI-CMC-6027-42L100 Datasheet
1Mb / 4P
   ELECTRET CONDENSER MICROPHONE
CMC-6036-40T CUI-CMC-6036-40T Datasheet
496Kb / 4P
   ELECTRET CONDENSER MICROPHONE
CMC-4012-40P CUI-CMC-4012-40P Datasheet
575Kb / 4P
   ELECTRET CONDENSER MICROPHONE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com