Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA2570 Datasheet(PDF) 1 Page - Sony Corporation

Part # CXA2570
Description  RF Matrix Amplifier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2570 Datasheet(HTML) 1 Page - Sony Corporation

  CXA2570 Datasheet HTML 1Page - Sony Corporation CXA2570 Datasheet HTML 2Page - Sony Corporation CXA2570 Datasheet HTML 3Page - Sony Corporation CXA2570 Datasheet HTML 4Page - Sony Corporation CXA2570 Datasheet HTML 5Page - Sony Corporation CXA2570 Datasheet HTML 6Page - Sony Corporation CXA2570 Datasheet HTML 7Page - Sony Corporation CXA2570 Datasheet HTML 8Page - Sony Corporation CXA2570 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
RF Matrix Amplifier
Description
The CXA2570N is an IC developed for the RF signal
processing of compact disc players.
Features
• Wide band RF signal processing
• RF system VCA circuit
• RF system equalizer (supports CAV mode)
• Supports pickups with built-in RF summing amplifier
• Low power consumption mode (EQ Pass mode)
• RW/ROM switching mode
Functions
• RFAC summing amplifier, equalizer, VCA
• RFDC summing amplifier
• Focus error amplifier
• Tracking error amplifier
• Automatic power control
• VC buffer amplifier
Applications
CD-ROM/RW compatible systems
Structure
Bipolar silicon monolithic IC
Absolute Maximum ratings
• Supply voltage
Vcc
7
V
• Operating temperature Topr
–20 to +75
°C
• Storage temperature
Tstg
–65 to +150 °C
• Allowable power dissipation
PD
620
mW
Operating Conditions
• Supply voltage
Vcc – GND 3.0 to 5.5
V
• Operating temperature Topr
–20 to +75
°C
– 1 –
E98259A98-PS
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
CXA2570N
24 pin SSOP (Plastic)


Similar Part No. - CXA2570

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2571N SONY-CXA2571N Datasheet
269Kb / 21P
   RF Matrix Amplifier
More results

Similar Description - CXA2570

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA2571N SONY-CXA2571N Datasheet
269Kb / 21P
   RF Matrix Amplifier
logo
Mini-Circuits
RC-2MTS-18 MINI-RC-2MTS-18 Datasheet
993Kb / 8P
   RF Transfer Switch Matrix
RC-4SPDT-A26 MINI-RC-4SPDT-A26 Datasheet
4Mb / 11P
   RF SPDT Switch Matrix
RCM-3SP4T-18 MINI-RCM-3SP4T-18 Datasheet
557Kb / 7P
   RF SP4T Switch Matrix
REV. A
RC-2SPDT-A26 MINI-RC-2SPDT-A26 Datasheet
4Mb / 11P
   RF SPDT Switch Matrix
RC-2MTS-12N MINI-RC-2MTS-12N Datasheet
974Kb / 7P
   RF Transfer Switch Matrix
REV. A
RC-3MTS-18 MINI-RC-3MTS-18 Datasheet
1Mb / 11P
   RF Transfer Switch Matrix
RC-2SP4T-26 MINI-RC-2SP4T-26 Datasheet
584Kb / 7P
   RF SP4T Switch Matrix
RCM-6SPDT-18 MINI-RCM-6SPDT-18 Datasheet
649Kb / 7P
   RF SPDT Switch Matrix
REV. A
RC-1SP4T-40 MINI-RC-1SP4T-40 Datasheet
824Kb / 7P
   RF SP4T Switch Matrix
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com