Electronic Components Datasheet Search |
|
ISLA214P20 Datasheet(PDF) 11 Page - Intersil Corporation |
|
ISLA214P20 Datasheet(HTML) 11 Page - Intersil Corporation |
11 / 44 page Low Supply Voltage High-Speed USB 2.0 (480Mbps) Multiplexe: ISL54222A USB Switches with Charge Pump for High Speed Data Transfer Intersil Signal Path Products 2012 www.intersil.com 11 USB Switch High Voltage (±15V) MUXes Medium Voltage (±6V, +3 to +12V) Switches/MUXes Low Voltage (<6V) Switches/MUXes USB/Audio Switch ►USB Switch ISL54222A D- D+ SEL GND HSD1- HSD1+ HSD2- HSD2+ VDD OE LOGIC CIRCUITRY D- D+ GND USB HS/FS #1 USB HS/FS #2 1.8V to 3.3V Able to Meet USB Specs at Low 1.8V to 3.3V Supply Voltage Can use the same LDO voltage as the core chipsets in handheld devices. Key Features • USB 2.0 High Speed Compliant • Charge Pump Design • Low RON and Capacitance • Low Leakage During Power Down • Low Supply Current Power Down Mode • Tiny µTQFN Packaging Applications • Photo Mini-Printers • MP3 and Other Personal Media Players • Cellular/Mobile Phones • PDAs • Audio/USB Switching Applications Switches/MUXes Device Device Description Configuration RON (Ω) Con (pF) VDD (V) IS (μA) Package ISL54200 USB 2.0 High/Full Speed Multiplexer HS/FS 7 12 @ 1MHz 2.7 to 5.5 0.02 10 Ld TDFN, 10 Ld µTQFN ISL54216 USB 2.0 High-Speed/UART Dual SP3T (Dual 3 to 1 Multiplexer) HS/HS/HS 5.6 2.75 @ 240MHz 2.7 to 4.6 6.5 12 Ld TQFN, 12 Ld µTQFN ISL54220 High-Speed USB 2.0 (480Mbps) Multiplexer HS/HS 6.7 4.2 @ 240MHz 2.7 to 5.5 0.03 10 Ld MSOP, 10 Ld TDFN, 10 Ld µTQFN ISL54221 High-Speed USB 2.0 (480Mbps) Multiplexer HS/HS 6.7 4.2 @ 240MHz 2.0 to 5.5 1 10 Ld µTQFN ISL54222A High-Speed USB 2.0 (480Mbps) Multiplexer HS/HS 4.4 4.2 @ 240MHz 1.8 to 3.3 5.8 10 Ld MSOP, 10 Ld TDFN, 10 Ld µTQFN ISL54224 High-Speed USB 2.0 (480Mbps) Multiplexer with Overvoltage Protection (OVP) and Overvoltage Indicator Output HS/HS 6.5 3.3 @ 240MHz 2.7 to 5.25 23 10 Ld TDFN, 10 Ld µTQFN ISL54225 High-Speed USB 2.0 (480Mbps) Multiplexer with Overvoltage Protection (OVP) HS/HS 6.5 3.3 @ 240MHz 2.7 to 5.25 23 10 Ld TDFN, 10 Ld µTQFN ISL54226 High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP) and Dedicated Charger Port Detection HS 3.5 2.0 @ 240MHz 2.7 to 5.25 23 8 Ld TDFN, 8 Ld µTQFN ISL54227 High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP) and Dedicated Charger Port Detection HS 3.5 2.0 @ 240MHz 2.7 to 5.25 23 10 Ld TDFN, 10 Ld µTQFN ISL54228 High-Speed USB 2.0 (480Mbps) DPST Switch with Overvoltage Protection (OVP) HS 3.5 2.0 @ 240MHz 2.7 to 5.25 23 8 Ld TDFN, 8 Ld µTQFN ISL54230 Octal Multiprotocol Switch HS/HS/FS/UART 1.26/8 8.3 @1MHz 2.0 to 5.5 1 32 Ld TQFN, 36 Ld WLCSP ISL54233 Wideband Differential 3:1 Multiplexer HS/HS/HS 5.6 2.75 @ 240MHz 2.7 to 4.6 6.5 12 Ld TQFN, 12 Ld µTQFN ISL76120 Automotive Grade USB 2.0 High/Full Speed Multiplexer HS/FS 7 12 @ 1MHz 2.7 to 5.5 0.02 10 Ld TDFN USB Switches |
Similar Part No. - ISLA214P20 |
|
Similar Description - ISLA214P20 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |