Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST2304SRG Datasheet(PDF) 1 Page - Stanson Technology

Part # ST2304SRG
Description  ST2304SRG is the N-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANSON [Stanson Technology]
Direct Link  http://www.stansontech.com
Logo STANSON - Stanson Technology

ST2304SRG Datasheet(HTML) 1 Page - Stanson Technology

  ST2304SRG Datasheet HTML 1Page - Stanson Technology ST2304SRG Datasheet HTML 2Page - Stanson Technology ST2304SRG Datasheet HTML 3Page - Stanson Technology ST2304SRG Datasheet HTML 4Page - Stanson Technology ST2304SRG Datasheet HTML 5Page - Stanson Technology ST2304SRG Datasheet HTML 6Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ST2304SRG
N Channel Enhancement Mode MOSFET
3.2A
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA
www.stansontech.com
ST2304SRG 2005. V1
DESCRIPTION
ST2304SRG is the N-Channel logic enhancement mode power field effect transistor
which is produced using high cell density, DMOS trench technology. This high density
process is especially tailored to minimize on-state resistance. These devices are
particularly suited for low voltage application such as cellular phone and notebook
computer power management, other battery powered circuits, and low in-line power
loss are required. The product is in a very small outline surface mount package.
PIN CONFIGURATION
SOT-23
1.Gate
2.Source
3.Drain
PART MARKING
SOT-23
Y: Year Code
A: Process Code
ORDERING INFORMATION
Part Number
Package
Part Marking
ST2304SRG
SOT-23
04YA
※ Process Code : A ~ Z ; a ~ z
※ ST2304SRG
S : SOT-23 ; R : Tape Reel ; G : Pb – Free
FEATURE
30V/3.2A, RDS(ON) = 44m-ohm (Typ.)
@VGS = 10.0V
30V/2.0A, RDS(ON) = 60m-ohm
@VGS = 4.5V
30V/1.5A, RDS(ON) =90 m-ohm
@VGS = 2.5V
Super high density cell design for
extremely low RDS(ON)
Exceptional on-resistance and maximum
DC current capability
SOT-23 package design
3
1
2
D
G
S
3
1
2
04YA


Similar Part No. - ST2304SRG

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
ST2304SRG VBSEMI-ST2304SRG Datasheet
482Kb / 9P
   N-Channel 30-V (D-S) MOSFET
More results

Similar Description - ST2304SRG

ManufacturerPart #DatasheetDescription
logo
Stanson Technology
STN4346 STANSON-STN4346 Datasheet
352Kb / 7P
   STN4392 is the N-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
STN4426 STANSON-STN4426 Datasheet
362Kb / 6P
   STN4426 is the N-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
ST3406SRG STANSON-ST3406SRG Datasheet
325Kb / 6P
   ST3406SRG is the N-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
STN4416 STANSON-STN4416 Datasheet
966Kb / 6P
   STN4416 is the N-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
STN4392 STANSON-STN4392 Datasheet
383Kb / 7P
   STN4392 is the N-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
STN4480 STANSON-STN4480 Datasheet
742Kb / 6P
   STN4480 is the N-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
STN4850 STANSON-STN4850 Datasheet
532Kb / 6P
   STN4850 is the N-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
STN1810 STANSON-STN1810 Datasheet
966Kb / 7P
   STN1810 is the N-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
STN4438 STANSON-STN4438 Datasheet
269Kb / 6P
   STN4438 is the N-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
STN4546 STANSON-STN4546 Datasheet
363Kb / 6P
   STN4526 is the N-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com