Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST2341A Datasheet(PDF) 3 Page - Stanson Technology

Part # ST2341A
Description  ST2341A is the P-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANSON [Stanson Technology]
Direct Link  http://www.stansontech.com
Logo STANSON - Stanson Technology

ST2341A Datasheet(HTML) 3 Page - Stanson Technology

  ST2341A Datasheet HTML 1Page - Stanson Technology ST2341A Datasheet HTML 2Page - Stanson Technology ST2341A Datasheet HTML 3Page - Stanson Technology ST2341A Datasheet HTML 4Page - Stanson Technology ST2341A Datasheet HTML 5Page - Stanson Technology ST2341A Datasheet HTML 6Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ST2341A
P Channel Enhancement Mode MOSFET
-6.0A
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA
www.stansontech.com
ST2341A 2010. Rev.1
ELECTRICAL CHARACTERISTICS
( Ta = 25℃ Unless otherwise noted )
Parameter
Symbol
Condition
Min
Typ
Max Unit
Static
Drain-Source Breakdown
Voltage
V(BR)DSS
VGS=0V,ID=-250uA
-30
V
Gate Threshold Voltage
VGS(th)
VDS=VGS,ID=-250uA
-1.0
-3.0
V
Gate Leakage Current
IGSS
VDS=0V,VGS=±20V
±100
nA
Zero Gate Voltage Drain
Current
IDSS
VDS=-20V,VGS=0V
-1
uA
VDS=-20V,VGS=0V
TJ=55℃
-10
On-State Drain Current
ID(on)
VDS≦-5V,VGS=-4.5V
-6
A
Drain-source On-Resistance
RDS(on)
VGS=-10,ID=-6.0A
VGS=-4.5V,ID=-3.8A
0.025
0.035
0.030
0.042
Forward Transconductance
gfs
VDS=-5V,ID=-4V
3.0
S
Diode Forward Voltage
VSD
IS=-1A,VGS=0V
-0.8
-1.2
V
Dynamic
Total Gate Charge
Qg
VDS=-6V
VGS=-4.5V
ID≡-3.3A
8.0
13
nC
Gate-Source Charge
Qgs
1.2
Gate-Drain Charge
Qgd
2.2
Input Capacitance
Ciss
VDS=-6.0V
VGS=0V
F=1MHz
700
pF
Output Capacitance
Coss
160
Reverse Transfer
Capacitance
Crss
120
Turn-On Time
td(on)
tr
VDD=-6V
RL=6Ω
ID=-1.0A
VGEN=-4.5V
RG=6Ω
15
25
nS
35
55
Turn-Off Time
td(off)
tf
60
90
40
40


Similar Part No. - ST2341A

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
ST2341A VBSEMI-ST2341A Datasheet
490Kb / 9P
   P-Channel 30 V (D-S) MOSFET
More results

Similar Description - ST2341A

ManufacturerPart #DatasheetDescription
logo
Stanson Technology
ST3407SRG STANSON-ST3407SRG Datasheet
184Kb / 6P
   ST3407SRG is the P-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
STP9527 STANSON-STP9527 Datasheet
927Kb / 7P
   STP9527 is the P-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
ST2315SRG STANSON-ST2315SRG Datasheet
218Kb / 6P
   ST2315SRG is the P-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
STP7401 STANSON-STP7401 Datasheet
461Kb / 6P
   STP7401 is the P-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
ST3401SRG STANSON-ST3401SRG Datasheet
212Kb / 6P
   ST3401RSG is the P-Channel logic enhancement mode power field effect transistor which is produced using high cell density DMOS trench technology.
STP9437 STANSON-STP9437 Datasheet
375Kb / 6P
   STP9437 is the P-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
STP4435A STANSON-STP4435A Datasheet
311Kb / 6P
   STP4435A is the P-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
STP6621 STANSON-STP6621 Datasheet
452Kb / 6P
   STP6621 is the P-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
logo
Shenzhen Huazhimei Semi...
HM1P10MR HMSEMI-HM1P10MR Datasheet
763Kb / 5P
   P-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
logo
Stanson Technology
STP4803 STANSON-STP4803 Datasheet
697Kb / 7P
   STP4803 is the dual P-Channel logic enhancement mode power field effect transistor which is produced using high cell density, DMOS trench technology.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com