Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LCM-60DA Datasheet(PDF) 3 Page - Mean Well Enterprises Co., Ltd.

Part # LCM-60DA
Description  60W Multiple-Stage Output Current LED Power Supply
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

LCM-60DA Datasheet(HTML) 3 Page - Mean Well Enterprises Co., Ltd.

  LCM-60DA Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. LCM-60DA Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. LCM-60DA Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. LCM-60DA Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. LCM-60DA Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
LCM-60DA seriespossesssuperiorworkingefficiencythatupto92%canbereachedinfieldapplications.
EFFICIENCY vsLOAD
LCM-60DA isamultiple-stageoutputcurrentsupply,selectionofoutputcurrentthroughDIP switchastablebelow.
DIP SwitchTable
Io
500mA
600mA
700mA(FactorySetting)
900mA
1050mA
1400mA
DIP S.W.
1
----
----
----
----
----
----
----
----
----
----
----
----
----
----
----
----
----
----
2
ON
ON
ON
ON
ON
ON
ON
ON
ON
3
ON
ON
ON
4
ON
ON
5
ON
6
ON
ON
ON
FileName:LCM-60DA-SPEC2012-09-11
LOAD
(230VacInput)
LOAD
(230VacInput)
LOAD
(277VacInput)
LOAD
(277VacInput)
ConstantCurrentMode
ConstantCurrentMode
(60W)
(60W)
PowerFactorCharacteristic
60WMultiple-StageOutputCurrentLEDPowerSupply
LCM-60DA series
0.63
0.66
0.69
0.72
0.75
0.78
0.81
0.84
0.87
0.9
0.93
0.96
0.99
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
500
600
700
900
1050
1400
50.0%
55.0%
60.0%
65.0%
70.0%
75.0%
80.0%
85.0%
90.0%
95.0%
10%
20%
30%
40%
50%
60%
70%
80%
90% 100%
500
600
700
900
1050
1400
0.48
0.51
0.54
0.57
0.6
0.63
0.66
0.69
0.72
0.75
0.78
0.81
0.84
0.87
0.9
0.93
0.96
0.99
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
500
600
700
900
1050
1400
40.0%
45.0%
50.0%
55.0%
60.0%
65.0%
70.0%
75.0%
80.0%
85.0%
90.0%
95.0%
10%
20%
30%
40%
50%
60%
70%
80%
90% 100%
500
600
700
900
1050
1400


Similar Part No. - LCM-60DA

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
LCM-60 MEANWELL-LCM-60 Datasheet
311Kb / 12P
   60W Multiple-Stage Constant Current Mode LED Driver
LCM-60BLE MEANWELL-LCM-60BLE Datasheet
834Kb / 8P
   60W Multiple-Stage Constant Current Mode LED Driver
LCM-60BLE-AUX MEANWELL-LCM-60BLE-AUX Datasheet
834Kb / 8P
   60W Multiple-Stage Constant Current Mode LED Driver
LCM-60BLEAUX MEANWELL-LCM-60BLEAUX Datasheet
1Mb / 9P
   60W Wireless Lighting Constant Current LED Driver Solution
LCM-60IOT MEANWELL-LCM-60IOT Datasheet
1Mb / 9P
   60W Wireless Lighting Constant Current LED Driver Solution
More results

Similar Description - LCM-60DA

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
LCM-40 MEANWELL-LCM-40 Datasheet
229Kb / 5P
   40W Multiple-Stage Output Current LED Power Supply
LCM-40DA MEANWELL-LCM-40DA Datasheet
214Kb / 5P
   40W Multiple-Stage Output Current LED Power Supply
LCM-60BLE MEANWELL-LCM-60BLE Datasheet
834Kb / 8P
   60W Multiple-Stage Constant Current Mode LED Driver
LCM-60 MEANWELL-LCM-60 Datasheet
311Kb / 12P
   60W Multiple-Stage Constant Current Mode LED Driver
LCM-60KN MEANWELL-LCM-60KN Datasheet
661Kb / 9P
   60W Multiple-Stage Constant Current Mode LED Driver
PWM-60 MEANWELL-PWM-60 Datasheet
155Kb / 6P
   60W PWM output LED power supply
PLP-60 MEANWELL-PLP-60 Datasheet
288Kb / 3P
   60W Single Output LED Power Supply
PLN-60 MEANWELL-PLN-60 Datasheet
189Kb / 2P
   60W Single Output LED Power Supply
CLG-60 MEANWELL-CLG-60_12 Datasheet
245Kb / 3P
   60W Single Output LED Power Supply
PLC-60 MEANWELL-PLC-60_12 Datasheet
263Kb / 3P
   60W Single Output LED Power Supply
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com