Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA3117AN Datasheet(PDF) 1 Page - Sony Corporation

Part # CXA3117AN
Description  IF Amplifier for M-ary FSK Pagers
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3117AN Datasheet(HTML) 1 Page - Sony Corporation

  CXA3117AN Datasheet HTML 1Page - Sony Corporation CXA3117AN Datasheet HTML 2Page - Sony Corporation CXA3117AN Datasheet HTML 3Page - Sony Corporation CXA3117AN Datasheet HTML 4Page - Sony Corporation CXA3117AN Datasheet HTML 5Page - Sony Corporation CXA3117AN Datasheet HTML 6Page - Sony Corporation CXA3117AN Datasheet HTML 7Page - Sony Corporation CXA3117AN Datasheet HTML 8Page - Sony Corporation CXA3117AN Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
– 1 –
CXA3117AN
E97220A8Z
IF Amplifier for M-ary FSK Pagers
Description
The CXA3117AN is a low current consumption FM
IF amplifier which employs the newest bipolar
process. It is suitable for M-ary FSK pagers.
Features
• Low current consumption: 1.1mA
(typ. at VCC = 1.4V)
• Low voltage operation: VCC = 1.1 to 4.0V
• Small package 24-pin SSOP
• Second mixer and oscillator
• Needless of IF decoupling capacitor
• Reference power supply for operational amplifier
and comparator
• Bit rate filter with variable cut-off
• Misoperation prevention function for continuous data
• RSSI function
• IF input, VCC standard
• Quick charge by the detector output sense method
Applications
• M-ary FSK pagers
• Double conversion pagers
Block Diagram and Pin Configuration
Structure
Bipolar silicon monolithic IC
Absolute Maximum Ratings
• Supply voltage
VCC
7.0
V
• Operating temperature
Topr
–20 to +75 °C
• Storage temperature
Tstg –65 to +150 °C
• Allowable power dissipation PD
417
mW
Operating Condition
Supply voltage
VCC
1.1 to 4.0
V
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
24 pin SSOP (Plastic)
OSC
IF_LIM
FILTER
MIX
QUAD_DET
LEVEL
COMP
REG
RSSI
CHARGE
GND
LVA
13
14
15
16
17
18
19
20
21
22
23
24
2
3
4
5
6
7
8
9
10
11
12
1


Similar Part No. - CXA3117AN

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3117 SONY-CXA3117 Datasheet
397Kb / 30P
   IF Amplifier for M-ary FSK Pagers
CXA3117 SONY-CXA3117 Datasheet
27Kb / 2P
   Achieving Low Power and High Speed in Paging System IF IC
logo
Murata Manufacturing Co...
CXA3117 MURATA1-CXA3117 Datasheet
172Kb / 10P
   Ceramic Discriminator for Communications Equipment
7.20
logo
Sony Corporation
CXA3117N SONY-CXA3117N Datasheet
397Kb / 30P
   IF Amplifier for M-ary FSK Pagers
CXA3117N SONY-CXA3117N Datasheet
27Kb / 2P
   Achieving Low Power and High Speed in Paging System IF IC
More results

Similar Description - CXA3117AN

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1999N SONY-CXA1999N Datasheet
303Kb / 19P
   IF Amplifier for M-ary FSK Pagers
CXA3117N SONY-CXA3117N Datasheet
397Kb / 30P
   IF Amplifier for M-ary FSK Pagers
CXA3099N SONY-CXA3099N Datasheet
261Kb / 15P
   IF Amplifier for M-ary FSK Pagers
CXA3107N SONY-CXA3107N Datasheet
276Kb / 18P
   IF Amplifier for M-ary FSK Pagers
CXA3179N SONY-CXA3179N Datasheet
374Kb / 27P
   IF Amplifier for M-ary FSK Pagers (AFC Supported)
CXA1994AM SONY-CXA1994AM Datasheet
119Kb / 8P
   M-ary FSK Demodulating Comparator
logo
New Japan Radio
NJM2537 NJRC-NJM2537_1 Datasheet
228Kb / 10P
   FM IF IC FOR PAGERS
NJM2537 NJRC-NJM2537 Datasheet
321Kb / 10P
   FM IF IC FOR PAGERS
logo
Nippon Precision Circui...
SM1125 NPC-SM1125 Datasheet
96Kb / 12P
   Multimelody IC for Pagers
SM1124 NPC-SM1124 Datasheet
92Kb / 10P
   Multimelody IC for Pagers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com