Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCT7824CT Datasheet(PDF) 8 Page - Motorola, Inc

Part # MCT7824CT
Description  THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCT7824CT Datasheet(HTML) 8 Page - Motorola, Inc

Back Button MCT7824CT Datasheet HTML 4Page - Motorola, Inc MCT7824CT Datasheet HTML 5Page - Motorola, Inc MCT7824CT Datasheet HTML 6Page - Motorola, Inc MCT7824CT Datasheet HTML 7Page - Motorola, Inc MCT7824CT Datasheet HTML 8Page - Motorola, Inc MCT7824CT Datasheet HTML 9Page - Motorola, Inc MCT7824CT Datasheet HTML 10Page - Motorola, Inc MCT7824CT Datasheet HTML 11Page - Motorola, Inc MCT7824CT Datasheet HTML 12Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MCT7800
MCT7800
8
MOTOROLA
Figure 1. Peak Output Current as a Function of
Input-Output Differential Voltage
Figure 2. Ripple Rejection as a Function of
Output Voltages (MCT78XXC)
Figure 3. Ripple Rejection as a Function of
Frequency (MCT78XXC)
Figure 4. Output Impedance as a Function of
Output Voltage (MCT78XXC)
Figure 5. Quiescent Current as a
Function of Temperature
VI – VO, INPUT-OUPUT VOLTAGE DIFFERENTIAL (V)
4.0
3.0
2.0
1.0
0
0
10
20
30
40
TJ = – 40°C
TJ = +125°C
TJ = +25°C
80
70
60
50
40
4.0
6.0
8.0
10
12
14
16
18
20
22
24
VO, OUTPUT VOLTAGE (V)
f = 120 Hz
IO = 20 mA
∆Vin = 1.0 Vrms
80
60
40
20
100
1.0 k
10 k
100 k
f, FREQUENCY (Hz)
10
Vin = 10 V
VO = 5.0 V
IO = 20 mA
f = 120 Hz
IO = 500 mA
CL = 0 µF
1000
500
300
200
100
50
30
20
10
4.0
8.0
12
16
20
24
VO, OUTPUT VOLTAGE (V)
6.0
4.0
3.0
2.0
1.0
0
–75
– 50
TJ, JUNCTION TEMPERATURE (°C)
– 25
0
25
50
75
100
125
Vin = 10 V
VO = 5.0 V
IO = 20 mA
MCT7805C
10 V
MCT7812C
19 V
MCT7815C
23 V
Vin
Device


Similar Part No. - MCT7824CT

ManufacturerPart #DatasheetDescription
logo
MERITEK ELECTRONICS COR...
MCT MERITEK-MCT Datasheet
120Kb / 1P
   Cement Resistor With Thermal Cut-Off
logo
Conquer Electronics Co....
MCT CONQUER-MCT Datasheet
196Kb / 1P
   8.35 x 3.95 x 5.0 mm
logo
Vishay Siliconix
MCT-0603 VISHAY-MCT-0603 Datasheet
170Kb / 13P
   Professional Thin Film Chip Resistors
Revision: 16-Aug-16
MCT-0603 VISHAY-MCT-0603 Datasheet
113Kb / 1P
   Precision Thin Film Chip Resistors
Revision: 27-Oct-14
MCT-0603-AT VISHAY-MCT-0603-AT Datasheet
151Kb / 10P
   Precision Thin Film Chip Resistors
Revision: 21-Feb-17
More results

Similar Description - MCT7824CT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC7800 MOTOROLA-MC7800 Datasheet
278Kb / 16P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
LM340 MOTOROLA-LM340 Datasheet
205Kb / 20P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
logo
ON Semiconductor
MC7800 ONSEMI-MC7800 Datasheet
234Kb / 32P
   THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
April, 2005 ??Rev. 14
LM340 ONSEMI-LM340 Datasheet
205Kb / 20P
   THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
1996 Rev 1
logo
Motorola, Inc
MC78M00 MOTOROLA-MC78M00 Datasheet
189Kb / 12P
   THREE-TERMINAL MEDIUM CURRENT POSITIVE FIXED VOLTAGE REGULATORS
logo
Micro Commercial Compon...
MC7809CT MCC-MC7809CT Datasheet
490Kb / 3P
   Three-Terminal Positive Voltage Regulators
logo
KEC(Korea Electronics)
KIA7805AP KEC-KIA7805AP Datasheet
382Kb / 20P
   THREE TERMINAL POSITIVE VOLTAGE REGULATORS
logo
Cystech Electonics Corp...
LM7806J3 CYSTEKEC-LM7806J3 Datasheet
503Kb / 12P
   Three Terminal Positive Voltage Regulators
LM7810J3 CYSTEKEC-LM7810J3 Datasheet
503Kb / 12P
   Three Terminal Positive Voltage Regulators
logo
Micro Commercial Compon...
MC78M05CT MCC-MC78M05CT Datasheet
583Kb / 4P
   Three-Terminal Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com