Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA3125N Datasheet(PDF) 10 Page - Sony Corporation

Part # CXA3125N
Description  All Band TV Tuner IC (VHF-CATV-UHF)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3125N Datasheet(HTML) 10 Page - Sony Corporation

Back Button CXA3125N Datasheet HTML 5Page - Sony Corporation CXA3125N Datasheet HTML 6Page - Sony Corporation CXA3125N Datasheet HTML 7Page - Sony Corporation CXA3125N Datasheet HTML 8Page - Sony Corporation CXA3125N Datasheet HTML 9Page - Sony Corporation CXA3125N Datasheet HTML 10Page - Sony Corporation CXA3125N Datasheet HTML 11Page - Sony Corporation CXA3125N Datasheet HTML 12Page - Sony Corporation CXA3125N Datasheet HTML 13Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
—10—
CXA3125N
Example of Representative Characteristics
100
Supply voltage vs. Circuit current
(for asymmetrical output)
VCC - Supply voltage [V]
Reception frequency vs. Conversion gain
(for asymmetrical output)
Reception frequency [MHz]
Reception frequency vs. Noise figure
(untuned input, for asymmetrical output, DSB display)
Reception frequency [MHz]
15
10
5
0
Reception frequency vs. +B drift
Reception frequency [MHz]
Reception frequency vs. Next adjacent cross modulation
(untuned input, for asymmetrical output)
Reception frequency [MHz]
120
100
80
60
40
20
0
200 300 400 500 600 700 800 900
100
I/O characteristics (untuned input, for asymmetrical output)
RF input level [dBm]
54
44
34
4
5
6
: VHF
: UHF
VHF
UHF
fIF=45MHz
40
30
25
20
15
10
5
0
100 200 300 400 500 600 700 800 900
VHF
UHF
fIF=45MHz
200 300 400 500 600 700 800 900
400
200
0
–200
–400
0
200
400
600
800
1000
fIF=45MHz 100kHz 30% AM
fUD=fD+12MHz
fUD=fD–12MHz
20
0
–20
–40
–60
fRF=100MHz (VHF)
fRF=450MHz (UHF)
fIF is both f=45 MHz.
–60
–40
–20
0


Similar Part No. - CXA3125N

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3106AQ SONY-CXA3106AQ Datasheet
800Kb / 54P
   PLL IC for LCD Monitor/Projector
CXA3106Q SONY-CXA3106Q Datasheet
962Kb / 50P
   PLL IC for LCD Monitor/Projector
CXA3107N SONY-CXA3107N Datasheet
276Kb / 18P
   IF Amplifier for M-ary FSK Pagers
CXA3108AQ SONY-CXA3108AQ Datasheet
257Kb / 19P
   L-band Down Converter IC with On-Chip PLL
logo
List of Unclassifed Man...
CXA3108Q ETC2-CXA3108Q Datasheet
46Kb / 2P
   A New Age of Unified High-Frequency Analog and Digital Circuits Digital Satellite Broadcast Tuner IC
More results

Similar Description - CXA3125N

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3025N SONY-CXA3025N Datasheet
233Kb / 12P
   All Band TV Tuner IC (VHF-CATV-UHF)
CXA1695L SONY-CXA1695L Datasheet
166Kb / 10P
   All Band TV Tuner IC (VHF-CATV-UHF)
CXA1664M SONY-CXA1664M Datasheet
226Kb / 10P
   ALL BAND TV TUNER IC (VHF-CATV-UHF)
CXA1594L SONY-CXA1594L Datasheet
225Kb / 10P
   ALL BAND TV TUNER IC (VHF-CATV-UHF)
CXA3095N SONY-CXA3095N Datasheet
167Kb / 11P
   All Band TV Tuner IC (VHF-CATV-UHF)
CXA3225N SONY-CXA3225N Datasheet
195Kb / 16P
   All Band TV Tuner IC (VHF-CATV-UHF)
CXA1665M SONY-CXA1665M Datasheet
230Kb / 10P
   All Band TV Tuner IC (VHF-CATV-UHF)
logo
ANADIGICS, Inc
ACD0900 ANADIGICS-ACD0900 Datasheet
132Kb / 12P
   VHF/UHF CATV/TV Tuner
ACD0900S3C ANADIGICS-ACD0900S3C Datasheet
252Kb / 4P
   VHF/UHF CATV/TV Tuner Downconverter
logo
Sony Corporation
CXA1165P SONY-CXA1165P Datasheet
381Kb / 12P
   CATV and VHF TV Tuner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com