Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEH226 Datasheet(PDF) 6 Page - Kemet Corporation

Part # PEH226
Description  Aluminum Electrolytic Capacitors
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

PEH226 Datasheet(HTML) 6 Page - Kemet Corporation

Back Button PEH226 Datasheet HTML 2Page - Kemet Corporation PEH226 Datasheet HTML 3Page - Kemet Corporation PEH226 Datasheet HTML 4Page - Kemet Corporation PEH226 Datasheet HTML 5Page - Kemet Corporation PEH226 Datasheet HTML 6Page - Kemet Corporation PEH226 Datasheet HTML 7Page - Kemet Corporation PEH226 Datasheet HTML 8Page - Kemet Corporation PEH226 Datasheet HTML 9Page - Kemet Corporation PEH226 Datasheet HTML 10Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 66 page
background image
6
dielectric
cathode
aluminum foil
paper soaked in electrolyte
electrolyte solution
anode
aluminum foil
Extended cathode
Anode foil
Cathode foil
Tissues
Foil tabs
Aluminum electrolytic capacitor typical construction
Aluminum Electrolytic Capacitors
Aluminum electrolytics offer some of the smallest sizes for a given capacitance and voltage. Commonly
used for filtering and bulk energy storage, electrolytics are available in rated voltages exceeding 500 VDC.
KEMET Electrolytic capacitors are utilized in a wide variety of demanding power electronics applications
such as automotive, power generators and converters, welders, wind turbines, uninterruptible power
supplies, and medical imaging.
Electrolytic capacitors consist of aluminum foil which is first etched to increase its surface area. Separate,
carefully designed etching techniques are used for the anode and cathode foils. A layer of aluminum
oxide, an excellent dielectric, is formed on the surface of the etched anode foil before the foils are wound
together between special separator papers. At the same time, tabs are welded to the foils to form the
connections. The wound assembly is impregnated with a liquid electrolyte. This electrolyte is a precision-
made compound which fully impregnates the etched foil, providing a low ESR conductive path to the
cathode foil with stable electrical and chemical properties. KEMET crafts its own electrolytes to match
the etched foil characteristics and desired final properties. The assembly is packaged in such a way as
to provide excellent vibration resistance and low thermal resistance.
KEMET offers a broad line of axial, snap-in, screw terminal and miniature electrolytic capacitors;
however, it is often beneficial to optimize the capacitor to a specific requirement, particularly in
automotive and power applications. KEMET’s systems and production methods are designed with
optimization in mind. By utilizing a “library” of foils, electrolytes, separator papers, and mechanical parts
in carefully selected combinations, KEMET can swiftly design and build optimized electrolytic capacitors
to match a given specification.


Similar Part No. - PEH226

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PEH227 KEMET-PEH227 Datasheet
687Kb / 9P
   Radial Crown Aluminum Electrolytic Capacitors
1/19/2023
PEH227HKL4320ME4 KEMET-PEH227HKL4320ME4 Datasheet
503Kb / 8P
   Axial Aluminum Electrolytic Capacitors
4/5/2022
PEH227HKL4320ME4 KEMET-PEH227HKL4320ME4 Datasheet
687Kb / 9P
   Radial Crown Aluminum Electrolytic Capacitors
1/19/2023
PEH227HKL4320QE4 KEMET-PEH227HKL4320QE4 Datasheet
687Kb / 9P
   Radial Crown Aluminum Electrolytic Capacitors
1/19/2023
PEH227HLL4430QE4 KEMET-PEH227HLL4430QE4 Datasheet
503Kb / 8P
   Axial Aluminum Electrolytic Capacitors
4/5/2022
More results

Similar Description - PEH226

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com