Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA3176N Datasheet(PDF) 1 Page - Sony Corporation

Part # CXA3176N
Description  IF Amplifier for FM Receiver (AFC Supported)
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3176N Datasheet(HTML) 1 Page - Sony Corporation

  CXA3176N Datasheet HTML 1Page - Sony Corporation CXA3176N Datasheet HTML 2Page - Sony Corporation CXA3176N Datasheet HTML 3Page - Sony Corporation CXA3176N Datasheet HTML 4Page - Sony Corporation CXA3176N Datasheet HTML 5Page - Sony Corporation CXA3176N Datasheet HTML 6Page - Sony Corporation CXA3176N Datasheet HTML 7Page - Sony Corporation CXA3176N Datasheet HTML 8Page - Sony Corporation CXA3176N Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
—1—
E96X14A8Z
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
Absolute Maximum Ratings
• Supply voltage
VCC
7.0
V
• Operating temperature
Topr
–20 to +75
°C
• Storage temperature
Tstg
–65 to +150
°C
• Allowable power dissipation
PD
417
mW
Operating Condition
Supply voltage
VCC1
1.1 to 4.0
V
VCC2
2.5 to 4.0
V
Description
The CXA3176N is a low current consumption FM
IF amplifier which employs the newest bipolar
process. It is suitable for FM receiver using AFC.
Features
• Low current consumption :
0.95 mA (typ. at VCC1=1.4 V)
0.15 mA (typ. at VCC2=3.0 V)
• Small package 24-pin SSOP
• Second mixer and oscillator
• Needless of IF decoupling capacitor
• Reference power supply for operational amplifier
• RSSI function (dynamic range of 70 dB)
• IF input, VCC standard
• AFC function
• Maximum input frequency : 30 MHz
Applications
• FM receiver supporting AFC
• Double conversion FM receiver
Structure
Bipolar silicon monolithic IC
Block Diagram and Pin Configuration
IF Amplifier for FM Receiver (AFC Supported)
24 pin SSOP (Plastic)
CXA3176N
OSC
MIX
REG
LVA
IF_LIM
AFC
×4
QUAD_DET
22dB
RSSI
FILTER
GND
1
2
3
4
5
6
7
8
9
12
11
10
20
19
18
17
16
15
14
13
24
23
22
21


Similar Part No. - CXA3176N

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3176N SONY-CXA3176N Datasheet
27Kb / 2P
   Achieving Low Power and High Speed in Paging System IF IC
More results

Similar Description - CXA3176N

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3179N SONY-CXA3179N Datasheet
374Kb / 27P
   IF Amplifier for M-ary FSK Pagers (AFC Supported)
logo
Toshiba Semiconductor
1SV160 TOSHIBA-1SV160 Datasheet
104Kb / 2P
   VARIABLE CAPACITANCE DIODE (AFC APLICATION FOR FM RECEIVER)
logo
Samsung semiconductor
KA8513B SAMSUNG-KA8513B Datasheet
53Kb / 6P
   FM IF RECEIVER
KA8513BD SAMSUNG-KA8513BD Datasheet
142Kb / 6P
   FM IF RECEIVER
S1T8513A SAMSUNG-S1T8513A Datasheet
57Kb / 6P
   FM IF RECEIVER
S1T8515A SAMSUNG-S1T8515A Datasheet
85Kb / 6P
   FM IF RECEIVER FOR FLEX PAGER
KA8515 SAMSUNG-KA8515 Datasheet
146Kb / 6P
   FM IF RECEIVER FOR FLEX PAGER
DS_S1T8515A01 SAMSUNG-DS_S1T8515A01 Datasheet
85Kb / 6P
   FM IF RECEIVER FOR FLEX PAGER
KA8516 SAMSUNG-KA8516 Datasheet
150Kb / 6P
   FM IF RECEIVER FOR FLEX PAGER
logo
NTE Electronics
NTE788 NTE-NTE788 Datasheet
23Kb / 3P
   Integrated Circuit IF System for FM Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com