Electronic Components Datasheet Search |
|
CKD61BJB1H471S(030B) Datasheet(PDF) 4 Page - TDK Electronics |
|
CKD61BJB1H471S(030B) Datasheet(HTML) 4 Page - TDK Electronics |
4 / 6 page (3/5) 005-02 / 20111007 / e4161_ckd.fm • All specifications are subject to change without notice. Please read the precautions before using this catalog. • Conformity to RoHS Directive: This means that, in conformity with EU Directive 2002/95/EC, lead, cadmium, mercury, hexavalent chromium, and specific bromine-based flame retardants, PBB and PBDE, have not been used, except for exempted applications. • For more information about the products of other capacitance or data, please contact us. PRODUCT IDENTIFICATION (1) Series name (2) Dimensions L ×W (3) Number of elements (4) Terminal electrode structure (5) Capacitance temperature characteristics Class 2 (Temperature stable and general purpose) (6) Rated voltage Edc (7) Nominal capacitance The capacitance is expressed in three digit codes and in units of pico farads (pF). The first and second digits identify the first and second significant figures of the capacitance. The third digit identifies the multiplier. R designates a decimal point. (8) Capacitance tolerance (9) Dimensions T Expressed by a three-digit number in mm units. The second and third digits denote the first and second decimal places, respectively. (10) Packaging style (11) TDK internal code CKD 5 1 0 JB 1H 222 S ( 085 A A ) (1) (2) (3) (4) (5) (6) (7) (8) (9) (10) (11) 13.2 ×1.25mm 33.2 ×1.6mm 52.0 ×1.25mm 61.6 ×0.8mm 71.0 ×0.55mm 11-element 0 Standard B Wide-width GND terminals Temperature characteristics Capacitance change Temperature range JB ±10% –25 to +85°C 0J 6.3V 1A 10V 1C 16V 1E 25V 1H 50V 100 10pF 471 470pF 102 1,000pF 333 33,000pF 474 470,000pF 225 2,200,000pF (2.2µF) Symbol Tolerance S +50, –20% 030 0.30mm 085 0.85mm 160 1.60mm A ø178mm reel with 4mm-pitch B ø178mm reel with 2mm-pitch C ø178mm reel with 1mm-pitch D ø330mm reel with 4mm-pitch E ø330mm reel with 2mm-pitch F ø330mm reel with 1mm-pitch H Bulk(bag) J ø330mm reel with 8mm-pitch K ø178mm reel with 8mm-pitch In brochures issued in August, 2011 and later, the product thickness and packing specifications are described at the end of the ordering name [the product name described in brochures] in parentheses. Since the existing ordering name could not clearly express the product thickness and packing specifications, it has been changed to a new product description method that solves this inconvenience. Please be aware that the last five digits of the ordering name on the delivery label and those in the brochure differ. No changes have been made to the delivery name. (Example) Brochure issued date Ordering name (description in the brochure) Delivery name (description on the delivery label) Prior to July, 2011 C1608X5R1C105K C1608X5R1C105KT000N August, 2011 or later C1608X5R1C105K(080AA) C1608X5R1C105KT000N |
Similar Part No. - CKD61BJB1H471S(030B) |
|
Similar Description - CKD61BJB1H471S(030B) |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |