Electronic Components Datasheet Search |
|
FM4935 Datasheet(PDF) 1 Page - Shenzhen Taychipst Electronic Co., Ltd |
|
FM4935 Datasheet(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd |
1 / 2 page 50V-600V 1.0A FM4933 THRU FM4937 Mechanical Data Web Site: www.taychipst.com 1 of 2 FEATURES E-mail: sales@taychipst.com MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS SURFACE MOUNT GLASS PASSIVATED FAST SWITCHING RECTIFIERS SURFACE MOUNT GLASS PASSIVATED FAST SWITCHING RECTIFIERS Ldeal for surface mounted applications Low leakage current Glass passivated chips Fast switching High temperature soldering guaranteed o 250 C/10 seconds/.375 , (9.5mm) lead lengths Case Molded plastic use UL94V-0 recoqnized flame retardant epoxy Terminals Plated terminals, solderable per MIL-STD-202, Method208 Polarity Red Color band on body denotes cathode Mounting position Any Weight 0.036gram SOD-123FL UNITS 0C -55 to +150 nS SYMBOL Volts Volts Volts Amps Amps Volts VRRM VRMS VDC I(AV) IFSM VF IR TJ TSTG 1.0 30 1.3 5 100 150 250 o Ratings at 25 C ambient temperature unless otherwise specified Single phase, half wave, 60Hz, resistive or inductive load For capacitive load, derate current by 20% pF CJ 15 Maximum Current Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current TT=55 0C Peak Forward Surge Current Single Sine-Wave on Rated Load (JEDEC Method) Maximum Instantaneous Forward Voltage Drop at 1.0A DC Maximum DC Reverse Current @TA=25 at Rated DC Blocking Voltage TA=125 0C 0C Maximum Reverse Recovery Time, Time, Test Conditions IF = 0.5A, IR = 1.0A, IRR = 0.25A Typical Junction Capacitance Operating Junction and Storage Temperature Range TRR A FM4933 50 35 50 FM4934 100 70 100 FM4935 200 140 200 FM4936 400 280 400 FM4937 600 420 600 |
Similar Part No. - FM4935 |
|
Similar Description - FM4935 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |