Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSW-105-01-G-D Datasheet(PDF) 19 Page - ATMEL Corporation

Part # SSW-105-01-G-D
Description  AT90USB1287 (AVR) 64 QFN device (2.7V < VCC < 5.5V)
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SSW-105-01-G-D Datasheet(HTML) 19 Page - ATMEL Corporation

Back Button SSW-105-01-G-D Datasheet HTML 15Page - ATMEL Corporation SSW-105-01-G-D Datasheet HTML 16Page - ATMEL Corporation SSW-105-01-G-D Datasheet HTML 17Page - ATMEL Corporation SSW-105-01-G-D Datasheet HTML 18Page - ATMEL Corporation SSW-105-01-G-D Datasheet HTML 19Page - ATMEL Corporation SSW-105-01-G-D Datasheet HTML 20Page - ATMEL Corporation SSW-105-01-G-D Datasheet HTML 21Page - ATMEL Corporation SSW-105-01-G-D Datasheet HTML 22Page - ATMEL Corporation SSW-105-01-G-D Datasheet HTML 23Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
3.13.2
Programming with AVR JTAG ICE
The AT90USB1287 can be programmed using specific the JTAG link. This sub-section will explain
how to connect and use the AVR JTAG ICE.
Note:
When the JTAGEN fuse is disabled, the four TAP pins are normal port pins, and the TAP
controller is in reset. When the JTAGEN fuse is enabled, the input TAP signals are
internally pulled high. This enables the JTAG for Boundary-scan and programming. The
AT90USB1287 device is shipped with this fuse programmed.
Figure 20.
Connecting AVR JTAGICE mkII to the AT88Microbase
The Flash, EEPROM and all Fuse and Lock Bit options ISP-programmable, can be programmed
individually or with the sequential automatic programming option.
Note: See AVR Studio® on-line Help for information.
3.14
Debugging
3.14.1
Debugging with AVR JTAG ICE mkII
Every AT88CK109STK3 can be used for debugging with JTAG ICE MK II.
Connect the JTAG ICE mkII as shown in Figure 20, for debugging help; please refer to AVR
Studio® Help information.


Similar Part No. - SSW-105-01-G-D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SSW-105-22-F-D-VS-K TI1-SSW-105-22-F-D-VS-K Datasheet
3Mb / 60P
[Old version datasheet]   TLV320AIC3104EVM and TLV320AIC3104EVM-PDK
SSW-105-22-F-D-VS-K TI1-SSW-105-22-F-D-VS-K Datasheet
2Mb / 47P
[Old version datasheet]   Performance Demonstration Kit for the ADS130E08
SSW-105-22-F-D-VS-K TI1-SSW-105-22-F-D-VS-K Datasheet
3Mb / 68P
[Old version datasheet]   EEG Front-End Performance Demonstration Kit
SSW-105-22-F-D-VS-K TI1-SSW-105-22-F-D-VS-K Datasheet
2Mb / 48P
[Old version datasheet]   Contains all support circuitry needed for the ADS1174/ADS1274
May2009
SSW-105-22-F-D-VS-K TI1-SSW-105-22-F-D-VS-K Datasheet
2Mb / 27P
[Old version datasheet]   Contains all support circuitry needed for the ADS1146/ADS1246
July2009
More results

Similar Description - SSW-105-01-G-D

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
STK525 ATMEL-STK525 Datasheet
889Kb / 39P
   AT90USBxxx TQFP device (2.7V
STK526 ATMEL-STK526 Datasheet
1Mb / 40P
   AT90USB82/162 TQFP device (2.7V
logo
Intersil Corporation
ISL4241E INTERSIL-ISL4241E Datasheet
266Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps, 2.7V to 5.5V, 10Nanoamp, 250kbps,
ISL3232E INTERSIL-ISL3232E Datasheet
281Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 2.7V to 5.5V, 150nA, 250kbps, RS-232
ISL3232EIRZ INTERSIL-ISL3232EIRZ Datasheet
279Kb / 14P
   QFN Packaged, ±15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers
May 13, 2010
ISL4221E INTERSIL-ISL4221E_07 Datasheet
415Kb / 13P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kBps, RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
ISL4241E RENESAS-ISL4241E Datasheet
684Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 10Nanoamp, 250kbps, RS-232 Transmitters/Receivers
ISL3232E RENESAS-ISL3232E Datasheet
661Kb / 14P
   QFN Packaged, 짹15kV ESD Protected, 2.7V to 5.5V, 150nA, 250kbps, RS-232 Transmitters/Receivers
logo
Intersil Corporation
ISL4221E INTERSIL-ISL4221E Datasheet
401Kb / 13P
   QFN Packaged, /-15kV ESD Protected, 2.7V to 5.5V, 150Nanoamp, 250kBps, RS-232 Transmitters/Receivers
logo
EHAOAN.
HS538 EHAOAN-HS538 Datasheet
1Mb / 8P
   2.7V or 5.5V supply voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com