Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALC10S Datasheet(PDF) 4 Page - Kemet Corporation

Part # ALC10S
Description  Aluminum Electrolytic Capacitors
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

ALC10S Datasheet(HTML) 4 Page - Kemet Corporation

  ALC10S Datasheet HTML 1Page - Kemet Corporation ALC10S Datasheet HTML 2Page - Kemet Corporation ALC10S Datasheet HTML 3Page - Kemet Corporation ALC10S Datasheet HTML 4Page - Kemet Corporation ALC10S Datasheet HTML 5Page - Kemet Corporation ALC10S Datasheet HTML 6Page - Kemet Corporation ALC10S Datasheet HTML 7Page - Kemet Corporation ALC10S Datasheet HTML 8Page - Kemet Corporation ALC10S Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 66 page
background image
One world. One source.
One KEMET.
No bouncing from supplier to supplier to find what you need. No multiple web
sites and phone calls to get answers.
When you partner with KEMET, our entire global organization seamlessly
provides you with the coordinated action and service you need. We’re your
single, integrated source for capacitance solutions worldwide, offering
95% of possible dielectric solutions, to cover practically any application.
With new, innovative products year after year after year. Global availability.
Full design collaboration, with fast custom design and prototyping to give
your new products a competitive edge. Plus consistent quality, reliability and
on-time delivery.
All from one company that’s easy to work with and totally dedicated to your
success. For anything to do with capacitance, call The Capacitance Company
– KEMET.


Similar Part No. - ALC10S

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
ALC10S1104DL KEMET-ALC10S1104DL Datasheet
242Kb / 1P
   ALC10S, Aluminum Electrolytic, 10,000 uF, 20%, 80 VDC, -40/85°C
2006 - 2021
More results

Similar Description - ALC10S

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com