Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

62AG18-L0-050C Datasheet(PDF) 2 Page - Grayhill, Inc

Part # 62AG18-L0-050C
Description  Price Competitive Solution
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

62AG18-L0-050C Datasheet(HTML) 2 Page - Grayhill, Inc

  62AG18-L0-050C Datasheet HTML 1Page - Grayhill, Inc 62AG18-L0-050C Datasheet HTML 2Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois
60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
Optical Encoders
WAVeFOrM AND TrUTH TABLe
Available from your local Grayhill Distributor. For prices and discounts, contact a local sales office, an authorized distributor, or Grayhill.
6
5
4
3
2
1
POWER (+5.0 V)
OUTPUT A
OUTPUT B
GROUND
PUSHBUTTON
PUSHBUTTON
*EXTERNAL 10k
PULL-UP RESISTORS REQUIRED FOR OPERATION
HIGH
LOW
HIGH
LOW
OUTPUT A
OUTPUT B
POS.
#1
POS.
#2
POS.
#3
POS.
#4
POS.
#5
POS.
#6
POSITION
OUTPUT A
OUTPUT B
#1
#2
#3
#4
INDICATES LOGIC HIGH; BLANK INDICATES LOGIC LOW.
CODE REPEATS EVERY FOUR POSITIONS.
*CLOCKWISE SHAFT ROTATION
SPeCiFiCATiONS
environmental Specifications
Operating Temperature range: -40°C to
85°C
Storage Temperature: -40°C to 85°C
Humidity: 96 Hours at 90-95% humidity at
40°C
Mechanical Vibration: Harmonic motion
with amplitude of 15g within a varied
frequency of 10 to 2000 Hz for 12 hours
Mechanical Shock
Test 1: 100g for 6 ms half-sine wave with a
velocity change of 12.3 ft/s.
Test 2: 100g for 6 ms sawtooth wave with a
velocity change of 9.7 ft/s.
rotary electrical and Mechanical
Specifications
Operating Voltage: 5.00±0.25 Vdc
Supply Current: 30 mA maximum at 5 Vdc.
Logic Output Characteristics:
Logic high shall be no less than 3.0 VdcLogic
low shall be no greater than 1.0 Vdc
Minimum sink current: 0.5 mA for 5 Vdc.
(Preliminary)
Power Consumtpion: 150 mW maximum
for 5 Vdc
Output: Open Collector Phototransistor
Optical rise Time: 30ms maximum.
Optical Fall Time: 30ms maximum.
Average rotational Torque:
Low = 2.0±1.4 in-oz initially.
High = 3.5±1.4 in-oz initially.
50% of initial value after 1 million cycles.
Mechanical Life: 1,000,000 cycles of
operation. 1 cycle is a rotation through all
positions and a full return.
Mounting Torque: 15in-lbs. maximum
Shaft Pushout Force: 45 lbs. minimum
Terminal Strength: 15 lbs. Cable pull out
force minimum
Solderability: 95% free of pin holes and
voids
Maximum rotational speed: 100 rpm.
Pushbutton electrical and
Mechanical Specifications
rating: 10 mA @ 5 Vdc
Contact resistance: <10 Ω (Compatible
with CMOS or TTL)
Life: 1 million actuations minimum
Contact Bounce: <4 ms make, <10ms
break
Actuation Force: 510±150 grams
Shaft Travel: .017 ± .008 INCH
Materials and Finishes
Bushing: Zamak 2
Shaft: Zamak 2
Detent rotor: Reinforced Nylon Zytel
70G33L UL 94
Detent Spring: 303 Stainless Steel
Housing, Upper: Nylon 6/6 25% glass
reinforced. Zytec FR-50
Light Pipe: Lexan, GE
Code rotor: Delrin 100
Housing, Lower: Nylon 6/6 25% glass
reinforced. Zytec FR-50
Pushbutton Actuator: Reinforced nylon.
Zytel 70G33L. UL 94
Pushbutton Dome: Stainless Steel
Printed Circuit Board: NEMA Grade FR4,
Double clad with copper, Plated with gold
over nickel
infrared emitting Diode: Gallium Arsenide
Phototransistor Diode: NPN Silicon
resistor: Metal oxide on ceramic substrate
Spacer: Pet plastic
Backplate: Stainless Steel
Label: TT406 thermal transfer cast film.
Solder: 96.5% tin / 3% silver / 0.5% copper.
No clean.
Hex Nut: Brass, Plated with nickel
Lockwasher: Stainless steel
Cable: Copper Stranded with topcoat in PVC
insulation
Connector (.050 center): PA4.6 with tin/nickel
plated phosphor bronze.
62AGXX-XX-XXXX
Series
Rotational Torque Option: L = Low Torque, H = High Torque
Angle of Throw: 22 = 22.5° for code change and 16 detent positions
18 = 18° for code change and 20 detent positions
Cable Length:
020 = 2.0 inch cable, 030 = 3.0 inch cable, 040 = 4.0 inch cable, 050 = 5.0 inch cable, 060 = 6.0 inch cable
Pushbutton Option: 0 = No pushbutton, 5 = 510 grams, 9 = 950 grams
Termination:
C = .050 Center Ribbon Cable with connector, S = .050 Center Ribbon Cable with .100 stripped end,
P = .050 Center Pins with 0.185 inch length


Similar Part No. - 62AG18-L0-050C

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
62AG11-01-040C GRAYHILL-62AG11-01-040C Datasheet
5Mb / 33P
   Custom, Absolute
62AG11-02-040C GRAYHILL-62AG11-02-040C Datasheet
5Mb / 33P
   Custom, Absolute
62AG11-L0-020C GRAYHILL-62AG11-L0-020C Datasheet
501Kb / 2P
   Price Competitive Solution 2-bit gray code output
62AG11-L0-030C GRAYHILL-62AG11-L0-030C Datasheet
501Kb / 2P
   Price Competitive Solution 2-bit gray code output
62AG11-L0-040C GRAYHILL-62AG11-L0-040C Datasheet
501Kb / 2P
   Price Competitive Solution 2-bit gray code output
More results

Similar Description - 62AG18-L0-050C

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
62AG11-L0-020C GRAYHILL-62AG11-L0-020C Datasheet
501Kb / 2P
   Price Competitive Solution 2-bit gray code output
logo
Advantech Co., Ltd.
ARK-1120 ADVANTECH-ARK-1120_13 Datasheet
564Kb / 2P
   Ultra Slim and Price Competitive Intel짰 Atom??N455 Fanless Embedded Box PC
ARK-1120 ADVANTECH-ARK-1120 Datasheet
2Mb / 2P
   Ultra Slim and Price Competitive Intel짰 Atom??N455 Fanless Embedded Box PC
logo
List of Unclassifed Man...
V236H1-L03 ETC2-V236H1-L03 Datasheet
22Kb / 1P
   Variant price modifier
LC320WUD-SBA1 ETC2-LC320WUD-SBA1 Datasheet
22Kb / 1P
   Variant price modifier
logo
Taiwan Semiconductor Co...
TS19751 TSC-TS19751 Datasheet
251Kb / 7P
   Competitive bill of material design
logo
Advanced Crystal Techno...
ACT533SMX-2 ACT-ACT533SMX-2 Datasheet
145Kb / 2P
   high quality, cost competitive ceramic
05-10-05
logo
Golledge Electronics Lt...
GWX-2012 GOLLEDGE-GWX-2012 Datasheet
566Kb / 4P
   Competitive pricing for volume applications
logo
Advanced Crystal Techno...
ACT533SMX-2 ACT-ACT533SMX-2_12 Datasheet
126Kb / 3P
   high quality, cost competitive ceramic
31-5-2012
ACT7VC14 ACT-ACT7VC14 Datasheet
199Kb / 3P
   a range of cost competitive VCXOs
08/11/04
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com