Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP02-30 Datasheet(PDF) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # GP02-30
Description  HIGH VOLTAGE GLASS PASSIVATED JUNCTION RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

GP02-30 Datasheet(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

  GP02-30 Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd GP02-30 Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2000V-4000V
0.25A
GP02-20 THRU GP02-40
Web Site: www.taychipst.com
1 of 2
FEATURES
E-mail: sales@taychipst.com
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
MECHANICAL DATA
♦ Plastic package has
Underwriters Laboratory
Flammability Classification 94V-0
♦ High temperature metallurgically
bonded construction
♦ Glass passivated cavity-free junctions
♦ Capable of meeting environmental standards of
MIL-S-19500
♦ High temperature soldering guaranteed:
350°C/10 seconds, 0.375" (9.5mm) lead length,
5 lbs. (2.3kg) tension
Case: JEDEC DO-204AL molded plastic over glass body
Terminals: Plated axial leads, solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: 0.012 ounce, 0.3 gram
Ratings at 25°C ambient temperature unless otherwise specified.
GP02
GP02
GP02
GP02
GP02
SYMBOLS
-20
-25
-30
-35
-40
UNITS
Maximum repetitive peak reverse voltage
VRRM
2000
2500
3000
3500
4000
Volts
Maximum RMS Voltage
VRMS
1400
1750
2100
2450
2800
Volts
Maximum DC blocking voltage
VDC
2000
2500
3000
3500
4000
Volts
Maximum average forward rectified current
0.375" (9.5mm) lead length at TA=55°C
I(AV)
0.25
Amp
Peak forward surge current
8.3ms single half sine-wave superimposed on rated load at:
IFSM
15.0
Amps
(JEDEC Method)
TA=55°C
Maximum instantaneous forward voltage at 1.0A
VF
3.0
Volts
Maximum DC reverse current
TA= 25°C
5.0
at rated DC blocking voltage
TA=100°C
IR
50.0
µA
Typical reverse recovery time (NOTE 1)
trr
2.0
µs
Typical junction capacitance (NOTE 2)
CJ
3.0
pF
Typical thermal resistance (NOTE 3)
R
ΘJA
130.0
°C/W
Operating junction and storage temperature range
TJ, TSTG
-65 to +175
°C
NOTES:
(1) Reverse recovery test conditions: IF=0.5A, IR=1.0A, Irr=0.25A
(2) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts
(3) Thermal resistance from junction to ambient at 0.375" (9.5mm) lead lengths, P.C.B. mounted
HIGH VOLTAGE GLASS PASSIVATED JUNCTION RECTIFIER


Similar Part No. - GP02-30

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GP02-30 GE-GP02-30 Datasheet
59Kb / 2P
   HIGH VOLTAGE GLASS PASSIVATED JUNCTION RECTIFIER
logo
First Components Intern...
GP02-30 FCI-GP02-30 Datasheet
108Kb / 2P
   HIGH VOLTAGE MINIATURE PLASTIC RECTIFIERS
logo
TAITRON Components Inco...
GP02-30 TAITRON-GP02-30 Datasheet
126Kb / 4P
   0.25A Sintered Glass Passivated Rectifier
logo
RFE international
GP02-30 RFE-GP02-30 Datasheet
78Kb / 1P
   LEADED (THRU-HOLE) High Voltage Rectifiers
logo
Vishay Siliconix
GP02-30 VISHAY-GP02-30 Datasheet
77Kb / 4P
   High Voltage Glass Passivated Junction Rectifier
Revision: 15-Mar-11
More results

Similar Description - GP02-30

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
GI250-1 GOOD-ARK-GI250-1 Datasheet
141Kb / 2P
   HIGH VOLTAGE GLASS PASSIVATED JUNCTION RECTIFIER
logo
Vishay Siliconix
GP02-20 VISHAY-GP02-20 Datasheet
77Kb / 4P
   High Voltage Glass Passivated Junction Rectifier
Revision: 15-Mar-11
logo
General Semiconductor
GP02-20 GE-GP02-20 Datasheet
59Kb / 2P
   HIGH VOLTAGE GLASS PASSIVATED JUNCTION RECTIFIER
logo
Vishay Siliconix
GI250-1 VISHAY-GI250-1 Datasheet
102Kb / 4P
   High Voltage Glass Passivated Junction Rectifier
Revision: 03-Apr-08
GP02-40-E3 VISHAY-GP02-40-E3 Datasheet
77Kb / 4P
   High Voltage Glass Passivated Junction Rectifier
Revision: 15-Mar-11
logo
Zowie Technology Corpor...
GP10-35 ZOWIE-GP10-35 Datasheet
76Kb / 2P
   HIGH VOLTAGE SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
GF02-20H ZOWIE-GF02-20H Datasheet
60Kb / 2P
   HIGH VOLTAGE SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
GF02-20 ZOWIE-GF02-20 Datasheet
58Kb / 2P
   HIGH VOLTAGE SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
GP02-20H ZOWIE-GP02-20H Datasheet
61Kb / 2P
   HIGH VOLTAGE SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
GP10-30 ZOWIE-GP10-30 Datasheet
77Kb / 2P
   HIGH VOLTAGE SINTERED GLASS PASSIVATED JUNCTION RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com