Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC4W66FU Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TC4W66FU
Description  Dual Bilateral Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC4W66FU Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TC4W66FU_08 Datasheet HTML 1Page - Toshiba Semiconductor TC4W66FU_08 Datasheet HTML 2Page - Toshiba Semiconductor TC4W66FU_08 Datasheet HTML 3Page - Toshiba Semiconductor TC4W66FU_08 Datasheet HTML 4Page - Toshiba Semiconductor TC4W66FU_08 Datasheet HTML 5Page - Toshiba Semiconductor TC4W66FU_08 Datasheet HTML 6Page - Toshiba Semiconductor TC4W66FU_08 Datasheet HTML 7Page - Toshiba Semiconductor TC4W66FU_08 Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TC4W66F/FU
2007-11-01
5
5. Crosstalk (switch I/O)
6. Crosstalk (control input)
7. Total Harmonic Distortion, fmax (I/O-O/I), Feedthrough (switch OFF)
0 V
2.5 V
−2.5 V
f
1
I/O IN.


Similar Part No. - TC4W66FU_08

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC4W66FU TOSHIBA-TC4W66FU Datasheet
273Kb / 7P
   DUAL BILATERAL SWITCH
More results

Similar Description - TC4W66FU_08

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC4W66F TOSHIBA-TC4W66F_07 Datasheet
415Kb / 8P
   Dual Bilateral Switch
logo
STMicroelectronics
74V2T66 STMICROELECTRONICS-74V2T66_07 Datasheet
442Kb / 14P
   Dual bilateral switch
logo
Toshiba Semiconductor
TC7W66FK0 TOSHIBA-TC7W66FK0_09 Datasheet
222Kb / 10P
   Dual Bilateral Switch
logo
STMicroelectronics
74V2G66 STMICROELECTRONICS-74V2G66 Datasheet
62Kb / 8P
   DUAL BILATERAL SWITCH
logo
Toshiba Semiconductor
TC4W66F TOSHIBA-TC4W66F Datasheet
273Kb / 7P
   DUAL BILATERAL SWITCH
logo
STMicroelectronics
74V2G66 STMICROELECTRONICS-74V2G66_03 Datasheet
166Kb / 9P
   DUAL BILATERAL SWITCH
logo
Toshiba Semiconductor
TC7W66F TOSHIBA-TC7W66F Datasheet
298Kb / 10P
   DUAL BILATERAL SWITCH
logo
STMicroelectronics
74V2T66 STMICROELECTRONICS-74V2T66 Datasheet
161Kb / 9P
   DUAL BILATERAL SWITCH
June 2003
logo
Toshiba Semiconductor
TC7W66F TOSHIBA-TC7W66F_01 Datasheet
328Kb / 11P
   DUAL BILATERAL SWITCH
logo
Texas Instruments
SN74LVC2G66 TI-SN74LVC2G66_07 Datasheet
585Kb / 19P
[Old version datasheet]   DUAL BILATERAL ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com