Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA3222N Datasheet(PDF) 8 Page - Sony Corporation

Part # CXA3222N
Description  TX Gain Control Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3222N Datasheet(HTML) 8 Page - Sony Corporation

  CXA3222N Datasheet HTML 1Page - Sony Corporation CXA3222N Datasheet HTML 2Page - Sony Corporation CXA3222N Datasheet HTML 3Page - Sony Corporation CXA3222N Datasheet HTML 4Page - Sony Corporation CXA3222N Datasheet HTML 5Page - Sony Corporation CXA3222N Datasheet HTML 6Page - Sony Corporation CXA3222N Datasheet HTML 7Page - Sony Corporation CXA3222N Datasheet HTML 8Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
– 8 –
CXA3222N
Package Outline
Unit: mm
SONY CODE
EIAJ CODE
JEDEC CODE
PACKAGE MATERIAL
LEAD TREATMENT
LEAD MATERIAL
PACKAGE MASS
EPOXY RESIN
SOLDER / PALLADIUM
COPPER ALLOY
PACKAGE STRUCTURE
SSOP-8P-L01
PLATING
SSOP008-P-0044
0.04g
8PIN SSOP (PLASTIC)
0.24 – 0.07
+ 0.08
0.65
∗3.0 ± 0.1
1.25 – 0.1
+ 0.2
0.1
A
B
0.24 – 0.07
+ 0.08
(0.22)
0.1 ± 0.05
0.25
0° to 10°
1
4
5
8
0.13 M
DETAIL B
A
DETAIL
NOTE: Dimension “
∗” does not include mold protrusion.


Similar Part No. - CXA3222N

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3222AN SONY-CXA3222AN Datasheet
126Kb / 8P
   TX Gain Control Amplifier
More results

Similar Description - CXA3222N

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3222AN SONY-CXA3222AN Datasheet
126Kb / 8P
   TX Gain Control Amplifier
CXA3202N SONY-CXA3202N Datasheet
163Kb / 10P
   TX Gain Control Amplifier
CXA3202AN SONY-CXA3202AN Datasheet
135Kb / 10P
   TX Gain Control Amplifier
CXA3201AN SONY-CXA3201AN Datasheet
154Kb / 10P
   RX Gain Control Amplifier
CXA3001N SONY-CXA3001N Datasheet
254Kb / 12P
   RX Gain Control Amplifier
CXA3201N SONY-CXA3201N Datasheet
189Kb / 10P
   RX Gain Control Amplifier
CXA3002N SONY-CXA3002N Datasheet
234Kb / 12P
   RX Gain Control Amplifier
CXA3221AN SONY-CXA3221AN Datasheet
126Kb / 8P
   RX Gain Control Amplifier
CXA3221N SONY-CXA3221N Datasheet
151Kb / 8P
   RX Gain Control Amplifier
logo
Toshiba Semiconductor
TA4018F TOSHIBA-TA4018F_07 Datasheet
611Kb / 8P
   VHF Gain Control Amplifier Application
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com