Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA3236N Datasheet(PDF) 7 Page - Sony Corporation

Part # CXA3236N
Description  All Band TV Tuner IC with On-chip PLL
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3236N Datasheet(HTML) 7 Page - Sony Corporation

Back Button CXA3236N Datasheet HTML 3Page - Sony Corporation CXA3236N Datasheet HTML 4Page - Sony Corporation CXA3236N Datasheet HTML 5Page - Sony Corporation CXA3236N Datasheet HTML 6Page - Sony Corporation CXA3236N Datasheet HTML 7Page - Sony Corporation CXA3236N Datasheet HTML 8Page - Sony Corporation CXA3236N Datasheet HTML 9Page - Sony Corporation CXA3236N Datasheet HTML 10Page - Sony Corporation CXA3236N Datasheet HTML 11Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
—7—
CXA3235/3236N
Item
SDA, SCL
“H” level input voltage
“L” level input voltage
“H” level input current
“L” level input current
SDA “L” output voltage
Clock input hysteresis
Clock rate
CPO (charge pump)
Output current 1
Output current 2
Leak current 1
Leak current 2
REFOSC
Oscillator
frequency range
Input capacitance
Drive level
BVL, BVH, BU (Band SW)
Output current
Saturation voltage
Leak current
FMT (Band SW)
Output current
Saturation voltage
Leak current
Bus timing
SCL clock frequency
Start waiting time
Start hold time
Low hold time
High hold time
Start setup time
Data hold time
Data setup time
Rise time
Fall time
Start setup time
Symbol
VIH
VIL
IIH
IIL
LSDA
CIHYS
CIRATE
ICPO1
ICPO2
LeakCP1
LeakCP2
FXTOSC
CXTOSC
VXTOSC
IBS1
VSAT1
LeakBS1
IBS2
VSAT2
LeakBS2
fSCL
tWSTA
tHSTA
tLOW
tHIGH
tSSTA
tHDAT
tSDAT
tR
tF
tSSTO
Measurement conditions
VIH = VCC
VIL = GND
Sink current = 3 mA
Byte4/Bit6 = 0
Byte4/Bit6 = 1
Byte4/Bit6 = 0
Byte4/Bit6 = 1
When ON
When ON
Sink current = 20 mA
When OFF
When ON
When ON
Sink current = 5 mA
When OFF
See Timing Chart on Page 15.
See Timing Chart on Page 15.
See Timing Chart on Page 15.
See Timing Chart on Page 15.
See Timing Chart on Page 15.
See Timing Chart on Page 15.
See Timing Chart on Page 15.
See Timing Chart on Page 15.
See Timing Chart on Page 15.
See Timing Chart on Page 15.
Min.
Typ.
Max.
Unit
3
VCC
V
GND
1.5
V
0
–0.1
µA
–1
–2
µA
0.4
V
0.25
0.4
0.65
V
0.5
MHz
±35
±50
±75
µA
±140
±200
±300
µA
30
nA
100
nA
3
12
MHz
17.5
19
20.5
pF
200
400
mVp-p
–25
mA
100
200
mV
0.5
3
µA
–7
mA
75
150
mV
0.03
0.1
µA
0
400
kHz
1300
ns
600
ns
1300
ns
600
ns
600
ns
1300
ns
600
ns
300
ns
300
ns
600
ns
PLL Block
1 Measured value for untuned inputs.
2 Noise figure is the direct-reading value of NF meter in DSB.
3 Desired signal (fD) input level is –30 dBm. Undesired signal (fUD) is 100 kHz, 30 % AM at ±12 MHz.
The measurement value is undesired signal level, it measured with a spectrum analyzer at S/I=46 dB.
4 Value when the PLL is not operating.


Similar Part No. - CXA3236N

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3238TN SONY-CXA3238TN Datasheet
333Kb / 27P
   6/4-channel Read/Write Amplifier for GMR-Ind Head Hard Disk Drive
CXA3239TN SONY-CXA3239TN Datasheet
333Kb / 27P
   6/4-channel Read/Write Amplifier for GMR-Ind Head Hard Disk Drive
More results

Similar Description - CXA3236N

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3085AN SONY-CXA3085AN Datasheet
325Kb / 23P
   All Band TV Tuner IC with On-chip PLL
CXA3250AN SONY-CXA3250AN Datasheet
415Kb / 36P
   All Band TV Tuner IC with On-chip PLL
CXA3135AN SONY-CXA3135AN Datasheet
319Kb / 23P
   All Band TV Tuner IC with On-chip PLL
CXA3185 SONY-CXA3185 Datasheet
318Kb / 23P
   All Band TV Tuner IC with On-chip PLL
CXA3252N SONY-CXA3252N Datasheet
303Kb / 32P
   All Band TV Tuner IC with On-chip PLL
CXA3205N SONY-CXA3205N Datasheet
320Kb / 23P
   All Band TV Tuner IC with On-chip PLL
CXA3250N SONY-CXA3250N Datasheet
384Kb / 35P
   All Band TV Tuner IC with On-chip PLL
CXA3555N SONY-CXA3555N Datasheet
225Kb / 28P
   All Band Tuner IC with On-chip PLL
CXA3627ER SONY-CXA3627ER Datasheet
42Kb / 27P
   All Band Tuner IC with On-chip PLL
CXA3627N SONY-CXA3627N Datasheet
231Kb / 28P
   All Band Tuner IC with On-chip PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com