Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA3239TN Datasheet(PDF) 10 Page - Sony Corporation

Part # CXA3239TN
Description  6/4-channel Read/Write Amplifier for GMR-Ind Head Hard Disk Drive
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3239TN Datasheet(HTML) 10 Page - Sony Corporation

Back Button CXA3239TN Datasheet HTML 6Page - Sony Corporation CXA3239TN Datasheet HTML 7Page - Sony Corporation CXA3239TN Datasheet HTML 8Page - Sony Corporation CXA3239TN Datasheet HTML 9Page - Sony Corporation CXA3239TN Datasheet HTML 10Page - Sony Corporation CXA3239TN Datasheet HTML 11Page - Sony Corporation CXA3239TN Datasheet HTML 12Page - Sony Corporation CXA3239TN Datasheet HTML 13Page - Sony Corporation CXA3239TN Datasheet HTML 14Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
—10—
CXA3238TN/CXA3239TN
Electrical Characteristics
(Unless otherwise specified; VCC=5 V, VEE=–3 V, Ta=25 °C, CAP=0.1 µF, RS=7.5 k
Ω)
No.
Item
Symbol
Measurement conditions
Min.
Typ.
Max.
Unit
Power Dissipation
IW=31 mA, IB=6.0 mA
Digital Inputs
1-1
1-2
1-3
1-4
1-6
1-7
1-8
1-9
VCC power supply current
VEE power supply current
Bank write mode
ISP1
IID1
IRE1
IWR1
IID2
IRE2
IWR2
ICCBW
VIL
VIH
ITTL
VSIL
VSIH
IST
VWDV
VWDA
IWD
VPIH
VPIL
Vdiff
SLEEP mode
IDLE mode
Read mode
Write mode
IDLE mode
Read mode
Write mode
ICCBW=17+17
×N+IW×N,
IW=31 mA
TTL input; R/XW
Pull-up resister : 100 k
High voltage : 5 V
Low voltage : 0 V
Serial input; SDATA, SCLK,
SDEN
High voltage : 5 V, Low voltage : 0 V
Pull-down resister : 14 k
Write data input
Input voltage : 4 V
VDD=3.3 V
(VPIH–VPIL)
× 2
2.1
2.8
mA
22
29
mA
36
47
mA
80
100
mA
10
13
mA
10
13
mA
10
13
mA
300
mA
0
0.8
V
2.0
VCC+
V
0.3
–100
100
µA
1
V
4
V
–1000
1000
µA
VCC
VCC
V
–2.5
+0.3
0.3
1.5
V
–20
20
µA
VDD–0.2
VDD
V
2.0
VDD–0.5 VDD–0.3
V
400
800
1300
mV
TTL input
low input voltage
TTL input
high input voltage
TTL input
input current
Serial interface input
low input voltage
Serial interface input
high input voltage
Serial interface input
input current
P ECL input
Voltage range
P ECL input
Input amplitude
P ECL input current
P ECL input
high input voltage 2
P ECL input
low input voltage 2
P ECL input
differential voltage 2
2-1
2-2
2-3
2-4
2-5
2-6
3-1
3-2
3-3
3-4
3-5
3-6


Similar Part No. - CXA3239TN

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3235 SONY-CXA3235 Datasheet
313Kb / 23P
   All Band TV Tuner IC with On-chip PLL
CXA3236N SONY-CXA3236N Datasheet
313Kb / 23P
   All Band TV Tuner IC with On-chip PLL
More results

Similar Description - CXA3239TN

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3541N SONY-CXA3541N Datasheet
190Kb / 17P
   2-channel Read/Write Amplifier for GMR-Ind Head Hard Disk Drive
CXA1940N SONY-CXA1940N Datasheet
225Kb / 16P
   4ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3170AN SONY-CXA3170AN Datasheet
232Kb / 18P
   6ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
logo
Hitachi Semiconductor
HA166024FP HITACHI-HA166024FP Datasheet
150Kb / 6P
   Read/Write IC for Hard Disk Drive
logo
Sony Corporation
CXA3090N SONY-CXA3090N Datasheet
223Kb / 17P
   6ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3092N SONY-CXA3092N Datasheet
192Kb / 18P
   4ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3188N SONY-CXA3188N Datasheet
209Kb / 16P
   2ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3510N SONY-CXA3510N Datasheet
205Kb / 18P
   4ch. Read/Write Amplifier for Thin Film Head of Hard Disk Drive
CXA3171N SONY-CXA3171N Datasheet
230Kb / 18P
   4ch. Read/Write Amplifier for three terminal MIG Head of Hard Disk Drive
logo
Motorola, Inc
MC34250 MOTOROLA-MC34250 Datasheet
145Kb / 4P
   HARD DISK DRIVE READ CHANNEL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com