Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BGA7014 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BGA7014
Description  RF Manual 16th edition
Download  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BGA7014 Datasheet(HTML) 3 Page - NXP Semiconductors

  BGA7014 Datasheet HTML 1Page - NXP Semiconductors BGA7014 Datasheet HTML 2Page - NXP Semiconductors BGA7014 Datasheet HTML 3Page - NXP Semiconductors BGA7014 Datasheet HTML 4Page - NXP Semiconductors BGA7014 Datasheet HTML 5Page - NXP Semiconductors BGA7014 Datasheet HTML 6Page - NXP Semiconductors BGA7014 Datasheet HTML 7Page - NXP Semiconductors BGA7014 Datasheet HTML 8Page - NXP Semiconductors BGA7014 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 130 page
background image
4
NXP Semiconductors RF Manual 16th edition
NXP's RF Manual is one of the most important reference tools on the market for today’s
RF designers. It features our complete range of RF products, from low- to high-power signal
conditioning, organized by application and function, and with a focus on design-in support.
When it comes to RF, the first thing on the designer's mind is to meet the
specified performance. NXP brings clarity to every aspect of your design
challenge, so you can unleash the performance of your RF and microwave
designs. NXP delivers a portfolio of high-performance RF technology that
allows you to differentiate your product – no matter where in the RF world
you are. That’s why customers trust us with their mission-critical designs.
Whether it’s LDMOS and GaN for high-power RF applications or Si and
SiGe:C BiCMOS for your small-signal needs, we’ve got you covered.
Our broad portfolio of far-reaching technologies gives you the freedom
to design with confidence.
Shipping more than four billion RF products annually, NXP is a clear industry
leader in High Performance RF. From satellite receivers, cellular base
stations, and broadcast transmitters to ISM (industrial, scientific, medical)
and aerospace and defense applications, you will find the High Performance
RF products that will help you realize a clear advantage in your products,
your reputation, and your business.
So if you're looking to improve your RF performance, design a highly
efficient signal chain, or break new ground with an innovative ISM
application, NXP will help you unleash the performance of your
next-generation RF and microwave designs.
NXP enables you to unleash the performance
of next-generation RF and microwave designs


Similar Part No. - BGA7014

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BGA700L16 INFINEON-BGA700L16 Datasheet
245Kb / 2P
   Low Noise Amplifier for IEEE 802.11a/b/g/n
logo
NXP Semiconductors
BGA7027 NXP-BGA7027 Datasheet
570Kb / 19P
   400 MHz to 2700 MHz 0.5 W high linearity silicon amplifier
Rev. 1-11 August 2010
More results

Similar Description - BGA7014

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAP70AM PHILIPS-BAP70AM Datasheet
1Mb / 8P
   RF Manual 7th edition
Rev. 2-7 September 2010
logo
Motorola, Inc
M68000 MOTOROLA-M68000_1 Datasheet
7Mb / 224P
   Microprocessor User Manual Ninth Edition
MC68EC000EI8 MOTOROLA-MC68EC000EI8 Datasheet
7Mb / 224P
   MICROPROCESSOR USERS MANUAL NINTH EDITION
logo
List of Unclassifed Man...
JEDI ETC1-JEDI Datasheet
345Kb / 2P
   Seeed Studio Edition
logo
API Technologies Corp
3056 APITECH-3056 Datasheet
477Kb / 1P
   RF Manual Step Attenuator
logo
Delta Electronics, Inc.
FHS-A9020S01 DELTA-FHS-A9020S01 Datasheet
729Kb / 2P
   Extreme edition sequence
logo
Yantel Corporation
1333 YANTEL-1333 Datasheet
134Kb / 2P
   SMD RF Manual Tunable Inductor
2611 YANTEL-2611 Datasheet
142Kb / 2P
   SMD RF Manual Tunable Inductor
2616 YANTEL-2616 Datasheet
135Kb / 2P
   SMD RF Manual Tunable Inductor
2713 YANTEL-2713 Datasheet
182Kb / 2P
   SMD RF Manual Tunable Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com