Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC7SG08FE Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC7SG08FE
Description  TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7SG08FE Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC7SG08FE_09 Datasheet HTML 1Page - Toshiba Semiconductor TC7SG08FE_09 Datasheet HTML 2Page - Toshiba Semiconductor TC7SG08FE_09 Datasheet HTML 3Page - Toshiba Semiconductor TC7SG08FE_09 Datasheet HTML 4Page - Toshiba Semiconductor TC7SG08FE_09 Datasheet HTML 5Page - Toshiba Semiconductor TC7SG08FE_09 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TC7SG08FE
2009-09-09
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7SG08FE
2-Input AND Gate
Features
• High output current: ±8 mA (min) at VCC = 3.0 V
• Super high speed operation: tpd = 2.5 ns (typ.)
at VCC = 3.3 V,15pF
• Operating voltage range:
VCC = 0.9 to 3.6 V
• 5.5-V tolerant inputs
• 3.6-V power down protection output
Marking
Pin Assignment (top view)
Absolute Maximum Ratings (Ta = 25°C)
Note:
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if
the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/Derating Concept and Methods) and individual reliability data (i.e. reliability test report
and estimated failure rate, etc).
Note 1: VCC=0V
Note 2: High or Low state. Do not exceed IOUT of absolute maximum ratings.
Note 3: VOUT<GND
(ESV)
Weight: 0.003 g (typ.)
Characteristics
Symbol
Rating
Unit
Supply voltage
VCC
−0.5 to 4.6
V
DC input voltage
VIN
−0.5 to 7.0
V
−0.5 to 4.6 (Note 1)
DC output voltage
VOUT
−0.5 to VCC + 0.5 (Note 2)
V
Input diode current
IIK
−20
mA
Output diode current
IOK
−20
(Note 3)
mA
DC output current
IOUT
±25
mA
DC VCC/ground current
ICC
±50
mA
Power dissipation
PD
50
mW
Storage temperature
Tstg
−65 to 150
°C
Product Name
W 2
5 VCC
4
OUT Y
IN A
2
GND
3
IN B
1


Similar Part No. - TC7SG08FE_09

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7SG08FE TOSHIBA-TC7SG08FE Datasheet
166Kb / 6P
   2 Input AND Gate
More results

Similar Description - TC7SG08FE_09

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MH175FK TOSHIBA-TC7MH175FK Datasheet
149Kb / 7P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC83220-0020 TOSHIBA-TC83220-0020 Datasheet
224Kb / 16P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7MH574FK TOSHIBA-TC7MH574FK Datasheet
126Kb / 8P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC390F TOSHIBA-TC74AC390F Datasheet
315Kb / 8P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74ACT32F TOSHIBA-TC74ACT32F Datasheet
247Kb / 6P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74HC283AP TOSHIBA-TC74HC283AP Datasheet
287Kb / 7P
   TOSHIBA CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC7WB126FK TOSHIBA-TC7WB126FK Datasheet
98Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7PA05FU TOSHIBA-TC7PA05FU Datasheet
181Kb / 8P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74LVX125FTELM TOSHIBA-TC74LVX125FTELM Datasheet
190Kb / 7P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TCS10DPU TOSHIBA-TCS10DPU_14 Datasheet
162Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TCS10SLU TOSHIBA-TCS10SLU_14 Datasheet
217Kb / 6P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com