Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXA3250N Datasheet(PDF) 1 Page - Sony Corporation

Part # CXA3250N
Description  All Band TV Tuner IC with On-chip PLL
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA3250N Datasheet(HTML) 1 Page - Sony Corporation

  CXA3250N Datasheet HTML 1Page - Sony Corporation CXA3250N Datasheet HTML 2Page - Sony Corporation CXA3250N Datasheet HTML 3Page - Sony Corporation CXA3250N Datasheet HTML 4Page - Sony Corporation CXA3250N Datasheet HTML 5Page - Sony Corporation CXA3250N Datasheet HTML 6Page - Sony Corporation CXA3250N Datasheet HTML 7Page - Sony Corporation CXA3250N Datasheet HTML 8Page - Sony Corporation CXA3250N Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
—1—
E98X34-TE
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
Absolute Maximum Ratings (Ta=25 °C)
• Supply voltage
VCC1, VCC2 –0.3 to +5.5
V
VCC3
–0.3 to +10.0
V
• Storage temperature
Tstg
–55 to +150
°C
• Allowable power dissipation
PD
580
mW
(when mounted on a printed circuit board)
Operating Conditions
• Supply voltage
VCC1, VCC2 4.75 to 5.30
V
VCC3
4.75 to 9.45
V
• Operating temperature Topr
–25 to +75
°C
Description
The CXA3250N is a monolithic TV tuner IC which
integrates local oscillator and mixer circuits for VHF
band, local oscillator and mixer circuits for UHF
band, an IF amplifier and a tuning PLL onto a single
chip, enabling further miniaturization of the tuner.
Features
• Low power consumption (5 V, 69 mA typ.)
• Superior cross modulation
• Balanced UHF oscillator (4 pins) with excellent
oscillation stability
• Supports both I2C and 3-wire bus modes
• Automatic identification of 18, 19 or 27-bit control
(during 3-wire bus mode)
• On-chip A/D converter (during I2C bus mode)
• On-chip high voltage drive transistor for charge
pump
• Reference frequency selectable from 31.25, 50 or
62.5 kHz (when using a 4 MHz crystal)
• Low-phase noise synthesizer
• On-chip 4-output band switch (supports output
voltages from 5 to 9 V)
Applications
• TV tuners
• VCR tuners
• CATV tuners
Structure
Bipolar silicon monolithic IC
All Band TV Tuner IC with On-chip PLL
30 pin SSOP (Plastic)
CXA3250N
This IC has the pins whose electrostatic discharge strength is weak as the operating frequency is high and the high-frequency
process is used for this IC.
Take care of handling the IC.


Similar Part No. - CXA3250N

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3250AN SONY-CXA3250AN Datasheet
415Kb / 36P
   All Band TV Tuner IC with On-chip PLL
More results

Similar Description - CXA3250N

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3085AN SONY-CXA3085AN Datasheet
325Kb / 23P
   All Band TV Tuner IC with On-chip PLL
CXA3235 SONY-CXA3235 Datasheet
313Kb / 23P
   All Band TV Tuner IC with On-chip PLL
CXA3250AN SONY-CXA3250AN Datasheet
415Kb / 36P
   All Band TV Tuner IC with On-chip PLL
CXA3135AN SONY-CXA3135AN Datasheet
319Kb / 23P
   All Band TV Tuner IC with On-chip PLL
CXA3185 SONY-CXA3185 Datasheet
318Kb / 23P
   All Band TV Tuner IC with On-chip PLL
CXA3252N SONY-CXA3252N Datasheet
303Kb / 32P
   All Band TV Tuner IC with On-chip PLL
CXA3205N SONY-CXA3205N Datasheet
320Kb / 23P
   All Band TV Tuner IC with On-chip PLL
CXA3555N SONY-CXA3555N Datasheet
225Kb / 28P
   All Band Tuner IC with On-chip PLL
CXA3627ER SONY-CXA3627ER Datasheet
42Kb / 27P
   All Band Tuner IC with On-chip PLL
CXA3627N SONY-CXA3627N Datasheet
231Kb / 28P
   All Band Tuner IC with On-chip PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com