Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM2100B Datasheet(PDF) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # SM2100B
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

SM2100B Datasheet(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

  SM2100B Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd SM2100B Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
20V-100V
2.0A
SM220B THRU SM2100B
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
Mechanical Data
Web Site: www.taychipst.com
1 of 2
FEATURES
E-mail: sales@taychipst.com
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
* Ideal for surface mount applications
* Easy pick and place
* Built-in strain relief
* Low forward voltage drop
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Metallurgically bonded construction
* Polarity: Color band denotes cathode end
* Mounting position: Any
* Weight: 0.102 grams
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
See Fig. 1
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage at 2.0A
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
Typical Junction Capacitance (Note1)
2.0
50
1.0
20
75
-65
+125
-65
+150
-65
+150
A
A
V
mA
mA
pF
Typical Thermal Resistance RqJA (Note 2)
0.55
0.85
0.70
170
NOTES:
1. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2. Thermal Resistance Junction to Ambient.
C
C
C/W
Operating
Storage Temperature Range TSTG
Temperature Range TJ
V
20
30
40
50
60
80
90
100
20
30
40
50
60
80
90
100
14
21
28
35
42
56
63
70
V
V
SM220B SM230B SM240B SM250B SM260B SM280B SM290B SM2100B
UNITS


Similar Part No. - SM2100B

ManufacturerPart #DatasheetDescription
logo
UNIOHM CORPORATION
SM2100B UNIOHM-SM2100B Datasheet
67Kb / 2P
   2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SM2100B SECOS-SM2100B Datasheet
223Kb / 2P
   2.0 AMP Surface Mount Schottky Barrier Rectifiers
SM2100B SECOS-SM2100B Datasheet
230Kb / 2P
   2.0 AMP Surface Mount Schottky Barrier Rectifiers
logo
Leshan Radio Company
SM2100B LRC-SM2100B Datasheet
188Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 20 to100V Forward Current 2.0A
logo
Goodwork Semiconductor ...
SM2100B GWSEMI-SM2100B Datasheet
64Kb / 2P
   2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SM2100B

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SK12 EIC-SK12 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK32S EIC-SK32S Datasheet
12Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SKO2 EIC-SKO2 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
SD320YS PANJIT-SD320YS_09 Datasheet
89Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SD820T PANJIT-SD820T_09 Datasheet
47Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Weitron Technology
B120L WEITRON-B120L Datasheet
100Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P2L VISHAY-MSS1P2L_11 Datasheet
91Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS1P3 VISHAY-MSS1P3_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS2P2 VISHAY-MSS2P2_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
logo
Weitron Technology
B520B WEITRON-B520B_09 Datasheet
603Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P5 VISHAY-MSS1P5 Datasheet
107Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 04-Aug-08
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com