Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

15KP51 Datasheet(PDF) 6 Page - Protek Devices

Part # 15KP51
Description  15kW power tvs component
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

15KP51 Datasheet(HTML) 6 Page - Protek Devices

  15KP51 Datasheet HTML 1Page - Protek Devices 15KP51 Datasheet HTML 2Page - Protek Devices 15KP51 Datasheet HTML 3Page - Protek Devices 15KP51 Datasheet HTML 4Page - Protek Devices 15KP51 Datasheet HTML 5Page - Protek Devices 15KP51 Datasheet HTML 6Page - Protek Devices 15KP51 Datasheet HTML 7Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05023.R11 9/12
Page 6
15KP17A - 15KP280A
thRu-hole PAcKAge inFoRmAtion
outline Dimensions
Dim
millimeteRs
inches
min
mAX
min
mAX
A
9.18
11.22
0.36
0.44
B
24.38
26.42
0.96
1.04
C
15.75
17.27
0.62
0.68
D
16.51
-
0.65
-
E
14.74
15.75
0.58
0.62
F
1.19
1.35
0.047
0.053
notes
1. Dimensions are exclusive of mold flash and metal burrs.
A
C
B
F
E
D
oRDeRing inFoRmAtion
BAse PARt numBeR
(xx = voltage)
leADFRee suFFiX
tAPe suFFiX
Qty/Reel
Reel siZe
tuBe Qty
15KPxx
-LF
n/a
n/a
n/a
n/a
15KPxxA
-LF
n/a
n/a
n/a
n/a
15KPxxCA
-LF
n/a
n/a
n/a
n/a
notes
1. Marking on Part - logo, part number, date code and positive terminal marked with dot (unidirectional only).
Package outline per document number 06027.R2 9/09.


Similar Part No. - 15KP51

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
15KP51 EIC-15KP51 Datasheet
42Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
15KP51 MICROSEMI-15KP51 Datasheet
79Kb / 2P
   TRANSIENT ABSORPTION ZENER
logo
Protek Devices
15KP51 PROTEC-15KP51 Datasheet
65Kb / 5P
   POWER TVS COMPONENT
logo
Pan Jit International I...
15KP51 PANJIT-15KP51 Datasheet
58Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
15KP51 ETC-15KP51 Datasheet
481Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 15KP51

ManufacturerPart #DatasheetDescription
logo
Protek Devices
P15KP17 PROTEC-P15KP17_12 Datasheet
427Kb / 7P
   15kW POWER TVS COMPONENT
P15KP17 PROTEC-P15KP17_15 Datasheet
308Kb / 7P
   15kW POWER TVS COMPONENT
15KP17A PROTEC-15KP17A_10 Datasheet
552Kb / 7P
   15kW power tvs component
15KPA17A PROTEC-15KPA17A_10 Datasheet
420Kb / 7P
   15kW power tvs component
P15KP17 PROTEC-P15KP17 Datasheet
424Kb / 7P
   15kW power tvs component
15KPA17A PROTEC-15KPA17A_12 Datasheet
422Kb / 7P
   15kW power tvs component
PAM16AL30A PROTEC-PAM16AL30A Datasheet
383Kb / 5P
   15kW POWER TVS COMPONENT
SM15KPA17A PROTEC-SM15KPA17A_15 Datasheet
370Kb / 6P
   15kW SURFACE MOUNT POWER TVS COMPONENT
SM15KPA17AN PROTEC-SM15KPA17AN Datasheet
412Kb / 7P
   15kW SURFACE MOUNT POWER TVS COMPONENT
SM15KPA17A PROTEC-SM15KPA17A Datasheet
450Kb / 6P
   15kW SURFACE MOUNT POWER TVS COMPONENT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com