Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STD7NK40ZT4 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # STD7NK40ZT4
Description  Non-Dimmable 120VAC Evaluation Board
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

STD7NK40ZT4 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button STD7NK40ZT4 Datasheet HTML 3Page - Diodes Incorporated STD7NK40ZT4 Datasheet HTML 4Page - Diodes Incorporated STD7NK40ZT4 Datasheet HTML 5Page - Diodes Incorporated STD7NK40ZT4 Datasheet HTML 6Page - Diodes Incorporated STD7NK40ZT4 Datasheet HTML 7Page - Diodes Incorporated STD7NK40ZT4 Datasheet HTML 8Page - Diodes Incorporated STD7NK40ZT4 Datasheet HTML 9Page - Diodes Incorporated STD7NK40ZT4 Datasheet HTML 10Page - Diodes Incorporated STD7NK40ZT4 Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
AL9910EV8 120VAC ND Ref Design Report
October 2011
AL9910-EV8 (10/27/2011)
Page 7 of 14
Case #2 => Test conditions: VIN=120VAC; OUT=96V/45mA
#
Name
Quantity
Part number
Manufacturer
Description
1 U1
1 AL9910S-13
Diodes
Universal High Voltage LED Driver
2
D1,2,3,
4
1 HD02-T
Diodes
RECT BRIDGE GP 200V 0.8A MINIDIP
3 D6
1 MUR160-T
Diodes
DIODE ULTRA FAST 1A 600V DO-41
4 Q1
1 STD7NK40ZT4
ST
MOSFET N-CH 400V 5.4A DPAK
5 C4
1 C0402X7R1A221K
Vishay
CAP CER 220PF 10V X7R 01005
6 C3
1 C1608X7R1A105K
TDK
CAP CER 1.0UF 10V X7R 0603
7 R1
1 CRCW0402330KFKTD
Vishay
RES 330K OHM 1/16W 1% 0402 SMD
8 R3
1 CRCW04021K00FKED
Vishay
RES 1.0K OHM 1/16W 1% 0402 SMD
9 R2
1 CRCW040222R0FKED
Vishay
RES 22.0 OHM 1/16W 1% 0402 SMD
10 R4
1 CRCW08052R94FKEA
Vishay
RES 2.94 OHM 1/8W 1% 0805 SMD
11 R6
1 CRCW120616R0FKEA
Vishay
RES 16.0 OHM 1/4W 1% 1206 SMD
12 R9
1 CRCW1206510KJNEA
Vishay
RES 510K OHM 1/4W 5% 1206 SMD
13 R7
1 CRCW0402787RFKED
Vishay
RES 787 OHM 1/16W 1% 0402 SMD
14 C1, C2
2 VJ1812Y104KXETW1BC
Vishay
CAP Multilayer Cer (MLCC) – SMD /
SMT 1812 0.1uF 500volts X7R 10%
16 C5
2 C3225X7S2A475K
TDK
CAP CER 4.7uF//4.7uF 100V 1210
16 L1
1 LPS5015-225ML
Coilcraft
Inductor 2.2mH 64mA
17 L2
1 13R476C
Murata
Inductor Radial 47mH 0.045A


Similar Part No. - STD7NK40ZT4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD7NK40Z STMICROELECTRONICS-STD7NK40Z Datasheet
605Kb / 13P
   N-CHANNEL 400V-0.85ohm-5.4A TO-220/TO-220FP/DPAK/IPAK Zener-Protected SuperMESH?줡ower MOSFET
logo
SHENZHEN DOINGTER SEMIC...
STD7NK40Z DOINGTER-STD7NK40Z Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
logo
STMicroelectronics
STD7NK40Z-1 STMICROELECTRONICS-STD7NK40Z-1 Datasheet
605Kb / 13P
   N-CHANNEL 400V-0.85ohm-5.4A TO-220/TO-220FP/DPAK/IPAK Zener-Protected SuperMESH?줡ower MOSFET
More results

Similar Description - STD7NK40ZT4

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI3402-EVB SILABS-SI3402-EVB Datasheet
1Mb / 14P
   NON-ISOLATED EVALUATION BOARD
logo
Diodes Incorporated
AP1694AEV10 DIODES-AP1694AEV10 Datasheet
756Kb / 10P
   120VAC Triac Dimmable GU10 LED Driver
logo
Monolithic Power System...
MP4068 MPS-MP4068 Datasheet
745Kb / 20P
   Non-Isolated,TRIAC Dimmable PFC LED Driver for 120VAC, Up to 10W LEDs
logo
IXYS Corporation
IXDN0037 IXYS-IXDN0037 Datasheet
410Kb / 31P
   Non-Dimmable Fluorescent Ballast
logo
Silicon Laboratories
SI3402B SILABS-SI3402B Datasheet
452Kb / 13P
   NON-ISOLATED EVALUATION BOARD FOR THE Si3402B
logo
Monolithic Power System...
EV3307-J-00A MPS-EV3307-J-00A Datasheet
448Kb / 6P
   Non-Synchronized White LED Driver Evaluation Board
EV4056-K-00A MPS-EV4056-K-00A Datasheet
375Kb / 15P
   198VAC~265VAC/50Hz, 48V/340mA Low Cost, Non-isolated with Active PFC TRIAC Dimmable LED Driver Evaluation Board
logo
List of Unclassifed Man...
BUBOE27160WF05 ETC2-BUBOE27160WF05 Datasheet
1Mb / 8P
   6W Non Dimmable Light Bulb
logo
TE Connectivity Ltd
SSL-75W TEC-SSL-75W Datasheet
385Kb / 2P
   75W Non Dimmable LED Driver
logo
Diodes Incorporated
AP1695EV4 DIODES-AP1695EV4 Datasheet
755Kb / 10P
   120VAC Triac Dimmable GU10 LED Driver with Integrated MOSEFT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com