Selected language     English  ā–¼


TC7USB31FK Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part No. TC7USB31FK
Description  TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

 6 page
background image
TC7USB31FK
2009-11-12
6
Capacitive Characteristics (Ta = 25Ā°C)
Characteristics
Symbol
Test Condition
VCC (V)
Typ.
Unit
Control pin input capacitance (
OE )
CIN
VIN = 0 V
(Note)
3.3
4
pF
Switch terminal Off capacitance
CI/O
VIS = 0 V, OE = VCC
(Note)
3.3
2
pF
Switch terminal On capacitance
CI/O
VIS = 0 V, OE = GND
(Note)
3.3
4
pF
Note: This parameter is guaranteed by design.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl