Selected language     English  ▼


TC7USB31FK Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part No. TC7USB31FK
Description  TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo 

 
 1 page
background image
TC7USB31FK
2009-11-12
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC7USB31FK
Dual SPST USB Switch
TC7USB31 is high-speed CMOS dual SPST USB Switch. The
low ON- resistance and the low capacitance of the switch allow
connections to USB application.
The TC7USB31 requires the output enable ( OE ) input to be
set high to place the output into the high impedance.
All inputs are equipped with protection circuits against static
discharge.
Features
• Operating voltage: VCC = 2.3 to 3.6 V
• ON-capacitance: CI/O = 4 pF Switch ON (typ.)@VCC = 3.3 V
• ON-resistance: RON = 4.5 Ω (typ.) @VCC = 3 V, VI/O = 0 V
• RON Flatness: RON(flat) = 1.2 Ω (typ.) @VCC = 3 V
• Delta RON: ΔRON = 0.5 Ω (typ.) @VCC = 3 V
• ESD performance: Machine model ≥ ± 200V
Human body model ≥ ± 2000V
• Power-down protection for inputs ( OE and I/O)
• Package
: US8
Pin Assignment (top view)
TC7USB31FK
Weight
SSOP8-P-0.50A
: 0.01 g (typ)
FK (SSOP8-P-0.50A)
VCC
HSD+ D+
OE
HSD- D-
GND
NC
8
7
6
5
1
2
3
4
U S B
3 1




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl